Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD103AWS-AU_R2_000A1 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SD103AWS-AU_R2_000A1
Description  SURFACE MOUNT SCHOTTKY BARRIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SD103AWS-AU_R2_000A1 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SD103AWS-AU_R2_000A1 Datasheet HTML 1Page - Pan Jit International Inc. SD103AWS-AU_R2_000A1 Datasheet HTML 2Page - Pan Jit International Inc. SD103AWS-AU_R2_000A1 Datasheet HTML 3Page - Pan Jit International Inc. SD103AWS-AU_R2_000A1 Datasheet HTML 4Page - Pan Jit International Inc. SD103AWS-AU_R2_000A1 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
March 13,2013-REV.02
SD103AWS-AU
SURFACE MOUNT SCHOTTKY BARRIER
VOLTAGE
40 Volts
0.35 Ampers
MECHANICAL DATA
• Case: SOD-323, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.00014 ounces, 0.0041 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25OC ambient temperature unless otherwise specified. For capacitive load, derate current by 20%.
CURRENT
1
2
Cathode
Anode
NOTES : 1.Mounted on an FR4 PCB, single-sided copper, mini pad.
P ar am et er
S ym bol
Value
Uni ts
M ar k i ng C ode
-
S 6
-
M axi m um Rec ur r ent P eak Rever s e Voltage
V
RRM
40
V
Ma xi mum RM S Vo lta g e
V
RMS
28
V
Ma xi mum D C B lo c k i ng Vo lt a g e
V
DC
40
V
M axi m um A ver age F or war d C ur r ent at T
A =7 5
O CI
F(A V )
0. 35
A
P eak F o r war d S ur ge C ur r ent at 10
SI
FS M
2A
M axi m um Ins t ant aneous F or war d Voltage
V
F
0. 37@ 0. 02A
0. 6@ 0. 2A
V
Ma xi mum Re ve rs e C ur r e nt
I
R
5@ 30V
uA
Typi cal J unc t i on C apac i tanc e at V
R=0 V
C
J
50
pF
M a xi m um Ther m a l R e si stance ( Note 1)
R
JA
650
O C / W
O per at i ng J unc t i on and S t or age Tem per at ur e Range
T
J
- 55 t o + 1 25
O C
0.078(1.95)
0.068(1.75)
0.054(1.35)
0.045(1.15)
0.107(2.7)
0.090(2.3)
0.012(0.30)MIN.
0.006(0.15)
0.002(0.05)
0.014(0.35)
0.009(0.25)
0.036(0.90)
0.027(0.70)
FEATURES
• Low turn-on voltage
• Fast switching
• PN Junction Guard Ring for Transient and ESD Protection
• Acqire quality system certificate : TS16949
• Lead free in comply with EU RoHS 2011/65/EU directives
• Green molding compound as per IEC61249 Std. . (Halogen Free)


Similar Part No. - SD103AWS-AU_R2_000A1

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103AWS-AU_R2_000A1 PANJIT-SD103AWS-AU_R2_000A1 Datasheet
302Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
More results

Similar Description - SD103AWS-AU_R2_000A1

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT42WS PANJIT-BAT42WS Datasheet
113Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
SD103AWS PANJIT-SD103AWS Datasheet
56Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Taiwan Semiconductor Co...
TSS42U TSC-TSS42U_14 Datasheet
186Kb / 4P
   Surface Mount Schottky Barrier
logo
Pan Jit International I...
BAT54TG PANJIT-BAT54TG_09 Datasheet
111Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT42W PANJIT-BAT42W_16 Datasheet
211Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54 PANJIT-BAT54_16 Datasheet
147Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2 PANJIT-BAT54FN2_16 Datasheet
191Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2-AU PANJIT-BAT54FN2-AU Datasheet
194Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54STB-AU PANJIT-BAT54STB-AU_16 Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TB PANJIT-BAT54TB_16 Datasheet
279Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TM PANJIT-BAT54TM_16 Datasheet
146Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com