Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ76925PWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76925PWR
Description  Host Controlled Analog Front End for 3-Series to 6-Series Cell Li-Ion/Li-Polymer Battery
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ76925PWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ76925PWR Datasheet HTML 3Page - Texas Instruments BQ76925PWR Datasheet HTML 4Page - Texas Instruments BQ76925PWR Datasheet HTML 5Page - Texas Instruments BQ76925PWR Datasheet HTML 6Page - Texas Instruments BQ76925PWR Datasheet HTML 7Page - Texas Instruments BQ76925PWR Datasheet HTML 8Page - Texas Instruments BQ76925PWR Datasheet HTML 9Page - Texas Instruments BQ76925PWR Datasheet HTML 10Page - Texas Instruments BQ76925PWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
bq76925
www.ti.com
SLUSAM9B
– JULY 2011 – REVISED DECEMBER 2011
3.3 V Voltage Regulator
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
3.3 V VOLTAGE REGULATOR
VCTL
Regulator control voltage (1)(2)
Measured at VCTL, V3P3 regulating
3.3
26.4
V
VV3P3
Regulator output
Measured at V3P3, IREG = 0 to 4 mA,
3.2
3.3
3.4
V
BAT = 4.2 to 26.4 V
IREG
V3P3 output current
4.0
mA
ISC
V3P3 short circuit current limit
V3P3 = 0.0 V
10.0
17.0
mA
VTB
Thermistor bias voltage
Measured at VTB, ITB = 0
VV3P3
V
ITB
Thermistor bias current
1.0
mA
RTB
Thermistor bias internal resistance RDS,ON for internal FET switch, ITB = 1.0 mA
90
130
(1)
When a bypass FET is used to supply the regulated 3.3V load current, VCTL automatically adjusts to keep V3P3 = 3.3 V. Note that
VCTL,MIN and the FET VGS will determine the minimum BAT voltage at which the bypass FET will operate.
(2)
If VCTL is tied to BAT, the load current is supplied through V3P3.
Voltage Reference
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VOLTAGE REFERENCE
Before gain correction, TA = 25°C
REF_SEL = 0
1.44
1.56
V
REF_SEL = 1
2.88
3.12
VREF
Voltage reference output
After gain correction, (1)TA = 25°C
REF_SEL = 0
–0.1%
1.5
+0.1%
REF_SEL = 1
–0.1%
3.0
+0.1%
VCOUT_SEL = 2
–0.9%
0.5
×
+0.9%
V
VREF
Reference calibration
VCOUT_SEL = 3
–0.5%
0.85
×
+0.5%
VREF_CAL
Measured at VCOUT
voltage
VREF
(0.85
× VREF) – (0.5
–0.3%
0.35
×
+0.3%
V
× VREF)
VREF
∆VREF
Voltage reference tolerance TA = 0 – 50°C
–40
40
ppm/
°C
IREF
VREF output current
10
µA
(1)
Gain correction factor determined at final test and stored in non-volatile storage. Gain correction is applied by Host controller.
Cell Voltage Amplifier
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
REF_SEL = 0
–1.6%
0.3
1.5%
GVCOUT Cell voltage amplifier gain
Measured from VCn to VCOUT
REF_SEL = 1
–1.6%
0.6
1.5%
OVCOUT Cell voltage amplifier offset
Measured from VCn to VCOUT
–16
15
mV
REF_SEL = 0
1.47
1.5
1.53
V
Measured at VCOUT, VCn = 5.0 V
VCOUT
Cell voltage amp output range (1)
REF_SEL = 1
2.94
3.0
3.06
V
Measured at VCOUT, VCn = 0.0 V
0.0
V
VCn = 1.4 V to 4.4 V, After
TA = 25°C
–3
3
correction, (2)
TA = 0°C to 50°C
–5
5
∆VCOUT Cell voltage amplifier accuracy
mV
Measured at VCOUT (3)
TA = –25°C to 85°C
–8
8
REF_SEL = 1(4)
IVCOUT
VCOUT output current(5)
10
µA
tVCOUT
Delay from VCn select to VCOUT Output step of 200 mV. COUT = 0.1 µF
100
µs
(1)
For VCn values greater than 5.0 V, VCOUT clamps at approximately V3P3.
(2)
Correction factor determined at final test and stored in non-volatile storage. Correction is applied by Host controller.
(3)
Output referred. Input referred accuracy is calculated as
∆VCOUT / GVCOUT (e.g. 3 / 0.6 = 5).
(4)
Correction factors are calibrated for gain of 0.6. Tolerance at gain of 0.3 is approximately doubled. Contact TI for information on devices
calibrated to a gain of 0.3.
(5)
Max DC load for specified accuracy.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): bq76925


Similar Part No. - BQ76925PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ76925PWR TI1-BQ76925PWR Datasheet
5Mb / 43P
[Old version datasheet]   Host-Controlled Analog Front
More results

Similar Description - BQ76925PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ76925 TI1-BQ76925 Datasheet
743Kb / 29P
[Old version datasheet]   Host Controlled Analog Front End for 3 to 6 Series Cell Lithium-Ion/ Polymer Battery
logo
Intersil Corporation
ISL94208 INTERSIL-ISL94208_14 Datasheet
916Kb / 36P
   4- to 6-Cell Li-ion Battery Management Analog Front-End
June 21, 2013
logo
Renesas Technology Corp
ISL94208 RENESAS-ISL94208 Datasheet
1Mb / 36P
   4- to 6-Cell Li-ion Battery Management Analog Front-End
logo
Intersil Corporation
ISL94208 INTERSIL-ISL94208 Datasheet
955Kb / 37P
   4- to 6-Cell Li-ion Battery Management Analog Front-End
logo
Renesas Technology Corp
ISL94201 RENESAS-ISL94201 Datasheet
801Kb / 19P
   Multi-Cell Li-ion Battery Pack Analog Front-End
logo
Intersil Corporation
ISL94201 INTERSIL-ISL94201 Datasheet
301Kb / 19P
   Multi-Cell Li-ion Battery Pack Analog Front-End
logo
Renesas Technology Corp
ISL94200 RENESAS-ISL94200 Datasheet
1Mb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front-End
logo
Intersil Corporation
ISL94200 INTERSIL-ISL94200 Datasheet
422Kb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front-End
ISL9208 INTERSIL-ISL9208 Datasheet
502Kb / 29P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front End
ISL9208_0711 INTERSIL-ISL9208_0711 Datasheet
503Kb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com