Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ27410EVM Datasheet(PDF) 8 Page - Texas Instruments

Part # BQ27410EVM
Description  bq27410EVM: Single-Cell Impedance Track Technology
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ27410EVM Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ27410EVM Datasheet HTML 4Page - Texas Instruments BQ27410EVM Datasheet HTML 5Page - Texas Instruments BQ27410EVM Datasheet HTML 6Page - Texas Instruments BQ27410EVM Datasheet HTML 7Page - Texas Instruments BQ27410EVM Datasheet HTML 8Page - Texas Instruments BQ27410EVM Datasheet HTML 9Page - Texas Instruments BQ27410EVM Datasheet HTML 10Page - Texas Instruments BQ27410EVM Datasheet HTML 11Page - Texas Instruments BQ27410EVM Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Operation
www.ti.com
7.2
PC Interface Connection
The following steps configure the hardware for interface to the PC.
Connect the bq27410-based EVM to the EV2300 using wire leads as shown in Table 4.
Table 4. Circuit Module to EV2300 Connections
bq27410EVM
EV2300
SDA
SDA
SCL
SCL
VSS
GND
Connect the PC USB cable to the EV2300 and the PC USB port.
For battery insertion detection configuration, see the data sheet for details.
The bq27410EVM is now set up for operation.
8
Operation
This section details the operation of the bq27410 EVSW software.
8.1
Starting the Program
Run bq27410 EVSW from the Start | Programs | Texas Instruments | bq Evaluation Software menu
sequence. The DataRAM screen (see Figure 7) appears. Data begins to appear once the
<Refresh>
(single time scan) button is clicked, or when the
<Keep Scanning> check box is checked. To disable the
scan feature, deselect
<Keep Scanning>.
The continuous scanning period can be set with the | Options | and | Set Scan Interval | menu selections.
The range for this interval is 0 ms to 65,535 ms. Only items that are selected for scanning are scanned
within this period.
The bq27410 EVSW provides a logging function which logs the values that were last scanned by EVSW.
To enable this function, select the Start Logging button; this causes the Keep Scanning button to be
selected. When logging is stopped, the Keep Scanning button is still selected and has to be manually
unchecked.
The logging intervals are specified under the | Options | menu with the maximum value of 65,535 ms. The
Log interval cannot be smaller than the scan interval because this results in the same value being logged
at least twice.
8
bq27410EVM: Single-Cell Impedance Track
™ Technology
SLUU482A
– February 2011 – Revised August 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - BQ27410EVM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27410-G1 TI1-BQ27410-G1 Datasheet
489Kb / 29P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
MARCH2011
BQ27410DRZR-G1 TI1-BQ27410DRZR-G1 Datasheet
489Kb / 29P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
MARCH2011
BQ27410DRZT-G1 TI1-BQ27410DRZT-G1 Datasheet
489Kb / 29P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
MARCH2011
More results

Similar Description - BQ27410EVM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27350 TI-BQ27350 Datasheet
485Kb / 33P
[Old version datasheet]   Single Cell Li-Ion Battery Manager With Impedance Track Fuel Gauge Technology
BQ34Z100 TI-BQ34Z100 Datasheet
880Kb / 50P
[Old version datasheet]   Wide Range Fuel Gauge with Impedance Track??Technology
BQ78Z100 TI1-BQ78Z100 Datasheet
1Mb / 39P
[Old version datasheet]   Impedance Track Gas Gauge
logo
GigaDevice Semiconducto...
GD9FU1G8F2AMG GIGADEVICE-GD9FU1G8F2AMG Datasheet
1Mb / 55P
   Single level cell technology
logo
Texas Instruments
BQ27Z746 TI-BQ27Z746 Datasheet
1Mb / 30P
[Old version datasheet]   BQ27Z746 Impedance Track??Technology Battery Gas Gauge and Protection Solution for 1-Series Cell Li-Ion Battery Packs
SLUSDW2 ??NOVEMBER 2021
BQ34Z100-R2 TI-BQ34Z100-R2 Datasheet
1Mb / 27P
[Old version datasheet]   BQ34Z100-R2 Wide Range Fuel Gauge with Impedance Track™ Technology
DECEMBER 2022
BQ27426 TI1-BQ27426 Datasheet
920Kb / 25P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27500-V120 TI-BQ27500-V120 Datasheet
789Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27510-G3 TI1-BQ27510-G3 Datasheet
1Mb / 30P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27505-J4 TI-BQ27505-J4 Datasheet
520Kb / 38P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com