Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24085DRCRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ24085DRCRG4
Description  750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24085DRCRG4 Datasheet(HTML) 3 Page - Texas Instruments

  BQ24085DRCRG4 Datasheet HTML 1Page - Texas Instruments BQ24085DRCRG4 Datasheet HTML 2Page - Texas Instruments BQ24085DRCRG4 Datasheet HTML 3Page - Texas Instruments BQ24085DRCRG4 Datasheet HTML 4Page - Texas Instruments BQ24085DRCRG4 Datasheet HTML 5Page - Texas Instruments BQ24085DRCRG4 Datasheet HTML 6Page - Texas Instruments BQ24085DRCRG4 Datasheet HTML 7Page - Texas Instruments BQ24085DRCRG4 Datasheet HTML 8Page - Texas Instruments BQ24085DRCRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
ELECTRICAL CHARACTERISTICS
bq24085, bq24086
bq24087, bq24088
www.ti.com............................................................................................................................................. SLUS784D – DECEMBER 2007 – REVISED AUGUST 2009
over recommended operating range, TJ = 0 –125°C range, See the Application Circuits section, typical values at TJ = 25°C
(unless otherwise noted), RTMR = 49.9KΩ
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER DOWN THRESHOLD – UNDERVOLTAGE LOCKOUT
V(IN) = 0 V, increase V(OUT): 0 → 3 V OR
UVLO
Power down threshold
V(OUT) = 0 V, increase V(IN): 0 → 3 V,
1.5
3
V
CE = LO (1)
V(IN) = 0 V → 5 V in 1 µs to
tDGL(PG)
Deglitch time on power good
2
ms
PG:HI
→ LO
INPUT POWER DETECTION, CE = HI or LOW, V(IN) > 3.5 V
VIN(DT)
Input power detection threshold
V(IN) detected at [V(IN) – V(OUT)] > VIN(DT)
130
mV
Input power not detected at
VHYS(INDT)
Input power detection hysteresis
30
mV
[V(IN) – V(OUT)] < [VIN(DT) – VHYS(INDT)]
Delay time, input power not detected
tDGL(NOIN)
PG: LO
→HI after tDGL(NOIN)
10
µs
status(1)
Charger turned off after tDLY(CHGOFF), Measured
tDLY(CHGOFF)
Charger off delay
25
ms
from PG: LO
→ HI; Timer reset after tDLY(CHGOFF)
INPUT OVERVOLTAGE PROTECTION
bq24088
10.2
10.5
11.7
V(OVP)
Input overvoltage detection threshold
V(IN) increasing
V
bq24085/6/7
6.2
6.5
7
bq24088
0.5
VHYS(OVP)
Input overvoltage hysteresis
V(IN) decreasing
V
bq24085/6/7
0.2
CE = HI or LO, Measured from V(IN) > V(OVP) to
tDGL(OVDET)
Input overvoltage detection delay
100
µs
PG: LO
→ HI; VIN increasing
CE = HI or LO, Measured from V(IN) < V(OVP)
tDGL(OVNDET)
Input overvoltage not detected delay(1)
100
µs
to PG: HI
→ LO; V(IN) decreasing
QUIESCENT CURRENT
V(IN) = 6 V
100
200
Input power detected,
ICC(CHGOFF)
IN pin quiescent current, charger off
µA
CE = HI
V(IN) = 16.5 V
350
ICC(CHGON)
IN pin quiescent current, charger on
Input power detected, CE = LO, VBAT = 4.5 V
4
6
mA
Battery leakage current after termination
Input power detected, charge terminated,
IBAT(DONE)
1
5
µA
into IC
CE = LO
Battery leakage current into IC, charger
Input power detected, CE = HI OR
IBAT(CHGOFF)
1
5
µA
off
input power not detected, CE = LO
TS PIN COMPARATOR
V(TS1)
Lower voltage temperature threshold
Hot detected at V(TS) < V(TS1); NTC thermistor
29
30
31
%V(IN)
V(TS2)
Upper voltage temperature threshold
Cold detected at V(TS) > V(TS2); NTC thermistor
60
61
62
%V(IN)
Temp OK at V(TS) > [ V(TS1) + VHYS(TS) ] OR
VHYS(TS)
Hysteresis
2
%V(IN)
V(TS) < [ V(TS2) – VHYS(TS) ]
CE INPUT
VIL
Input (low) voltage
V(/CE)
0
1
V
VIH
Input (high) voltage
V(/CE)
2
V
STAT1, STAT2 AND PG OUTPUTS , V(IN) ≥ VO(REG) + V(DO-MAX)
VOL
Output (low) saturation voltage
Iout = 1 mA (sink)
200
mV
THERMAL SHUTDOWN
T(SHUT)
Temperature trip
Junction temperature, temp rising
155
°C
T(SHUTHYS)
Thermal hysteresis
Junction temperature
20
°C
(1)
Specified by design, not production tested.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): bq24085, bq24086 bq24087, bq24088


Similar Part No. - BQ24085DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24085DRCR TI1-BQ24085DRCR Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24085DRCR TI1-BQ24085DRCR Datasheet
1Mb / 42P
[Old version datasheet]   750-mA Single-Chip Li-Ion and Li-Pol Charge Management IC With Thermal Regulation
More results

Similar Description - BQ24085DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24085 TI-BQ24085 Datasheet
1Mb / 34P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24085 TI1-BQ24085_17 Datasheet
1Mb / 42P
[Old version datasheet]   750-mA Single-Chip Li-Ion and Li-Pol Charge Management IC With Thermal Regulation
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ2406X6X TI-BQ2406X6X_07 Datasheet
1Mb / 33P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ2406X TI-BQ2406X Datasheet
1Mb / 31P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24200DGNG4 TI1-BQ24200DGNG4 Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
logo
Lowpower Semiconductor ...
LP28056S POWER-LP28056S Datasheet
522Kb / 8P
   1.2A Single-chip Li-ion and Li-POL Charge
logo
Texas Instruments
BQ24081 TI-BQ24081 Datasheet
163Kb / 10P
[Old version datasheet]   bq24081EVM 1-A Single-Chip Li-Ion and Li-Pol Charge Management IC Evaluation Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com