Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7817UC Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7817UC
Description  12-Bit Differential Input Micro Power Sampling
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7817UC Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS7817UC Datasheet HTML 7Page - Texas Instruments ADS7817UC Datasheet HTML 8Page - Texas Instruments ADS7817UC Datasheet HTML 9Page - Texas Instruments ADS7817UC Datasheet HTML 10Page - Texas Instruments ADS7817UC Datasheet HTML 11Page - Texas Instruments ADS7817UC Datasheet HTML 12Page - Texas Instruments ADS7817UC Datasheet HTML 13Page - Texas Instruments ADS7817UC Datasheet HTML 14Page - Texas Instruments ADS7817UC Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
ADS7817
11
SBAS066A
D
OUT
1.4V
Test Point
3k
100pF
C
LOAD
t
r
D
OUT
V
OH
V
OL
t
f
t
dDO
t
hDO
D
OUT
DCLOCK
V
OH
V
OL
V
IL
D
OUT
Test Point
t
dis Waveform 2, ten
t
dis Waveform 1
100pF
C
LOAD
3k
t
dis
CS/SHDN
DOUT
Waveform 1(1)
DOUT
Waveform 2(2)
90%
10%
V
IH
1
B11
2
t
en
CS/SHDN
DCLOCK
V
OL
D
OUT
V
CC
Load Circuit for tdDO, tr, and tf
Voltage Waveforms for DOUT Rise and Fall Times tr, and tf
Voltage Waveforms for DOUT Delay Times, tdDO
Load Circuit for tdis and tden
Voltage Waveforms for ten
FIGURE 5. Timing Diagrams and Test Circuits for the Parameters in Table I.
Voltage Waveforms for tdis
NOTES: (1) Waveform 1 is for an output with internal conditions such that
the output is HIGH unless disabled by the output control. (2) Waveform 2
is for an output with internal conditions such that the output is LOW unless
disabled by the output control.
1000
100
10
1
1
10
100
1000
Sample Rate (kHz)
T
A = 25°C
V
CC = +5V
V
REF = +2.5V
f
CLK = 3.2MHz
FIGURE 6. Maintaining fCLK at the Highest Possible Rate
Allows Supply Current to Drop Directly with
Sample Rate.
FIGURE 7. Scaling fCLK Reduces Supply Current Only
Slightly with Sample Rate.
1000
100
10
1
1
10
100
1000
Sample Rate (kHz)
T
A = 25°C
V
CC = +5V
V
REF = +2.5V
f
CLK = 16 • fSAMPLE


Similar Part No. - ADS7817UC

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7817 BURR-BROWN-ADS7817 Datasheet
172Kb / 15P
   12-Bit Differential Input Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7817B BURR-BROWN-ADS7817B Datasheet
172Kb / 15P
   12-Bit Differential Input Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7817C BURR-BROWN-ADS7817C Datasheet
172Kb / 15P
   12-Bit Differential Input Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7817UC

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7817 BURR-BROWN-ADS7817 Datasheet
172Kb / 15P
   12-Bit Differential Input Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
National Semiconductor ...
ADC121S625 NSC-ADC121S625 Datasheet
1Mb / 20P
   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
logo
Texas Instruments
ADC121S625 TI1-ADC121S625_15 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
ADS7816EB TI1-ADS7816EB Datasheet
984Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling
ADS7816PG4 TI-ADS7816PG4 Datasheet
931Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling
ADC121S625 TI1-ADC121S625_14 Datasheet
1Mb / 31P
[Old version datasheet]   ADC121S625 12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
logo
Analog Devices
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7352 AD-AD7352_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com