Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS6125IRHBTG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS6125IRHBTG4
Description  12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6125IRHBTG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS6125IRHBTG4 Datasheet HTML 5Page - Texas Instruments ADS6125IRHBTG4 Datasheet HTML 6Page - Texas Instruments ADS6125IRHBTG4 Datasheet HTML 7Page - Texas Instruments ADS6125IRHBTG4 Datasheet HTML 8Page - Texas Instruments ADS6125IRHBTG4 Datasheet HTML 9Page - Texas Instruments ADS6125IRHBTG4 Datasheet HTML 10Page - Texas Instruments ADS6125IRHBTG4 Datasheet HTML 11Page - Texas Instruments ADS6125IRHBTG4 Datasheet HTML 12Page - Texas Instruments ADS6125IRHBTG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
www.ti.com
TIMING CHARACTERISTICS – LVDS AND CMOS MODES
(1)
ADS6125, ADS6124
ADS6123, ADS6122
SLAS560A – OCTOBER 2007 – REVISED MARCH 2008
Typical values are at 25
°C, min and max values are across the full temperature range T
MIN = –40°C to TMAX = 85°C, AVDD =
DRVDD = 3.3 V, maximum rated sampling frequency, sine wave input clock, 1.5 VPP clock amplitude, CL = 5 pF
(2), I
O = 3.5
mA, RL = 100 Ω
(3), no internal termination, unless otherwise noted.
For timings at lower sampling frequencies, see section Output Timings in the APPLICATION INFORMATION of this data
sheet.
ADS6125
ADS6124
ADS6123
ADS6122
FS = 125 MSPS
FS = 105 MSPS
FS = 80 MSPS
FS = 65 MSPS
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Aperture
ta
0.7
1.5
2.5
0.7
1.5
2.5
0.7
1.5
2.5
0.7
1.5
2.5
ns
delay
Aperture
tj
150
150
150
150
fs rms
jitter
From global power
15
50
15
50
15
50
15
50
µs
down
Wake-up
time
From standby
15
50
15
50
15
50
15
50
µs
(to valid
From output
CMOS
100
200
100
200
100
200
100
200
ns
data)
buffer
LVDS
200
500
200
500
200
500
200
500
ns
disable
clock
Latency
9
9
9
9
cycles
DDR LVDS MODE(4), DRVDD = 3.3 V
Data valid (6) to
Data setup
tsu
zero-cross of
1.7
2.3
2.5
3.1
3.9
4.5
5.4
6.0
ns
time(5)
CLKOUTP
Zero-cross of
Data hold
th
CLKOUTP to data
0.7
1.7
0.7
1.7
0.7
1.7
0.7
1.7
ns
time(5)
becoming invalid(6)
Input clock rising edge
Clock
zero-cross to output
tPDI
propagation
4.3
5.8
7.3
4.3
5.8
7.3
4.3
5.8
7.3
4.3
5.8
7.3
ns
clock rising edge
delay
zero-cross
Duty cycle of
LVDS bit
differential clock,
clock duty
(CLKOUTP-
40%
47%
55%
40%
47%
55%
40%
47%
55%
40%
47%
55%
cycle
CLKOUTM)
10
≤ Fs ≤ 125 MSPS
Rise time measured
Data rise
from –50 mV to 50 mV
tr
time,
Fall time measured
70
100
170
70
100
170
70
100
170
70
100
170
ps
tf
Data fall
from 50 mV to –50 mV
time
1
≤ Fs ≤ 125 MSPS
Rise time measured
tCLKRI
Output clock
from –50 mV to 50 mV
SE
rise time,
Fall time measured
70
100
170
70
100
170
70
100
170
70
100
170
ps
tCLKFA
Output clock
from 50 mV to –50 mV
LL
fall time
1
≤ Fs ≤ 125 MSPS
PARALLEL CMOS MODE, DRVDD = 2.5 V to 3.3 V, default output buffer drive strength (7)
Data setup
Data valid(8) to 50% of
tsu
2.9
4.4
3.6
5.1
5.1
6.6
6.5
8.0
ns
time(5)
CLKOUT rising edge
50% of CLKOUT
Data hold
th
Rising edge to data
1.3
2.7
2.1
3.5
3.6
5.0
5.1
6.5
ns
time(5)
becoming invalid(8)
Clock
Input clock rising edge
tPDI
propagation
zero-cross to 50% of
5
6.5
7.9
5
6.5
7.9
5
6.5
7.9
5
6.5
7.9
ns
delay
CLKOUT rising edge
(1)
Timing parameters are specified by design and characterization and not tested in production.
(2)
CL is the Effective external single-ended load capacitance between each output pin and ground.
(3)
IO Refers to the LVDS buffer current setting; RL is the differential load resistance between the LVDS output pair.
(4)
Measurements are done with a transmission line of 100
Ω characteristic impedance between the device and the load.
(5)
Setup and hold time specifications take into account the effect of jitter on the output data and clock.
(6)
Data valid refers to logic high of +100 mV and logic low of –100 mV.
(7)
For DRVDD < 2.2V, it is recommended to use external clock for data capture and NOT the device output clock signal (CLKOUT). See
Parallel CMOS interface in application section.
(8)
Data valid refers to logic high of 2V (1.7V) and logic low of 0.8 V (0.7V) for DRVDD = 3.3V (2.5V).
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS6125, ADS6124 ADS6123, ADS6122


Similar Part No. - ADS6125IRHBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6125IRHBTG4 TI-ADS6125IRHBTG4 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6125IRHBTG4 TI1-ADS6125IRHBTG4 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results

Similar Description - ADS6125IRHBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6125 TI-ADS6125 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6122 TI1-ADS6122 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P24 TI1-ADS62P24_14 Datasheet
1Mb / 78P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6142-HT TI1-ADS6142-HT Datasheet
970Kb / 49P
[Old version datasheet]   14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
logo
NXP Semiconductors
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com