Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8412 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8412
Description  16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8412 Datasheet(HTML) 2 Page - Texas Instruments

  ADS8412 Datasheet HTML 1Page - Texas Instruments ADS8412 Datasheet HTML 2Page - Texas Instruments ADS8412 Datasheet HTML 3Page - Texas Instruments ADS8412 Datasheet HTML 4Page - Texas Instruments ADS8412 Datasheet HTML 5Page - Texas Instruments ADS8412 Datasheet HTML 6Page - Texas Instruments ADS8412 Datasheet HTML 7Page - Texas Instruments ADS8412 Datasheet HTML 8Page - Texas Instruments ADS8412 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
ADS8406
SLAS426A – AUGUST 2004 – REVISED DECEMBER 2004
ORDERING INFORMATION(1)
MAXIMUM
MAXIMUM
NO MISSING
PACKAGE
TEMPERA-
TRANSPORT
INTEGRAL
DIFFERENTIAL
CODES
PACKAGE
ORDERING
MODEL
DESIG-
TURE
MEDIA
LINEARITY
LINEARITY
RESOLUTION
TYPE
INFORMATION
NATOR
RANGE
QUANTITY
(LSB)
(LSB)
(BIT)
Tape and reel
ADS8406IPFBT
250
48 Pin
ADS8406I
–4 to +4
–2 to +2
15
PFB
–40
°C to 85°C
TQFP
Tape and reel
ADS8406IPFBR
1000
Tape and reel
ADS8406IBPFBT
250
48 Pin
ADS8406IB
–2 to +2
–1 to +1.25
16
PFB
–40
°C to 85°C
TQFP
Tape and reel
ADS8406IBPFBR
1000
(1)
For the most current specifications and package information, refer to our website at www.ti.com.
over operating free-air temperature range unless otherwise noted(1)
UNIT
+IN to AGND
–0.4 V to +VA + 0.1 V
Voltage
–IN to AGND
–0.4 V to +VA + 0.1 V
+VA to AGND
–0.3 V to 7 V
Voltage range
+VBD to BDGND
–0.3 V to 7 V
+VA to +VBD
–0.3 V to 2.55 V
Digital input voltage to BDGND
–0.3 V to +VBD + 0.3 V
Digital output voltage to BDGND
–0.3 V to +VBD + 0.3 V
TA
Operating free-air temperature range
–40
°C to 85°C
Tstg
Storage temperature range
–65
°C to 150°C
Junction temperature (TJ max)
150
°C
Power dissipation
(TJMax - TA)/θJA
TQFP package
θ
JA thermal impedance
86
°C/W
Vapor phase (60 sec)
215
°C
Lead temperature, soldering
Infrared (15 sec)
220
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
2


Similar Part No. - ADS8412

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8412 BURR-BROWN-ADS8412 Datasheet
736Kb / 26P
   16-BIT, 2 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8412 BURR-BROWN-ADS8412 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
ADS8412IBPFBR BURR-BROWN-ADS8412IBPFBR Datasheet
736Kb / 26P
   16-BIT, 2 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8412IBPFBRG4 BURR-BROWN-ADS8412IBPFBRG4 Datasheet
736Kb / 26P
   16-BIT, 2 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8412IBPFBT BURR-BROWN-ADS8412IBPFBT Datasheet
736Kb / 26P
   16-BIT, 2 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
More results

Similar Description - ADS8412

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8406 BURR-BROWN-ADS8406 Datasheet
536Kb / 25P
   16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Texas Instruments
ADS8484 TI1-ADS8484 Datasheet
1Mb / 32P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE,REFERENCE
ADS8484 TI1-ADS8484_15 Datasheet
1Mb / 33P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
ADS8422 TI1-ADS8422_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE REFERENCE
logo
Burr-Brown (TI)
ADS8422 BURR-BROWN-ADS8422 Datasheet
1Mb / 25P
   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
ADS8472 BURR-BROWN-ADS8472 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8422 TI1-ADS8422 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Analog Devices
AD4000 AD-AD4000 Datasheet
1Mb / 33P
   16-Bit, 2 MSPS Precision Pseudo Differential ADC
logo
Texas Instruments
ADS8405IPFBT TI-ADS8405IPFBT Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 1.25-MSPS, UNIPOLAR PSEUDO DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Analog Devices
AD7383-4 AD-AD7383-4 Datasheet
1Mb / 33P
   Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com