Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MV6661A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MV6661A
Description  BICOLOR T-100 (3 mm) SOLID STATE LED LAMPS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MV6661A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MV6661A Datasheet HTML 1Page - Fairchild Semiconductor MV6661A Datasheet HTML 2Page - Fairchild Semiconductor MV6661A Datasheet HTML 3Page - Fairchild Semiconductor MV6661A Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
0.122 (3.1)
0.106 (2.7)
0.047 (1.2)
0.032 (0.8)
0.189 (4.8)
0.165 (4.2)
0.059 (1.5)
0.032 (0.8)
1.040 (26.4)
MIN
0.040 (1.00)
MIN
0.100 (2.54)
Ø0.137 (3.48)
Ø0.113 (2.88)
0.020 (0.51)
SQ. (2X)
CL
Anode for
HER, Green
or Yellow
Anode for AlGaAs Red
BICOLOR T-100 (3 mm)
SOLID STATE LED LAMPS
PACKAGE DIMENSIONS
FEATURES
• Excellent luminous uniformity
• Wide viewing angle
• Solid state reliability
NOTES:
1. Dimensions for all drawings are in inches (mm).
2. Tolerance is ±0.12” unless otherwise specified.
HER / AlGaAs RED
MV6661A
GREEN / AlGaAs RED
MV6461A
YELLOW / AlGaAs RED MV6361A
DESCRIPTION
The MV6X61A series is a bicolor, bipolar LED lamp with
a wide viewing angle of 100°. In particular, MV6461A
offers 4 states - green, red, orange (when AC driven)
and off.
Parameter
AlGaAs Red
HER
Green
Yellow
Units
Continuous Forward Current - IF
30
30
30
25
mA
Peak Forward Current - IF
90
90
90
60
mA
(f = 1.0 KHz, Duty Factor = 1/10)
Reverse Voltage - VR (IR = 10 µA)
5
5
5
5
V
Power Dissipation - PD
135
135
135
95
mW
Operating Temperature - TOPR
-55 to +100
°C
Storage Temperature - TSTG
-55 to +100
°C
Lead Soldering Time - TSOL
260 for 5 sec
°C
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
 2001 Fairchild Semiconductor Corporation
DS300261
5/4/01
1 OF 4
www.fairchildsemi.com


Similar Part No. - MV6661A

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MV6661 QT-MV6661 Datasheet
203Kb / 2P
   BICOLOR T-1 SOLID STATE LAMPS
More results

Similar Description - MV6661A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HLMP-K600 FAIRCHILD-HLMP-K600 Datasheet
112Kb / 4P
   T-100 3 mm SOLID STATE LAMPS
logo
QT Optoelectronics
MV6461 QT-MV6461 Datasheet
203Kb / 2P
   BICOLOR T-1 SOLID STATE LAMPS
logo
Fairchild Semiconductor
MV5439A FAIRCHILD-MV5439A Datasheet
160Kb / 4P
   3 LEAD BICOLOR T-1 3/4 (5 mm) SOLID STATE LAMPS
MV5433 FAIRCHILD-MV5433 Datasheet
150Kb / 4P
   3 LEAD BICOLOR T-1 3/4 (5 mm) SOLID STATE LAMPS
logo
QT Optoelectronics
MV5437 QT-MV5437 Datasheet
181Kb / 2P
   3 LEADS BICOLOR T-1 3/4 SOLID STATE LAMPS
MV5491A QT-MV5491A Datasheet
190Kb / 2P
   BICOLOR AND BIPOLAR T-13/4 SOLID STATE LAMPS
logo
Fairchild Semiconductor
MV50640 FAIRCHILD-MV50640 Datasheet
260Kb / 4P
   DIFFUSED T-100 SOLID STATE LAMPS
HLMP1302 FAIRCHILD-HLMP1302 Datasheet
266Kb / 4P
   DIFFUSED T-100 SOLID STATE LAMPS
logo
QT Optoelectronics
MV50640 QT-MV50640 Datasheet
237Kb / 3P
   DIFFUSED T-100 SOLID STATE LAMPS
logo
Everlight Electronics C...
FLV110 EVERLIGHT-FLV110 Datasheet
366Kb / 4P
   T-1 3/4 (5 mm) SOLID STATE LAMPS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com