Electronic Components Datasheet Search |
|
ADC104S021 Datasheet(PDF) 3 Page - Texas Instruments |
|
|
ADC104S021 Datasheet(HTML) 3 Page - Texas Instruments |
3 / 27 page ADC084S021 www.ti.com SNAS279E – APRIL 2005 – REVISED MARCH 2013 Absolute Maximum Ratings (1) (2) (3) Supply Voltage VA −0.3V to 6.5V Voltage on Any Pin to GND −0.3V to VA +0.3V Input Current at Any Pin (4) ±10 mA Package Input Current(4) ±20 mA Power Consumption at TA = 25°C See (5) ESD Susceptibility (6) Human Body Model 2500V Machine Model 250V Junction Temperature +150°C Storage Temperature −65°C to +150°C (1) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test conditions. (2) All voltages are measured with respect to GND = 0V, unless otherwise specified. (3) If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and specifications. (4) When the input voltage at any pin exceeds the power supply (that is, VIN < GND or VIN > VA), the current at that pin should be limited to 10 mA. The 20 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input current of 10 mA to two. The Absolute Maximum Rating specification does not apply to the VA pin. The current into the VA pin is limited by the Analog Supply Voltage specification. (5) The absolute maximum junction temperature (TJmax) for this device is 150°C. The maximum allowable power dissipation is dictated by TJmax, the junction-to-ambient thermal resistance (θJA), and the ambient temperature (TA), and can be calculated using the formula PDMAX = (TJmax − TA)/θJA. The values for maximum power dissipation listed above will be reached only when the device is operated in a severe fault condition (e.g. when input or output pins are driven beyond the power supply voltages, or the power supply polarity is reversed). Obviously, such conditions should always be avoided. (6) Human body model is 100 pF capacitor discharged through a 1.5 k Ω resistor. Machine model is 220 pF discharged through zero ohms. Operating Ratings (1) (2) Operating Temperature Range −40°C ≤ TA ≤ +85°C VA Supply Voltage +2.7V to +5.25V Digital Input Pins Voltage Range −0.3V to VA Clock Frequency 0.8 MHz to 3.2 MHz Analog Input Voltage 0V to VA (1) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test conditions. (2) All voltages are measured with respect to GND = 0V, unless otherwise specified. Package Thermal Resistance Package θJA 10-lead VSSOP 190°C / W Soldering process must comply with Reflow Temperature Profile specifications. Refer to http://www.ti.com/packaging.(1) (1) Reflow temperature profiles are different for lead-free and non-lead-free packages. Copyright © 2005–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: ADC084S021 |
Similar Part No. - ADC104S021 |
|
Similar Description - ADC104S021 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |