Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIBPAL16R8-30MFKB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TIBPAL16R8-30MFKB
Description  LOW-POWER HIGH-PERFORMANCE IMPACT
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIBPAL16R8-30MFKB Datasheet(HTML) 1 Page - Texas Instruments

  TIBPAL16R8-30MFKB Datasheet HTML 1Page - Texas Instruments TIBPAL16R8-30MFKB Datasheet HTML 2Page - Texas Instruments TIBPAL16R8-30MFKB Datasheet HTML 3Page - Texas Instruments TIBPAL16R8-30MFKB Datasheet HTML 4Page - Texas Instruments TIBPAL16R8-30MFKB Datasheet HTML 5Page - Texas Instruments TIBPAL16R8-30MFKB Datasheet HTML 6Page - Texas Instruments TIBPAL16R8-30MFKB Datasheet HTML 7Page - Texas Instruments TIBPAL16R8-30MFKB Datasheet HTML 8Page - Texas Instruments TIBPAL16R8-30MFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
TIBPAL16L8-25C, TIBPAL16R4-25C, TIBPAL16R6-25C, TIBPAL16R8-25C
TIBPAL16L8-30M, TIBPAL16R4-30M, TIBPAL16R6-30M, TIBPAL16R8-30M
LOW-POWER HIGH-PERFORMANCE
IMPACT ™ PAL® CIRCUITS
SRPS059A − FEBRUARY 1984 − REVISED DECEMBER 2010
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D High-Performance Operation:
Propagation Delay
C Suffix . . . 25 ns Max
M Suffix...30 ns Max
D Functionally Equivalent, but Faster Than
PAL16L8A, PAL16R4A, PAL16R6A, and
PAL16R8A
D Power-Up Clear on Registered Devices (All
Register Outputs Are Set High, but Voltage
Levels at the Output Pins Go Low)
D Package Options Include Both Plastic and
Ceramic Chip Carriers in Addition to Plastic
and Ceramic DIPs
D Dependable Texas Instruments Quality and
Reliability
DEVICE
I
INPUTS
3-STATE
O
OUTPUTS
REGISTERED
Q
OUTPUTS
I/O
PORTS
PAL16L8
10
2
0
6
PAL16R4
8
0
4 (3-state
buffers)
4
PAL16R6
8
0
6 (3-state
buffers)
2
PAL16R8
8
0
8 (3-state
buffers)
0
description
These programmable array logic devices feature
high speed and functional equivalency when
compared with currently available devices. These
IMPACT™ circuits combine the latest Advanced
Low-Power Schottky technology with proven
titanium-tungsten fuses to provide reliable,
high-performance substitutes for conventional
TTL logic. Their easy programmability allows for
quick design of custom functions and typically
results in a more compact circuit board. In
addition, chip carriers are available for further
reduction in board space.
The TIBPAL16’ C series is characterized from 0°C
to 75°C. The TIBPAL16’ M series is characterized
for operation over the full military temperature
range of −55°C to 125°C.
Copyright © 2010, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
IMPACT is a trademark of Texas Instruments.
PAL is a registered trademark of Advanced Micro Devices Inc.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
I
I
I
I
I
I
I
I
I
GND
VCC
O
I/O
I/O
I/O
I/O
I/O
I/O
O
I
TIBPAL16L8’
C SUFFIX ...J OR N PACKAGE
M SUFFIX ...J OR W PACKAGE
(TOP VIEW)
4
5
6
7
8
18
17
16
15
14
I/O
I/O
I/O
I/O
I/O
I
I
I
I
I
TIBPAL16L8’
C SUFFIX . . . FN PACKAGE
M SUFFIX . . . FK PACKAGE
(TOP VIEW)
32 1 20 19
910 11 12 13


Similar Part No. - TIBPAL16R8-30MFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL16R8-30MFK TI-TIBPAL16R8-30MFK Datasheet
287Kb / 19P
[Old version datasheet]   LOW-POWER HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
More results

Similar Description - TIBPAL16R8-30MFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL20L8-25C TI-TIBPAL20L8-25C Datasheet
184Kb / 17P
[Old version datasheet]   LOW-POWER HIGH-PERFORMANCE IMPACT PAL CIRCUITS
TIBPAL16L8-25C TI-TIBPAL16L8-25C Datasheet
287Kb / 19P
[Old version datasheet]   LOW-POWER HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-25C TI-TIBPAL20L8-25C Datasheet
184Kb / 17P
[Old version datasheet]   LOW-POWER HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL16L8-15M TI1-TIBPAL16L8-15M_14 Datasheet
445Kb / 19P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT
TIBPAL22V10C TI1-TIBPAL22V10C_15 Datasheet
473Kb / 20P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
   Low Power High Performance Low Power High Performance
logo
Texas Instruments
TIBPAL22V10-20M TI1-TIBPAL22V10-20M_16 Datasheet
443Kb / 19P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X
TIBPAL20L8-7C TI1-TIBPAL20L8-7C_15 Datasheet
672Kb / 28P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X
TIBPAL22VP10-20C TI1-TIBPAL22VP10-20C_15 Datasheet
448Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X
TIBPAL16R6-15C TI-TIBPAL16R6-15C Datasheet
311Kb / 19P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT PAL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com