Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8800LEETL Datasheet(PDF) 3 Page - Analog Microelectronics

Part # AME8800LEETL
Description  300mA CMOS LDO
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8800LEETL Datasheet(HTML) 3 Page - Analog Microelectronics

  AME8800LEETL Datasheet HTML 1Page - Analog Microelectronics AME8800LEETL Datasheet HTML 2Page - Analog Microelectronics AME8800LEETL Datasheet HTML 3Page - Analog Microelectronics AME8800LEETL Datasheet HTML 4Page - Analog Microelectronics AME8800LEETL Datasheet HTML 5Page - Analog Microelectronics AME8800LEETL Datasheet HTML 6Page - Analog Microelectronics AME8800LEETL Datasheet HTML 7Page - Analog Microelectronics AME8800LEETL Datasheet HTML 8Page - Analog Microelectronics AME8800LEETL Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
AME
3
AME8800 / 8811
300mA CMOS LDO
Rev.T.05
n Ordering Information
AME8811 x x x x x - x
Operating Ambient Temperature Range
Number of Pins
Package Type
Product Grade or Option
Special Feature1
AME8800 x x x x x - x
Special Feature2
Package Lead Pitch
A: 3.3V
1: 1.3V
E: -40OC to +85OC
A: TO-92
T: 3
L: Low Profile
N/A:
Taping
5.08mm
B: 3.0V
2: 2.0V
E: SOT-2X
V: 5
Y: Lead Free &
1:
Bulk
2.54mm
C: 2.8V
3: 4.2V
F: SOT-89
Low Profile
D: 2.5V
4: 4.0V
Z: Lead Free
E: 3.8V
F: 3.6V
G: 3.5V
H: 2.7V
I: 3.4V
J: 2.85V
K: 3.7V
L: 1.5V
M: 1.8V
N: 2.9V
O: 3.1V
P: 4.1V
Q: 4.75V
R: 2.65V
S: 5.0V
U: 3.2V
V: 3.15V
W: 2.3V
Y: 1.9V
Z: 1.7V
Special Feature2
(For TO-92 Package Only)
Product Grade
or Option
Special Feature1
Operating Ambient
Temperature
Range
Package
Type
Number
of
Pins


Similar Part No. - AME8800LEETL

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8800LEET AME-AME8800LEET Datasheet
132Kb / 20P
   300mA CMOS LDO
More results

Similar Description - AME8800LEETL

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com