Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53319DQPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53319DQPR
Description  High-Efficiency 8-A or 14-A Synchronous Buck Converter with Eco-mode
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53319DQPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS53319DQPR Datasheet HTML 6Page - Texas Instruments TPS53319DQPR Datasheet HTML 7Page - Texas Instruments TPS53319DQPR Datasheet HTML 8Page - Texas Instruments TPS53319DQPR Datasheet HTML 9Page - Texas Instruments TPS53319DQPR Datasheet HTML 10Page - Texas Instruments TPS53319DQPR Datasheet HTML 11Page - Texas Instruments TPS53319DQPR Datasheet HTML 12Page - Texas Instruments TPS53319DQPR Datasheet HTML 13Page - Texas Instruments TPS53319DQPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
70
74
78
82
86
90
94
98
0
2
4
6
8
10
Output Current (A)
VOUT = 3.3 V
VOUT = 1.8 V
VOUT = 1.5 V
VOUT = 1.2 V
VOUT = 1.1 V
VOUT = 1.0 V
FCCM
VIN = 5 V
VVDD = 5 V
fSW = 500 kHz
TPS53319
G001
70
74
78
82
86
90
94
98
0
2
4
6
8
10
Output Current (A)
VOUT = 3.3 V
VOUT = 1.8 V
VOUT = 1.5 V
VOUT = 1.2 V
VOUT = 1.1 V
VOUT = 1.0 V
Skip Mode
VIN = 5 V
VVDD = 5 V
fSW = 500 kHz
TPS53319
G001
70
74
78
82
86
90
94
98
0
2
4
6
8
10
12
14
16
Output Current (A)
VOUT = 5.0 V
VOUT = 3.3 V
VOUT = 1.8 V
VOUT = 1.5 V
VOUT = 1.2 V
VOUT = 1.1 V
VOUT = 1.0 V
FCCM
VIN = 12 V
VVDD = 5 V
fSW = 500 kHz
TPS53319
G000
70
74
78
82
86
90
94
98
0
2
4
6
8
10
12
14
16
Output Current (A)
VOUT = 5.0 V
VOUT = 3.3 V
VOUT = 1.8 V
VOUT = 1.5 V
VOUT = 1.2 V
VOUT = 1.1 V
VOUT = 1.0 V
Skip Mode
VIN = 12 V
VVDD = 5 V
fSW = 500 kHz
TPS53319
G001
70
74
78
82
86
90
94
98
0
2
4
6
8
10
12
14
16
Output Current (A)
VOUT = 3.3 V
VOUT = 1.8 V
VOUT = 1.5 V
VOUT = 1.2 V
VOUT = 1.1 V
VOUT = 1.0 V
FCCM
VIN = 12 V
VVDD = 5 V
fSW = 300 kHz
TPS53319
G001
70
74
78
82
86
90
94
98
0
2
4
6
8
10
12
14
16
Output Current (A)
VOUT = 3.3 V
VOUT = 1.8 V
VOUT = 1.5 V
VOUT = 1.2 V
VOUT = 1.1 V
VOUT = 1.0 V
Skip Mode
VIN = 12 V
VVDD = 5 V
fSW = 300 kHz
TPS53319
G001
TPS53318, TPS53319
SLUSAY8B – JUNE 2012 – REVISED MAY 2013
www.ti.com
TPS53319 TYPICAL CHARACTERISTICS
Figure 15. Efficiency vs Output Current
Figure 16. Efficiency vs Output Current
Figure 17. Efficiency vs Output Current
Figure 18. Efficiency vs Output Current
Figure 19. Efficiency vs Output Current
Figure 20. Efficiency vs Output Current
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS53318 TPS53319


Similar Part No. - TPS53319DQPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53310 TI-TPS53310 Datasheet
682Kb / 25P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310 TI1-TPS53310 Datasheet
832Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310RGTR TI1-TPS53310RGTR Datasheet
832Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310RGTT TI1-TPS53310RGTT Datasheet
832Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310 TI1-TPS53310_16 Datasheet
832Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
More results

Similar Description - TPS53319DQPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53318 TI-TPS53318_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS5331x High-Efficiency, 8-A or 14-A, Synchronous Buck Converter with Eco-mode Control
TPS53355 TI1-TPS53355 Datasheet
977Kb / 29P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck Converter with Eco-mode?
TPS53353 TI1-TPS53353 Datasheet
1,017Kb / 29P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck Converter with Eco-mode?
TPS53353 TI1-TPS53353_17 Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53355 TI1-TPS53355_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53353 TI-TPS53353_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS53353 High-Efficiency 20-A Synchronous Buck Converter With Eco-mode?
TPS53355 TI-TPS53355_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS53355 High-Efficiency 30-A Synchronous Buck Converter With Eco-mode?
LM21215A TI1-LM21215A_16 Datasheet
1Mb / 38P
[Old version datasheet]   15-A Ultra High-Efficiency Synchronous Buck Converter
TLV62585_018 TI1-TLV62585_018 Datasheet
1Mb / 26P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in QFN or SOT563 Package
TPS53353EVM-744 TI1-TPS53353EVM-744 Datasheet
3Mb / 24P
[Old version datasheet]   Synchronous Buck Converter With Eco-mode??Control Scheme
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com