Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2068CDGNR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2068CDGNR
Description  Current-Limited, Power-Distribution Switches
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2068CDGNR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2068CDGNR Datasheet HTML 5Page - Texas Instruments TPS2068CDGNR Datasheet HTML 6Page - Texas Instruments TPS2068CDGNR Datasheet HTML 7Page - Texas Instruments TPS2068CDGNR Datasheet HTML 8Page - Texas Instruments TPS2068CDGNR Datasheet HTML 9Page - Texas Instruments TPS2068CDGNR Datasheet HTML 10Page - Texas Instruments TPS2068CDGNR Datasheet HTML 11Page - Texas Instruments TPS2068CDGNR Datasheet HTML 12Page - Texas Instruments TPS2068CDGNR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
−40m −30m −20m −10m
0
10m
20m
30m
40m
−1
0
1
2
3
4
5
6
7
8
9
Output Voltage
FLT
EN, VIN
−0.50
−0.25
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Time (s)
Output Current
VIN = 5 V, COUT = 150 µF, RLOAD = 7.5Ω, TPS2065C
G009
−2m
0
2m
4m
6m
8m
10m 12m 14m 16m 18m
−1
1
3
5
7
9
Output Voltage
FLT
EN
−0.8
−0.4
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
Time (s)
Output Current
VIN = 5 V, COUT = 150 µF, RLOAD = 2.5 Ω, TPS2001C
G010
−100u
0
100u
200u
300u
400u
500u
600u
−1
0
1
2
3
4
5
6
VOUT
−1.0
−0.5
0.0
0.5
1.0
1.5
2.0
2.5
Time (s)
IOUT
VIN = 5 V, COUT = 0 µF,
RLOAD = 50 mΩ, TPS2065C
G007
−5m −4m −3m −2m −1m
0
1m
2m
3m
4m
5m
−1
0
1
2
3
4
5
6
7
8
9
Output Voltage
FLT
EN, VIN
−0.50
−0.25
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Time (s)
Output Current
VIN = 5 V, COUT = 150 µF, RLOAD = 7.5Ω, TPS2065C
G008
−1u
0
1u
2u
3u
4u
−3
−2
−1
0
1
2
3
4
5
6
7
8
9
10
Input Voltage
Output Voltage
0
2
4
6
8
10
12
14
16
18
20
22
24
26
Time (s)
Output Current
VIN = 5 V, COUT = 0 µF, TPS2065C
G005
VIN = 5 V, COUT = 0 µF, RLOAD = 50 mΩ, TPS2065C
−1u
0
1u
2u
3u
4u
−1
0
1
2
3
4
5
6
−5
0
5
10
15
20
25
30
Time (s)
IOUT
VOUT
G006
TPS20xxC, TPS20xxC-2
www.ti.com
SLVSAU6G – JUNE 2011 – REVISED JULY 2013
TYPICAL CHARACTERISTICS (continued)
Figure 15. TPS2065C Short Applied
Figure 16. TPS2065C Pulsed 1.45-A Load
Figure 17. TPS2065C 50 m
Ω Short Circuit
Figure 18. TPS2065C Power Up - Enabled
Figure 19. TPS2065C Power Down - Enabled
Figure 20. TPS2001C Turn ON into 2.5
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - TPS2068CDGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2068CDGNR TI1-TPS2068CDGNR Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
More results

Similar Description - TPS2068CDGNR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com