Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS5430-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5430-Q1
Description  3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5430-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS5430-Q1 Datasheet HTML 7Page - Texas Instruments TPS5430-Q1 Datasheet HTML 8Page - Texas Instruments TPS5430-Q1 Datasheet HTML 9Page - Texas Instruments TPS5430-Q1 Datasheet HTML 10Page - Texas Instruments TPS5430-Q1 Datasheet HTML 11Page - Texas Instruments TPS5430-Q1 Datasheet HTML 12Page - Texas Instruments TPS5430-Q1 Datasheet HTML 13Page - Texas Instruments TPS5430-Q1 Datasheet HTML 14Page - Texas Instruments TPS5430-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
0.080
0.098
0.110
0.220
0.040
0.013DIA 4PL
Alldimensionsininches
Application Circuits
+
PwPd
10.8-19.8V
L1
15 H
m
6
4
9
5
2
3
GND
VSNS
VIN
NC
NC
ENA
BOOT
PH
7
1
8
C1
10 F
m
C3
220 F
m
D1
B340A
C2
0.01 F
m
VOUT
5V
R2
3.24kW
R1
10kW
VIN
EN
U1
TPS5430DDA
Design Procedure
TPS5430-Q1
www.ti.com ................................................................................................................................................... SLVS751C – NOVEMBER 2007 – REVISED JULY 2009
Figure 10. TPS5430 Land Pattern
Figure 11 shows the schematic for a typical TPS5430 application. The TPS5430 can provide up to 3-A output
current at a nominal output voltage of 5 V. For proper thermal performance, the exposed thermal pad underneath
the device must be soldered down to the printed circuit board.
Figure 11. Application Circuit, 12 V to 5 V
The following design procedure can be used to select component values for the TPS5430. Alternately, the
SWIFT Designer Software may be used to generate a complete design. The SWIFT Designer Software uses an
iterative design procedure and accesses a comprehensive database of components when generating a design.
This section presents a simplified discussion of the design process.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS5430-Q1


Similar Part No. - TPS5430-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5430-Q1 TI1-TPS5430-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   3-A, Wide Input Range, Step-Down Converter
TPS5430-Q1 TI-TPS5430-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS5430-Q1 3-A Wide-Input-Range Step-Down Converter
More results

Similar Description - TPS5430-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5430-EP TI1-TPS5430-EP Datasheet
914Kb / 28P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5431 TI1-TPS5431 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5410-EP TI-TPS5410-EP Datasheet
768Kb / 24P
[Old version datasheet]   1-A WIDE INPUT RANGE STEP-DOWN SWIFT CONVERTER
TPS5420-EP TI-TPS5420-EP Datasheet
647Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5450-EP TI1-TPS5450-EP Datasheet
890Kb / 24P
[Old version datasheet]   5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5420-Q1 TI1-TPS5420-Q1 Datasheet
565Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5410 TI-TPS5410 Datasheet
600Kb / 4P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5420 TI-TPS5420 Datasheet
464Kb / 20P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5420-EP TI-TPS5420-EP_09 Datasheet
613Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5420-Q1 TI-TPS5420-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com