Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

228TTA063M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 228TTA063M
Description  85C General Purpose Axial Lead Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

228TTA063M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  228TTA063M Datasheet HTML 1Page - Illinois Capacitor, Inc. 228TTA063M Datasheet HTML 2Page - Illinois Capacitor, Inc. 228TTA063M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, Il 60712
● (847)675-1760● Fax (847) 675-2850 ● www.illcap.com
TTA
+85°C General Purpose Axial
Lead Aluminum Electrolytic
Capacitors
Features
Standard case sizes
Multiple case sizes
Lead free leads
Applications
Bypass
Filtering
Coupling
De-coupling
Specifications
Operating Temperature
Range
-40°C to +85°C (10 to 350 WVDC)
-25°C to +85°C (450 WVDC)
Capacitance Tolerance
+20% at 120 Hz, 20°C
WVDC
10
16
25
35
50
63
100
160
200
250
350
450
Surge
voltage
SVDC
13
20
32
44
63
79
125
200
250
300
400
500
WVDC
10
16
25
35
50
63
100
160
200
250
350
450
Tan
δ
.2
.16
.14
.12
.1
.09
.08
.2
.2
.2
.2
.24
Dissipation
Factor
Add .02 for every 1000uF above 1000uF
10 to 100 WVDC
160 to 450 WVDC
1 Minutes
2 Minutes
1 Minute
1 Minute
Leakage current
.03CV or 4uA,
Whichever is greater
.01CV or 3uA,
Whichever is greater
CV<1000
.04CV+100uA
CV>1000
.1CV+40uA
WVDC
10
16
25
35
50
63
100
160
200
250
350
450
-25°C to
+20°C
3
2
2
2
2
2
2
3
3
3
6
5
Low
temperature
stability
Impedance ratio
(120 Hz)
-40°C to
+20°C
8
6
4
3
3
3
3
6
6
6
6
-
2000 hours at 85°C with rated WVDC and ripple current applied
Capacitance change
<20% of initial measured value
Dissipation factor
<200% of maximum specified value
Load Life
Leakage current
>100% of maximum specified value
1000 hours at 85°C with no voltage applied
Capacitance change
<20% of initial measured value
Dissipation factor
<200% of maximum specified value
Shelf Life
Leakage current
>100% of maximum specified value
Capacitance
Frequency (Hz)
Temperature (°C)
uF
50
120
400
1k
10k
50k
+85
+70
+60
+30
C<10
.8
1.0
1.3
1.45
1.65
1.7
1.0
1.3
1.5
1.8
10<C<100
.8
1.0
1.23
1.36
1.48
1.53
1.0
1.3
1.5
1.8
100<C<1000
.8
1.0
1.16
1.25
1.35
1.38
1.0
1.3
1.5
1.8
Ripple Current
Multipliers
C>1000
.8
1.0
1.11
1.17
1.25
1.28
1.0
1.3
1.5
1.8
D
5
6.3
8
10
12.5
16
18
22
25
d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
0.8
0.8
B
0.5
0.5
0.5
0.5
0.8
0.5
0.5
1.0
1.0
D< 10mm, L1=L+1.5mm Max.
mm
D> 10mm, L1=L+2mm Max.
D1=D+B Max.


Similar Part No. - 228TTA063M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
228TTA063M ILLINOISCAPACITOR-228TTA063M Datasheet
104Kb / 4P
   85째C Standard Axial Lead Aluminum Electrolytic Capacitors
228TTA063M ILLINOISCAPACITOR-228TTA063M Datasheet
296Kb / 3P
   Standard, general purpose 2000 hours
228TTA063M ILLINOISCAPACITOR-228TTA063M Datasheet
291Kb / 3P
   Axial lead - High voltage
228TTA063M ILLINOISCAPACITOR-228TTA063M Datasheet
318Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
228TTA063M ILLINOISCAPACITOR-228TTA063M Datasheet
318Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
More results

Similar Description - 228TTA063M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104CKR050M ILLINOISCAPACITOR-104CKR050M_13 Datasheet
506Kb / 4P
   85C General Purpose Radial Lead Aluminum Electrolytic Capacitors
105TLS050M ILLINOISCAPACITOR-105TLS050M_13 Datasheet
187Kb / 2P
   85C Low Leakage Axial Lead Aluminum Electrolytic Capacitors
474BPA050M ILLINOISCAPACITOR-474BPA050M_13 Datasheet
206Kb / 2P
   85C Non-polar Axial Lead Aluminum Electrolytic Capacitors
logo
RFE international
TE101M1ETR080130 RFE-TE101M1ETR080130 Datasheet
117Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS TEA Series: Axial General Purpose
TEA RFE-TEA Datasheet
187Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS TEA Series: Axial General Purpose
REV 2010.10.10
logo
Illinois Capacitor, Inc...
105HST050M ILLINOISCAPACITOR-105HST050M Datasheet
397Kb / 3P
   125째C Axial Lead Aluminum Electrolytic Capacitors
104CKH050M ILLINOISCAPACITOR-104CKH050M_13 Datasheet
541Kb / 4P
   105 General Purpose Radial Lead Aluminum Electrolytic Capacitors
474TMA100M ILLINOISCAPACITOR-474TMA100M_13 Datasheet
356Kb / 3P
   105C General Purpose Axial Lead Aluminum
logo
Vishay Siliconix
30D VISHAY-30D_13 Datasheet
76Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 16-Apr-13
53D VISHAY-53D Datasheet
170Kb / 4P
   Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
Revision: 22-Jul-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com