Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CB3T3253PW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CB3T3253PW
Description  DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CB3T3253PW Datasheet(HTML) 5 Page - Texas Instruments

  SN74CB3T3253PW Datasheet HTML 1Page - Texas Instruments SN74CB3T3253PW Datasheet HTML 2Page - Texas Instruments SN74CB3T3253PW Datasheet HTML 3Page - Texas Instruments SN74CB3T3253PW Datasheet HTML 4Page - Texas Instruments SN74CB3T3253PW Datasheet HTML 5Page - Texas Instruments SN74CB3T3253PW Datasheet HTML 6Page - Texas Instruments SN74CB3T3253PW Datasheet HTML 7Page - Texas Instruments SN74CB3T3253PW Datasheet HTML 8Page - Texas Instruments SN74CB3T3253PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.ti.com
Electrical Characteristics
(1)
Switching Characteristics
SN74CB3T3253
DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V TOLERANT LEVEL SHIFTER
SCDS148 – OCTOBER 2003 – REVISED JUNE 2005
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
VIK
VCC = 3 V, II = –18 mA
–1.2
V
VOH
See Figure 3 and Figure 4
IIN
Control inputs
VCC = 3.6 V, VIN = 3.6 V to 5.5 V or GND
±10
µA
VI = VCC – 0.7 V to 5.5 V
±20
VCC = 3.6 V, Switch ON,
II
VI = 0.7 V to VCC – 0.7 V
–40
µA
VIN = VCC or GND
VI = 0 to 0.7 V
±5
VCC = 3.6 V, VO = 0 to 5.5 V, VI = 0,
IOZ(3)
±10
µA
Switch OFF, VIN = VCC or GND
Ioff
VCC = 0, VO = 0 to 5.5 V, VI = 0
10
µA
VI = VCC or GND
20
VCC = 3.6 V, II/O = 0, Switch ON or OFF,
ICC
µA
VIN = VCC or GND
VI = 5.5 V
20
VCC = 3 V to 3.6 V, One input at VCC – 0.6 V,
∆I
CC
(4)
Control inputs
300
µA
Other inputs at VCC or GND
Cin
Control inputs
VCC = 3.3 V, VIN = VCC or GND
3
pF
A port
12
VCC = 3.3 V, VI/O = 5.5 V, 3.3 V, or GND,
Cio(OFF)
pF
Switch OFF, VIN = VCC or GND
B port
5
VI/O = 5.5 V or 3.3 V
10
A port
VI/O = GND
22
Cio(ON)
VCC = 3.3 V, Switch ON, VIN = VCC or GND
pF
VI/O = 5.5 V or 3.3 V
4
B port
VI/O = GND
22
IO = 24 mA
5
8
VCC = 2.3 V, TYP at VCC = 2.5 V, VI = 0
IO = 16 mA
5
8
ron(5)
IO = 64 mA
5
7
VCC = 3 V, VI = 0
IO = 32 mA
5
7
(1)
VIN and IIN refer to control inputs. VI, VO, II, and IO refer to data pins.
(2)
All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
(3)
For I/O ports, the parameter IOZ includes the input leakage current.
(4)
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
(5)
Measured by the voltage drop between A and B terminals at the indicated current through the switch. ON-state resistance is determined
by the lower of the voltages of the two (A or B) terminals.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 2)
VCC = 2.5 V
VCC = 3.3 V
FROM
TO
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
tpd(1)
A or B
B or A
0.15
0.25
ns
tpd(s)
S
A
1
10.5
1
8
ns
S
B
1
10
1
8
ten
ns
OE
A or B
1
8.5
1
8
S
B
1
7.5
1
8.5
tdis
ns
OE
A or B
1
6.5
1
8
(1)
The propagation delay is the calculated RC time constant of the typical ON-state resistance of the switch and the specified load
capacitance, when driven by an ideal voltage source (zero output impedance).
5


Similar Part No. - SN74CB3T3253PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3T3253PW TI-SN74CB3T3253PW Datasheet
290Kb / 14P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3T3253PW TI1-SN74CB3T3253PW Datasheet
727Kb / 20P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3T3253PWR TI-SN74CB3T3253PWR Datasheet
290Kb / 14P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3T3253PWR TI1-SN74CB3T3253PWR Datasheet
727Kb / 20P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3T3253PWRE4 TI1-SN74CB3T3253PWRE4 Datasheet
727Kb / 20P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - SN74CB3T3253PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3253 TI-SN74CB3Q3253 Datasheet
338Kb / 13P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/ DEMULTIPLEXER
logo
Nexperia B.V. All right...
CBT3253 NEXPERIA-CBT3253 Datasheet
226Kb / 11P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4 - 23 March 2021
logo
Toshiba Semiconductor
TC7MB3253FT TOSHIBA-TC7MB3253FT Datasheet
129Kb / 8P
   Dual 1-of-4 FET Multiplexer/Demultiplexer
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253 Datasheet
571Kb / 14P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253 PHILIPS-CBT3253 Datasheet
98Kb / 12P
   Dual 1-of-4 FET multiplexer/demultiplexer
2002 Nov 04
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253_07 Datasheet
721Kb / 16P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253ADS-T NXP-CBT3253ADS-T Datasheet
119Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 3-24 September 2013
CBT3253A NXP-CBT3253A Datasheet
110Kb / 17P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 02-8 February 2007
logo
Texas Instruments
SN74CB3T3253 TI-SN74CB3T3253 Datasheet
290Kb / 14P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253A PHILIPS-CBT3253A_15 Datasheet
167Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4-31 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com