Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V6203628-02XE Datasheet(PDF) 11 Page - Texas Instruments

Part # V6203628-02XE
Description  Controlled Baseline One Assembly/Test Site, One Fabrication Site
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

V6203628-02XE Datasheet(HTML) 11 Page - Texas Instruments

Back Button V6203628-02XE Datasheet HTML 7Page - Texas Instruments V6203628-02XE Datasheet HTML 8Page - Texas Instruments V6203628-02XE Datasheet HTML 9Page - Texas Instruments V6203628-02XE Datasheet HTML 10Page - Texas Instruments V6203628-02XE Datasheet HTML 11Page - Texas Instruments V6203628-02XE Datasheet HTML 12Page - Texas Instruments V6203628-02XE Datasheet HTML 13Page - Texas Instruments V6203628-02XE Datasheet HTML 14Page - Texas Instruments V6203628-02XE Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
TLV5638EP
2.7V TO 5.5V LOW POWER DUAL 12BIT DIGITALTOANALOG
CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
SGLS130B − JULY 2002 − REVISED DECEMBER 2003
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
serial interface
A falling edge of CS starts shifting the data bit-per-bit (starting with the MSB) to the internal register on the falling
edges of SCLK. After 16 bits have been transferred or CS rises, the content of the shift register is moved to the
target latches (DAC A, DAC B, BUFFER, CONTROL), depending on the control bits within the data word.
Figure 13 shows examples of how to connect the TLV5638 to TMS320, SPI
, and Microwire.
TMS320
DSP FSX
CLKX
DX
TLV5638
SCLK
DIN
CS
SPI
I/O
SCK
MOSI
TLV5638
SCLK
DIN
CS
Microwire
I/O
SK
SO
TLV5638
SCLK
DIN
CS
Figure 13. Three-Wire Interface
Notes on SPI
 and Microwire: Before the controller starts the data transfer, the software has to generate a
falling edge on the pin connected to CS. If the word width is 8 bits (SPI
 and Microwire), two write operations
must be performed to program the TLV5638. After the write operation(s), the holding registers or the control
register are updated automatically on the 16th positive clock edge.
serial clock frequency and update rate
The maximum serial clock frequency is given by:
f
sclkmax +
1
t
whmin ) twlmin
+ 20 MHz
The maximum update rate is:
f
updatemax +
1
16 t
whmin ) twlmin
+ 1.25 MHz
Note, that the maximum update rate is just a theoretical value for the serial interface, as the settling time of the
TLV5638 has to be considered, too.


Similar Part No. - V6203628-02XE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
V6203624-01XE TI-V6203624-01XE Datasheet
561Kb / 18P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
V6203624-02XE TI-V6203624-02XE Datasheet
561Kb / 18P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
V6203624-03XE TI-V6203624-03XE Datasheet
561Kb / 18P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
V6203624-04XE TI-V6203624-04XE Datasheet
561Kb / 18P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
V6203624-05XE TI-V6203624-05XE Datasheet
561Kb / 18P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
More results

Similar Description - V6203628-02XE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22346WM INTERSIL-ISL22346WM Datasheet
101Kb / 3P
   Controlled Baseline with One Wafer Fabrication Site and
logo
M/A-COM Technology Solu...
628702A MA-COM-628702A Datasheet
33Kb / 2P
   Test Site Transfer
logo
List of Unclassifed Man...
CPCI-6510 ETC2-CPCI-6510 Datasheet
564Kb / 2P
   One PCI-Express x8 XMC site
logo
Molex Electronics Ltd.
130111-0036 MOLEX11-130111-0036 Datasheet
31Kb / 1P
   LITE-A-SITE Guy Wire Assembly
1301110037 MOLEX11-1301110037 Datasheet
60Kb / 1P
   LITE-A-SITE Socket/Guard Assembly
130111-0037 MOLEX11-130111-0037 Datasheet
31Kb / 1P
   LITE-A-SITE Socket/Guard Assembly
logo
PHOENIX CONTACT
1620019 PHOENIX-1620019 Datasheet
74Kb / 3P
   Connector for flexible on-site assembly
logo
Molex Electronics Ltd.
1301110036 MOLEX11-1301110036 Datasheet
43Kb / 1P
   LITE-A-SITE Guy Wire Assembly
logo
Synaptics Incorporated.
CX93040 CONEXANT-CX93040 Datasheet
683Kb / 2P
   Remote Site Management
logo
MRV Communications, Inc...
LX-4108T-010AC MRV-LX-4108T-010AC Datasheet
153Kb / 2P
   4108 Remote Site Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com