Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65DSI86ZQER Datasheet(PDF) 6 Page - Texas Instruments

Part # SN65DSI86ZQER
Description  Embedded DisplayPort (eDP) 1.4 Compliant Supporting 1, 2, or 4 Lanes at 1.62Gbps (RBR)
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65DSI86ZQER Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65DSI86ZQER Datasheet HTML 2Page - Texas Instruments SN65DSI86ZQER Datasheet HTML 3Page - Texas Instruments SN65DSI86ZQER Datasheet HTML 4Page - Texas Instruments SN65DSI86ZQER Datasheet HTML 5Page - Texas Instruments SN65DSI86ZQER Datasheet HTML 6Page - Texas Instruments SN65DSI86ZQER Datasheet HTML 7Page - Texas Instruments SN65DSI86ZQER Datasheet HTML 8Page - Texas Instruments SN65DSI86ZQER Datasheet HTML 9Page - Texas Instruments SN65DSI86ZQER Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
SN65DSI86
SN65DSI96
SLLSEH2 – SEPTEMBER 2013
www.ti.com
THERMAL INFORMATION
ZQE TYPICAL
UNIT
ΘJB
Junction-to-board thermal resistance
32.9
°C/W
ΘJCT
Junction-to-case-top thermal resistance
35.7
ψJB
Junction-to-board thermal resistance metric
High-K board(1)
35.8
ψJT
Junction-to-top thermal resistance metric
High-K board(1)
1.0
(1)
Test conditions for
ψJB and ψJT are clarified in TI document SPRA953A, IC Package Thermal Metrics.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCCA
VCCA Power supply; analog circuits
1.14
1.2
1.26
V
VCC
VCC Power supply; digital circuits
1.14
1.2
1.26
V
VCCIO
VCCIO Power Supply; digital IOs.
1.65
1.8
1.98
V
VPLL
VPLL Power Supply, DisplayPort PLL
1.65
1.8
1.98
V
f(noise) >
VPSN
Supply noise on any VCC terminal
0.05
V
1MHz
TA
Operating free-air temperature
–40
85
°C
TJ
Operating junction temperature
–40
105
°C
TCASE
Case temperature
92.2
°C
VDSI_PIN
DSI input pin voltage range
–50
1350
mV
f(I2C)
Local I2C input frequency
400
kHz
fHS_CLK
DSI HS clock input frequency
40
750
MHz
ZL
DP output differential load impedance
90
110
Ω
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: SN65DSI86 SN65DSI96


Similar Part No. - SN65DSI86ZQER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DSI86ZQER TI-SN65DSI86ZQER Datasheet
2Mb / 85P
[Old version datasheet]   SN65DSI86 MIPI짰 DSI to eDP??Bridge
More results

Similar Description - SN65DSI86ZQER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS214 TI-HD3SS214_V01 Datasheet
1Mb / 32P
[Old version datasheet]   HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
logo
IOGEAR
GDP14SW2 IOGEAR-GDP14SW2 Datasheet
150Kb / 2P
   2-Port 8K DisplayPort 1.4 Switch
GDP14RPT IOGEAR-GDP14RPT Datasheet
150Kb / 2P
   DisplayPort 1.4 8K Repeater
logo
NXP Semiconductors
CBTL04DP211BS-518 NXP-CBTL04DP211BS-518 Datasheet
256Kb / 18P
   DisplayPort 2 : 1 multiplexer
Rev. 2-13 April 2012
logo
Texas Instruments
SN75DP128 TI-SN75DP128 Datasheet
674Kb / 25P
[Old version datasheet]   DisplayPort 1:2 Switch
SN75DP128A TI-SN75DP128A Datasheet
739Kb / 26P
[Old version datasheet]   DisplayPort 1:2 Switch
logo
NXP Semiconductors
CBTL04DP211 PHILIPS-CBTL04DP211 Datasheet
465Kb / 17P
   DisplayPort 2 : 1 multiplexer
Rev. 1-30 March 2011
logo
Chrontel, Inc.
CH7513A CHRONTEL-CH7513A Datasheet
217Kb / 8P
   CH7513A DP/eDP to LVDS or DP/eDP Converter
Rev 1.1 2023-05-05
logo
Pericom Semiconductor C...
PI3VDP3212 PERICOM-PI3VDP3212 Datasheet
1Mb / 12P
   2-Lane DisplayPort Rev 1.2 Compliant Switch
logo
Asahi Kasei Microsystem...
AP2200 AKM-AP2200 Datasheet
1Mb / 16P
   Step-up DC/DC converter IC supporting 1 or 2 solar cells
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com