Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLTS027B Datasheet(PDF) 1 Page - Texas Instruments

Part # SLTS027B
Description  Single Device: 5V Input Complimentary Dual Output:
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLTS027B Datasheet(HTML) 1 Page - Texas Instruments

  SLTS027B Datasheet HTML 1Page - Texas Instruments SLTS027B Datasheet HTML 2Page - Texas Instruments SLTS027B Datasheet HTML 3Page - Texas Instruments SLTS027B Datasheet HTML 4Page - Texas Instruments SLTS027B Datasheet HTML 5Page - Texas Instruments SLTS027B Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Ordering Information
PT5061
¨ = ±12 Volts
PT5062
¨ = ±15 Volts
Standard Application
C1 = Required 100µF electrolytic
Pin-Out Information
Pin
Function
1–Vo2
2
GND
3Vin
4Vin
5Vin
6GND
7
GND
8+Vo1
9+Vo1
10
+Vo1
11
Vo Adj
12
Do Not Connect
Features
Single Device: +5V Input
Complimentary Dual Output:
±12V, ±15V
Wide Input Voltage Range
85% Efficiency
Adjustable Output Voltage
Laser-trimmed
PT5060 Series
SLTS027B
(Revised 12/19/2001)
PT Series Suffix (PT1234 x )
Case/Pin
Order
Package
Configuration
Suffix
Code *
Vertical
N
(ECD)
Horizontal
A
(ECA)
SMD
C
(ECC)
Vertical, Side Tabs
R
(ECE)
Horizontal, Side Tabs
G
(ECG)
SMD, Side Tabs
B
(ECK)
* Previously known as package style 300.
(Reference the applicable package code drawing
for the dimensions and PC board layout)
Description
The PT5060 series of dual-output
Integrated Switching Regulators (ISRs)
provide a complimentary ±12V or ±15V
from a single +5V input. Applications
include systems that require power for
analog interface circuitry, such as D/A
and A/D converters, and Op Amps. The
output voltage can be adjusted with an
external resistor. These ISRs are made
available in a 12-pin single in-line pin
(SIP) package. Note that these modules
are are not short-circuit protected.
9-W +5V-Input Dual-Output
Integrated Switching Regulator
Specifications (Unless otherwise stated, Ta =25°C, Vin =+5V, Io =Iomax, C1 =100µF)
PT5060 SERIES
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range
Vo1 = +12V
0.05
0.50
A
Vo2 = –12V
0.05 (1)
—0.25
Vo1 = +15V
0.05
0.40
A
Vo2 = –15V
0.05 (1)
—0.20
Current Limit
Ilim
150 (2)
—%Iomax
Inrush Current
Iir
On start up
5.5 (3)
—A
ttr
2
mSec
Input Voltage Range
Vin
Over Io range
4.75
+Vo –1
V
Output Voltage Tolerance
∆Vo
Over Vin and Io ranges
+Vo1
±1.5
±3.0
%Vo
Ta= 0°C to SOA limit (3)
–Vo2
±5
±10
Line Regulation
Regline
Over Vin range
±0.5
±1.0
%Vo
Load Regulation
Regload
0.1
≤ Io ≤ Iomax
±0.5
±1.0
%Vo
Vo Ripple (pk-pk)
Vn
20MHz bandwidth
+Vo1
—±1.5
±3
%Vo
–Vo2
—±2
±3
Transient Response
ttr
25% load change
100
µSec
Vos
Vo over/undershoot
3
5
%Vo
Efficiency
η
Io=0.2A each output
85
%
Switching Frequency
ƒs
Over Vin and Io ranges
650
kHz
Operating Temperature Range
Ta
—0
+85 (4)
°C
Storage Temperature
Ts
–40
+125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3,
500
G’s
1 msec, Half Sine, mounted to a fixture
Mechanical Vibration
Per Mil-STD-883D, Method 2007.2
15
G’s
20-2000 Hz, Soldered in a PC board
Weight
6.5
grams
Notes:
(1)Do not operate thes negative output rail of these ISRs below the minimum load.
(2)ISRs based on a boost topology are not short-circuit protected.
(3)The inrush current stated is above the normal input current for the associated output load.
(4)See Safe Operating Area curves or consult the factory for the appropriate derating.
C
1
100
µF
+
–V o
2
COM
Vin
COM
+Vo
1
PT5060
1
2,6,7
3,4,5
11
8,9,10
V
o adj


Similar Part No. - SLTS027B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLTS020A TI1-SLTS020A Datasheet
153Kb / 3P
[Old version datasheet]   1500 VDC Isolation
SLTS021A TI-SLTS021A Datasheet
173Kb / 3P
[Old version datasheet]   15 Watt Isolated DC-DC Converter
SLTS021A TI1-SLTS021A Datasheet
180Kb / 4P
[Old version datasheet]   1500 VDC Isolation
SLTS022B TI1-SLTS022B Datasheet
190Kb / 4P
[Old version datasheet]   1,500 VDC Isolation
More results

Similar Description - SLTS027B

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HTA20 IRF-HTA20_15 Datasheet
186Kb / 14P
   200V Input, Single/Dual Output
LSO28 IRF-LSO28_15 Datasheet
516Kb / 18P
   28V Input, Single/Dual Output
M3G120 IRF-M3G120_15 Datasheet
161Kb / 9P
   120V Input, Single/Dual Output
LS28 IRF-LS28_15 Datasheet
249Kb / 16P
   28V Input, Single/Dual Output
M3G IRF-M3G_15 Datasheet
196Kb / 15P
   28V Input, Single/Dual Output
M3G50S IRF-M3G50S_15 Datasheet
185Kb / 13P
   50V Input, Single/Dual Output
M3L IRF-M3L_15 Datasheet
151Kb / 12P
   28V Input, Single/Dual Output
S2800 IRF-S2800_15 Datasheet
138Kb / 9P
   28V Input, Single/Dual Output
M3GB2800S IRF-M3GB2800S_15 Datasheet
216Kb / 13P
   28V Input, Single/Dual Output
M3G70 IRF-M3G70_15 Datasheet
186Kb / 13P
   70V Input, Single/Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com