Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTB10N40E Datasheet(PDF) 7 Page - Motorola, Inc

Part # MTB10N40E
Description  TMOS POWER FET 10 AMPERES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTB10N40E Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MTB10N40E Datasheet HTML 2Page - Motorola, Inc MTB10N40E Datasheet HTML 3Page - Motorola, Inc MTB10N40E Datasheet HTML 4Page - Motorola, Inc MTB10N40E Datasheet HTML 5Page - Motorola, Inc MTB10N40E Datasheet HTML 6Page - Motorola, Inc MTB10N40E Datasheet HTML 7Page - Motorola, Inc MTB10N40E Datasheet HTML 8Page - Motorola, Inc MTB10N40E Datasheet HTML 9Page - Motorola, Inc MTB10N40E Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MTB10N40E
7
Motorola TMOS Power MOSFET Transistor Device Data
INFORMATION FOR USING THE D2PAK SURFACE MOUNT PACKAGE
RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total
design. The footprint for the semiconductor packages must be
the correct size to ensure proper solder connection interface
between the board and the package. With the correct pad
geometry, the packages will self align when subjected to a
solder reflow process.
mm
inches
0.33
8.38
0.08
2.032
0.04
1.016
0.63
17.02
0.42
10.66
0.12
3.05
0.24
6.096
POWER DISSIPATION FOR A SURFACE MOUNT DEVICE
The power dissipation for a surface mount device is a
function of the drain pad size.
These can vary from the
minimum pad size for soldering to a pad size given for
maximum power dissipation. Power dissipation for a surface
mount device is determined by TJ(max), the maximum rated
junction temperature of the die, R
θJA, the thermal resistance
from the device junction to ambient, and the operating
temperature, TA. Using the values provided on the data sheet,
PD can be calculated as follows:
PD =
TJ(max) – TA
R
θJA
The values for the equation are found in the maximum
ratings table on the data sheet. Substituting these values into
the equation for an ambient temperature TA of 25°C, one can
calculate the power dissipation of the device. For a D2PAK
device, PD is calculated as follows.
PD =
150
°C – 25°C
50
°C/W
= 2.5 Watts
The 50
°C/W for the D2PAK package assumes the use of the
recommended footprint on a glass epoxy printed circuit board
to achieve a power dissipation of 2.5 Watts. There are other
alternatives to achieving higher power dissipation from the
surface mount packages. One is to increase the area of the
drain pad. By increasing the area of the drain pad, the power
dissipation can be increased. Although one can almost double
the power dissipation with this method, one will be giving up
area on the printed circuit board which can defeat the purpose
of using surface mount technology. For example, a graph of
R
θJA versus drain pad area is shown in Figure 16.
Figure 16. Thermal Resistance versus Drain Pad
Area for the D2PAK Package (Typical)
2.5 Watts
A, AREA (SQUARE INCHES)
Board Material = 0.0625
G–10/FR–4, 2 oz Copper
TA = 25°C
60
70
50
40
30
20
16
14
12
10
8
6
4
2
0
3.5 Watts
5 Watts
Another alternative would be to use a ceramic substrate or
an aluminum core board such as Thermal Clad
™. Using a
board material such as Thermal Clad, an aluminum core
board, the power dissipation can be doubled using the same
footprint.


Similar Part No. - MTB10N40E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTB10N40E ONSEMI-MTB10N40E Datasheet
282Kb / 11P
   High Energy Power FET
August, 2006 ??Rev. 1
logo
Inchange Semiconductor ...
MTB10N40E ISC-MTB10N40E Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
MTB10N40ET4G VBSEMI-MTB10N40ET4G Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - MTB10N40E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTB16N25E MOTOROLA-MTB16N25E Datasheet
259Kb / 10P
   TMOS POWER FET 16 AMPERES
MTB15N06E MOTOROLA-MTB15N06E Datasheet
231Kb / 10P
   TMOS POWER FET 15 AMPERES
MTB15N06V MOTOROLA-MTB15N06V Datasheet
274Kb / 10P
   TMOS POWER FET 15 AMPERES
MTB1306 MOTOROLA-MTB1306 Datasheet
176Kb / 8P
   TMOS POWER FET 75 AMPERES
MTB23P06E MOTOROLA-MTB23P06E Datasheet
280Kb / 10P
   TMOS POWER FET 23 AMPERES 60 VOLTS
MTB33N10E MOTOROLA-MTB33N10E Datasheet
266Kb / 10P
   TMOS POWER FET 33 AMPERES 100 VOLTS
MTB4N80E MOTOROLA-MTB4N80E Datasheet
195Kb / 10P
   TMOS POWER FET 4.0 AMPERES 800 VOLTS
MTB60N06HD MOTOROLA-MTB60N06HD Datasheet
280Kb / 12P
   TMOS POWER FET 60 AMPERES 60 VOLTS
MTD15N06V MOTOROLA-MTD15N06V Datasheet
218Kb / 10P
   TMOS POWER FET 15 AMPERES 60 VOLTS
MMFT2N25E MOTOROLA-MMFT2N25E Datasheet
139Kb / 6P
   TMOS POWER FET 2.0 AMPERES 250 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com