Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFB0810-180L Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # RFB0810-180L
Description  Low cost, high current power inductors 2.2 關H to 18 mH inductance range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

RFB0810-180L Datasheet(HTML) 1 Page - Coilcraft lnc.

  RFB0810-180L Datasheet HTML 1Page - Coilcraft lnc. RFB0810-180L Datasheet HTML 2Page - Coilcraft lnc. RFB0810-180L Datasheet HTML 3Page - Coilcraft lnc. RFB0810-180L Datasheet HTML 4Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 277-1
Document 277-1 Revised 08/06/13
Power Inductors – RFB Series
RFB0807
RFB0810
RFB1010
0.197 ±0.02
5,0 ±0,5
XXX
MARKING
0.37
9,5
dia max
max
0.45
11,5
dia
0.024
0,6
0.157 ±0.02
4,0 ±0,5
0.236 ±0.02
6,0 ±0,5
XXX
MARKING
0.43
11,0
dia max
max
dia
0.45
11,5
0.031
0,8
0.157 ±0.02
4,0 ±0,5
Weight: 1.22 – 1.46 g
Weight: 1.97 – 2.25 g
Weight: 3.04 – 3.32 g
Core material Ferrite
Terminations Tin-silver over tin over copper over steel. Other termi-
nations available at additional cost.
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +85°C.
Tray packaging: –40°C to +80°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 150 parts per tray; optional fanfold tape for RFB0807 and
RFB0810
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf
• Low cost, high current power inductors
• 2.2 µH to 18 mH inductance range
• RFB0810 and RFB1010 have a flame retardant polyolefin
wrap to protect the winding.


Similar Part No. - RFB0810-180L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
RFB0807-100L COILCRAFT-RFB0807-100L Datasheet
675Kb / 7P
   Power Inductors
RFB0807-101L COILCRAFT-RFB0807-101L Datasheet
675Kb / 7P
   Power Inductors
RFB0807-102L COILCRAFT-RFB0807-102L Datasheet
675Kb / 7P
   Power Inductors
RFB0807-103L COILCRAFT-RFB0807-103L Datasheet
675Kb / 7P
   Power Inductors
RFB0807-120L COILCRAFT-RFB0807-120L Datasheet
675Kb / 7P
   Power Inductors
More results

Similar Description - RFB0810-180L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRF0905-202Y BOURNS-SRF0905-202Y Datasheet
364Kb / 2P
   Inductance range: 10 to 6500 關H
SRN1060-221M BOURNS-SRN1060-221M Datasheet
329Kb / 2P
   Inductance range: 10 to 470 關H
logo
List of Unclassifed Man...
HM53 ETC-HM53 Datasheet
64Kb / 5P
   High Power Low Cost Inductors
logo
Bi technologies
HM53 BITECH-HM53 Datasheet
1Mb / 4P
   High Power Low Cost Inductors
logo
TT Electronics.
HM53 TTELEC-HM53 Datasheet
1Mb / 4P
   High Power Low Cost Inductors
logo
Bi technologies
HM53 BITECH-HM53_15 Datasheet
1Mb / 4P
   High Power Low Cost Inductors
logo
Nuvotem Talema
DPO-0.5-470 TALEMA-DPO-0.5-470 Datasheet
105Kb / 4P
   Low Cost Power Inductors
logo
List of Unclassifed Man...
LSRC2-4R7M ETC-LSRC2-4R7M Datasheet
292Kb / 1P
   Low Cost Power Inductors
logo
Rhombus Industries Inc.
T-1398 RHOMBUS-IND-T-1398 Datasheet
24Kb / 1P
   Inductance 9.30 mH
logo
EPCOS
B82476-A1103-M EPCOS-B82476-A1103-M Datasheet
58Kb / 3P
   Rated inductance 10 to 1000 mH Rated current 300 to 3800 mA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com