Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

107TMA025M Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 107TMA025M
Description  105C General Purpose Axial Lead Aluminum
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

107TMA025M Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  107TMA025M Datasheet HTML 1Page - Illinois Capacitor, Inc. 107TMA025M Datasheet HTML 2Page - Illinois Capacitor, Inc. 107TMA025M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TMA
+105°C, Extended Life, 2000
hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
3300
50
338TMA050M
0.0904
1660
22x41
3300
63
338TMA063M
0.0804
1740
22x51
4700
6.3
478TMA6R3M
0.0127
1060
13x31
4700
10
478TMA010M
0.113
1220
16x31
4700
16
478TMA016M
0.099
1300
16x31
4700
25
478TMA025M
0.085
1540
18x41
4700
35
478TMA035M
0.078
1740
22x41
4700
50
478TMA050M
0.071
1860
22x51
6800
10
688TMA010M
0.0878
1370
16x31
6800
16
688TMA016M
0.078
1620
16x41
6800
25
688TMA025M
0.0683
1810
22x41
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
6800
35
688TMA035M
0.0634
1910
22x51
10000
6.3
109TMA6R3M
0.076
1620
16x41
10000
10
109TMA010M
0.0696
1690
18x41
10000
16
109TMA016M
0.063
1900
22x41
10000
25
109TMA025M
0.0729
1980
22x51
15000
6.3
159TMA6R3M
0.062
1740
18x41
15000
10
159TMA010M
0.0575
1950
22x41
15000
16
159TMA016M
0.053
2050
22x51
22000
6.3
229TMA6R3M
0.054
2000
22x41
22000
10
229TMA010M
0.053
2080
22x51


Similar Part No. - 107TMA025M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107TMA025M ILLINOISCAPACITOR-107TMA025M Datasheet
104Kb / 4P
   105째C Standard Axial Lead Aluminum Electrolytic Capacitors
107TMA025M ILLINOISCAPACITOR-107TMA025M Datasheet
267Kb / 3P
   Extended Life, 2000 hours
107TMA025M ILLINOISCAPACITOR-107TMA025M Datasheet
261Kb / 3P
   Extended Life - High voltage
107TMA025M ILLINOISCAPACITOR-107TMA025M Datasheet
114Kb / 1P
   AXIAL LEAD
More results

Similar Description - 107TMA025M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474TTA100M ILLINOISCAPACITOR-474TTA100M_13 Datasheet
352Kb / 3P
   85C General Purpose Axial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
30D VISHAY-30D_13 Datasheet
76Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 16-Apr-13
53D VISHAY-53D Datasheet
170Kb / 4P
   Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
Revision: 22-Jul-08
30D VISHAY-30D Datasheet
174Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 22-Jul-08
53D VISHAY-53D_13 Datasheet
77Kb / 4P
   Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
Revision: 24-Apr-13
logo
Continental Device Indi...
CT282 CDIL-CT282 Datasheet
146Kb / 3P
   SILICON GENERAL PURPOSE DIODE AXIAL LEAD
logo
Weitron Technology
SR120 WEITRON-SR120 Datasheet
238Kb / 3P
   Axial Lead General Purpose Plastic Rectifier
logo
Illinois Capacitor, Inc...
104SMH050M ILLINOISCAPACITOR-104SMH050M_13 Datasheet
200Kb / 2P
   105C General Purpose Surface Mount Aluminum Electrolytic Capacitors
logo
Sensitron
1N5819-1 SENSITRON-1N5819-1 Datasheet
88Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
logo
Continental Device Indi...
CS1553 CDIL-CS1553 Datasheet
90Kb / 3P
   SILICON GENERAL PURPOSE SWITCHING DIODES AXIAL LEAD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com