Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

227KXM010M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 227KXM010M
Description  105 C Low lmpedance Radial Lead Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

227KXM010M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  227KXM010M Datasheet HTML 1Page - Illinois Capacitor, Inc. 227KXM010M Datasheet HTML 2Page - Illinois Capacitor, Inc. 227KXM010M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KXM
+105°C Low Impedance Radial Lead
Aluminum Electrolytic Capacitors
FEATURES
Standardized case sizes - High ripple current Multiple case sizes
APPLICATIONS
Bypass Coupling Filtering De-coupling
Operating Temperature Range
-55°C to +105°C
Capacitance Tolerance
+20% at 120 Hz, 20°C
WVDC
6.3
10
16
25
35
50
63
100
Surge
voltage
SVDC
7.9
13
20
32
44
63
79
125
WVDC
6.3
10
16
25
35
50
63
100
Tan
δ
.22
.19
.16
.14
.12
.1
.08
.08
Dissipation
Factor
Add .02 for every 1000uF above 1000uF
6.3 to 100 WVDC
1 Minutes
2 Minutes
Leakage current
.03CV or 4uA,
Whichever is greater
.01CV or 3uA,
Whichever is greater
WVDC
6.3
10
16
25
35
50
63
100
-25°C to +20°C
2
2
2
2
2
2
2
2
Low temperature
stability
Impedance ratio
(120 Hz)
-40°C to +20°C
3
3
3
3
3
3
3
3
5000 hours at 105°C with rated WVDC and ripple current applied
(4000 hrs for D=10, 3000 Hrs for D=8, 2000 Hrs for D<6.3)
Capacitance change
<25% of initial measured value
Dissipation factor
<150% of maximum specified value
Load Life
Leakage current
>100% of maximum specified value
1000 hours at 105°C with no voltage applied
Capacitance change
<25% initial measured value
Dissipation factor
<200% of maximum specified value
Shelf Life
Leakage current
>100% of maximum specified value
Frequency (Hz)
Temperature (°C)
Capacitance
50
120
1k
10k
100k
+105
+85
+70
C<33
.45
.55
.75
.91
1.0
1.0
1.41
1.65
33<C<330
.6
.7
.85
.95
1.0
1.0
1.41
1.65
330<C<1000
.65
.75
.9
.98
1.0
1.0
1.41
1.65
Ripple Current Multipliers
C>1000
.75
.8
.95
1.0
1.0
1.0
1.41
1.65
D
5
6.3
8
10
12.5
16
18
S
2.0
2.5
3.5
5.0
5.0
7.5
7.5
d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
L1=L+1.5mm Max.
mm
D1=D+0.5mm Max.
S1=S+0.5 mm


Similar Part No. - 227KXM010M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
227KXM010M ILLINOISCAPACITOR-227KXM010M Datasheet
130Kb / 5P
   105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
227KXM010M ILLINOISCAPACITOR-227KXM010M Datasheet
240Kb / 3P
   Standardized case sizes - High ripple current ??Multiplecase sizes
227KXM010M ILLINOISCAPACITOR-227KXM010M Datasheet
398Kb / 3P
   Standardized Case Sizes - High Ripple Current ??Multiple Case Sizes
227KXM010M ILLINOISCAPACITOR-227KXM010M Datasheet
137Kb / 1P
   Radial Lead High Frequency / Low Impedance
More results

Similar Description - 227KXM010M

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SEK101M6R3ST CDE-SEK101M6R3ST Datasheet
446Kb / 6P
   105 ?C Radial Leaded Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
672D VISHAY-672D Datasheet
116Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 22-May-13
678D VISHAY-678D Datasheet
105Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 23-May-13
672D VISHAY-672D_V01 Datasheet
121Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
678D VISHAY-678D_V01 Datasheet
109Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
U673D VISHAY-U673D Datasheet
384Kb / 13P
   Aluminum Capacitors 105 °C, Tubular Radial Lead
Revision: 16-Jul-08
logo
List of Unclassifed Man...
350GE162U6R3C ETC2-350GE162U6R3C Datasheet
182Kb / 4P
   105 ?C, Low Inductance, Radial, Aluminum Electrolytic
logo
Illinois Capacitor, Inc...
104CKH050M ILLINOISCAPACITOR-104CKH050M_13 Datasheet
541Kb / 4P
   105 General Purpose Radial Lead Aluminum Electrolytic Capacitors
logo
RFE international
RA220M1CBK050110 RFE-RA220M1CBK050110_V01 Datasheet
987Kb / 4P
   Aluminum Electrolytic Capacitors RA Series: Radial, Very Low Leakage, 105°C
31-AUG-2023
logo
Vishay Siliconix
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com