Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

477RZM035M1615 Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 477RZM035M1615
Description  105C High Frequency Radial Lead Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

477RZM035M1615 Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  477RZM035M1615 Datasheet HTML 1Page - Illinois Capacitor, Inc. 477RZM035M1615 Datasheet HTML 2Page - Illinois Capacitor, Inc. 477RZM035M1615 Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RZM
+105°C, Previous standard
not for new designs
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Impedance
Ω +20°C/-
10°C
100kHz
Maximum
RMS
Ripple
Current
(A)
100 kHz,
+105°C
Dims DxL
(mm)
0.47
50
474RZM050M
423.284
19.5
20
5x11
0.68
50
684RZM050M
292.564
16.5
30
5x11
1
50
105RZM050M
198.944
13.5
40
5x11
1.5
50
155RZM050M
132.629
13.5
40
5x11
2.2
50
225RZM050M
90.529
11.7
50
5x11
3.3
50
335RZM050M
60.286
10.14
65
5x11
4.7
50
475RZM050M
42.328
9
65
5x11
6.8
50
685RZM050M
29.256
7.8
70
5x11
10
50
106RZM050M
16.579
3.992
110
5x11
15
50
156RZM050M
13.263
5.25
60
5x11
22
10
226RZM010M
16.579
2.4
180
5x11
22
16
226RZM016M
13.564
2.4
180
5x11
22
50
226RZM050M
9.043
4.8
150
5x11
33
35
336RZM035M
7.033
2.4
100
5x11
33
50
336RZM050M
6.029
1.68
200
6.3x11
47
25
476RZM025M
5.644
2.34
180
5x11
47
50
476RZM050M
4.233
1.68
210
6.3x11
68
16
686RZM016M
4.389
1.95
150
5x11
68
25
686RZM025M
3.901
1.8
200
6.3x11
68
50
686RZM050M
2.926
1.5
300
8x11.5
100
10
107RZM010M
3.647
2.4
80
5x11
100
25
107RZM025M
2.653
1.2
230
6.3x11
100
50
107RZM050M
1.989
1.05
325
8x11.5
150
10
157RZM010M
2.432
0.99
230
6.3x11
150
16
157RZM016M
1.989
1.34
260
6.3x15
150
25
157RZM025M
1.768
0.6
395
8x11.5
150
35
157RZM035M815
1.547
0.9
405
8x15
150
35
157RZM035M1013 1.547
0.6
435
10x12.5
150
50
157RZM050M
1.326
0.66
525
10x16
220
10
227RZM010M
1.658
0.99
250
6.3x11
220
25
227RZM025M
1.206
0.75
395
8x11.5
220
35
227RZM035M1013 1.055
0.66
535
10x12.5
220
50
227RZM050M
0.904
0.54
600
10x16
330
6.3
337RZM6R3M
1.306
0.99
250
6.3x11
330
16
337RZM016M
0.904
0.54
395
8x11.5
330
25
337RZM025M1013 0.804
0.36
535
10x12.5
330
35
337RZM035M
0.703
0.276
725
10x16
330
50
337RZM050M1020 0.603
0.42
750
10x20
330
50
337RZM050M1615 0.603
0.57
850
16x15
470
10
477RZM010M
0.776
0.75
395
8x11.5
470
16
477RZM016M1013 0.635
0.45
535
10x12.5
470
25
477RZM025M
0.564
0.273
725
10x16
470
35
477RZM035M1020 0.494
0.21
900
10x20
470
35
477RZM035M1615 0.494
0.33
1000
16x15
470
50
477RZM050M1320 0.423
0.33
1000
12.5x20
470
50
477RZM050M1815 0.423
0.48
1100
18x15
680
6.3 687RZM6R3M1013 0.634
0.36
535
10x12.5
680
10
687RZM010M1016 0.536
0.36
725
10x16
680
16
687RZM016M
0.439
0.273
725
10x16
680
25
687RZM025M1320
0.39
0.225
950
12.5x20
680
25
687RZM025M1615
0.39
0.33
1000
16x15
680
35
687RZM035M1320 0.341
0.195
1150
12.5x20
680
35
687RZM035M1815 0.341
0.24
1100
18x15
680
50
687RZM050M1325 0.293
0.255
1150
12.5x25
680
50
687RZM050M1620 0.293
0.24
1200
16x20
1000
6.3
108RZM6R3M
0.431
0.39
535
10x12.5
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Impedance
Ω +20°C/-
10°C
100kHz
Maximum
RMS
Ripple
Current
(A)
100 kHz,
+105°C
Dims DxL
(mm)
1000
10
108RZM010M
0.365
0.39
725
10x16
1000
16
108RZM016M1020 0.298
0.21
900
10x20
1000
16
108RZM016M1615 0.298
0.33
1000
16x15
1000
25
108RZM025M1320 0.265
0.21
1150
12.5x20
1000
25
108RZM025M1815 0.265
0.24
1100
18x15
1000
35
108RZM035M1325 0.232
0.15
1300
12.5x25
1000
35
108RZM035M1620 0.232
0.225
1350
16x20
1000
50
108RZM050M
0.199
0.18
1350
16x25
1500
6.3 158RZM6R3M1020
0.31
0.21
900
10x20
1500
6.3 158RZM6R3M1315
0.31
0.3
970
12.5x15
1500
10
158RZM010M1320 0.265
0.27
1150
12.5x20
1500
10
158RZM010M1615 0.265
0.33
1000
16x15
1500
16
158RZM016M1815 0.199
0.24
1100
18x15
1500
16
158RZM016M1320 0.221
0.195
1150
12.5x20
1500
25
158RZM025M1325 0.199
0.219
1300
12.5x25
1500
25
158RZM025M1620 0.199
0.114
1350
16x20
1500
35
158RZM035M1625 0.177
0.099
1570
16x25
1500
35
158RZM035M1820 0.177
0.183
1500
18x20
1500
35
158RZM035M1340 0.155
0.144
1800
12.5x40
1500
50
158RZM050M1640 0.133
0.147
2050
16x40
1500
50
158RZM050M1832 0.155
0.138
2000
18x31.5
2200
6.3 228RZM6R3M1320 0.226
0.195
1150
12.5x20
2200
6.3 228RZM6R3M1615 0.196
0.33
1000
16x15
2200
6.3 228RZM6R3M1030 0.226
0.285
1100
10x30
2200
10
228RZM010M1815 0.196
0.24
1100
18x15
2200
10
228RZM010M1320 0.196
0.21
1150
12.5x20
2200
16
228RZM016M1325 0.166
0.15
1300
12.5x25
2200
16
228RZM016M1620 0.166
0.225
1350
16x20
2200
25
228RZM025M1625 0.151
0.105
1570
16x25
2200
25
228RZM025M1820 0.151
0.183
1500
18x20
2200
35
228RZM035M
0.136
0.084
1850
16x31.5
2200
50
228RZM050M
0.121
0.135
2100
18x35.5
3300
6.3 338RZM6R3M1320 0.161
0.195
1150
12.5x20
3300
6.3 338RZM6R3M1815 0.161
0.24
1100
18x15
3300
10
338RZM010M1325 0.141
0.114
1300
12.5x25
3300
10
338RZM010M1620 0.141
0.225
1350
16x20
3300
16
338RZM016M1625 0.121
0.099
1570
16x25
3300
16
338RZM016M1820 0.121
0.183
1500
18x20
3300
16
338RZM016M1340 0.121
0.144
1600
12.5x40
3300
25
338RZM025M
0.111
0.084
1850
16x31.5
3300
35
338RZM035M
0.101
0.078
2200
18x35.5
4700
6.3 478RZM6R3M1625
0.12
0.099
1500
16x25
4700
6.3 478RZM6R3M1820
0.12
0.183
1550
18x20
4700
10
478RZM010M
0.106
0.099
1570
16x25
4700
16
478RZM016M
0.092
0.074
1850
16x31.5
4700
25
478RZM025M
0.085
0.078
2200
18x35.5
4700
35
478RZM035M
0.078
0.069
2400
18x40
6800
6.3
688RZM6R3M
0.093
0.099
1570
16x25
6800
10
688RZM010M
0.083
0.084
1850
16x31.5
6800
16
688RZM016M
0.073
0.078
2200
18x35.5
10000
6.3
109RZM6R3M
0.073
0.087
1850
16x31.5
10000
10
109RZM010M
0.066
0.075
2200
18x35.5
10000
16
109RZM016M
0.0597
0.072
2460
18x40
15000
6.3
159RZM6R3M
0.053
0.078
2200
18x35.5
15000
10
159RZM010M
0.055
0.069
2460
18x40


Similar Part No. - 477RZM035M1615

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
477RZM035M1615 ILLINOISCAPACITOR-477RZM035M1615 Datasheet
126Kb / 4P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
More results

Similar Description - 477RZM035M1615

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
226RZS050M ILLINOISCAPACITOR-226RZS050M_13 Datasheet
557Kb / 3P
   105C High Frequency Radial Lead Aluminum Electrolytic Capacitors
477JZM016M ILLINOISCAPACITOR-477JZM016M_13 Datasheet
184Kb / 2P
   105C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
104FXM050M ILLINOISCAPACITOR-104FXM050M_13 Datasheet
656Kb / 3P
   105C Low Profile Radial Lead Aluminum Electrolytic Capacitors
474RZM050M ILLINOISCAPACITOR-474RZM050M Datasheet
126Kb / 4P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
226RZS050M ILLINOISCAPACITOR-226RZS050M Datasheet
112Kb / 3P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
104PGM050M ILLINOISCAPACITOR-104PGM050M_13 Datasheet
184Kb / 2P
   105C, 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
104STF050M ILLINOISCAPACITOR-104STF050M Datasheet
174Kb / 2P
   105C, 5mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com