Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSK-S2-5U Datasheet(PDF) 4 Page - CUI INC

Part # VSK-S2-5U
Description  SERIES: VSK-S2 DESCRIPTION: AC-DC POWER SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VSK-S2-5U Datasheet(HTML) 4 Page - CUI INC

  VSK-S2-5U Datasheet HTML 1Page - CUI INC VSK-S2-5U Datasheet HTML 2Page - CUI INC VSK-S2-5U Datasheet HTML 3Page - CUI INC VSK-S2-5U Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
date
08/16/2012 │ page 4 of 4
CUI Inc
│ SERIES: VSK-S2 │ DESCRIPTION: AC-DC POWER SUPPLY
CUI offers a two (2) year limited warranty. Complete warranty information is listed on our website.
CUI reserves the right to make changes to the product at any time without notice. Information provided by CUI is believed to be accurate and reliable. However, no responsibility is
assumed by CUI for its use, nor for any infringements of patents or other rights of third parties which may result from its use.
CUI products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. A critical
component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to
affect its safety or effectiveness.
Headquarters
20050 SW 112th Ave.
Tualatin, OR 97062
800.275.4899
Fax 503.612.2383
cui.com
techsupport@cui.com
TYPICAL APPLICATION CIRCUIT
rev.
description
date
1.0
initial release
04/19/2012
1.01
updated features
06/04/2012
1.02
V-Infinity branding removed
08/16/2012
The revision history provided is for informational purposes only and is believed to be accurate.
REVISION HISTORY
NF
C1
C5
C3
MO V
L
N
NT C
L
N
+Vo
-Vo
+
C2
RL
TVS
C4
FUSE
EXTERNAL CAPACITORS TYPICAL VALUE (Unit: μF)
MODEL
C1
C2
TVS
VSK-S2-3R3U
220 μF
0.1 μF/50 V
P4KE6.8A
VSK-S2-5U
220 μF
0.1 μF/50 V
P4KE6.8A
VSK-S2-9U
120 μF
0.1 μF/50 V
P4KE12A
VSK-S2-12U
120 μF
0.1 μF/50 V
P4KE20A
VSK-S2-15U
120 μF
0.1 μF/50 V
P4KE20A
VSK-S2-24U
68 μF
0.1 μF/50 V
P4KE30A
Notes: 1. Output filtering capacitor C1 is an electrolytic capacitor. It is recommended to use high frequency
and low impedance electrolytic capacitors. For capacitance and current of capacitor please refer
to manufacture’s datasheet. Voltage derating of capacitor should be 80% or above. C2 is ceramic
capacitor, it is used to filter high frequency noise. TVS is a recommended component to protect
post-circuits (if converter fails).
2. It is recommended to use a 2A/250V slow blow FUSE.
3. MOV is required to protect the device under surge. Varistor model: 561KD14
C3,C4: Y capacitor, recommended parameter 2,200~4,700pF/400V;
C5: X capacitor, recommended parameter 0.1~0.33μF/300V;
NF: common model choke, recommended inductance is about 15mH~30mH.


Similar Part No. - VSK-S2-5U

ManufacturerPart #DatasheetDescription
logo
CUI INC
VSK-S2-5U CUI-VSK-S2-5U Datasheet
173Kb / 4P
   AC-DC POWER SUPPLY
More results

Similar Description - VSK-S2-5U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com