Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSK-S2-3R3U Datasheet(PDF) 3 Page - CUI INC

Part # VSK-S2-3R3U
Description  SERIES: VSK-S2 DESCRIPTION: AC-DC POWER SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VSK-S2-3R3U Datasheet(HTML) 3 Page - CUI INC

  VSK-S2-3R3U Datasheet HTML 1Page - CUI INC VSK-S2-3R3U Datasheet HTML 2Page - CUI INC VSK-S2-3R3U Datasheet HTML 3Page - CUI INC VSK-S2-3R3U Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
cui.com
date
08/16/2012 │ page 3 of 4
CUI Inc
│ SERIES: VSK-S2 │ DESCRIPTION: AC-DC POWER SUPPLY
DERATING CURVES
1. output power vs. ambient
temperature
2. efficiency vs. output power
(Vin=220Vac)
(Fro nt vie w)
(Bo ttom view)
(Side vie w)
2
13
4
1.10[0.43]
1
2
4
3
MECHANICAL DRAWING
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
1.327 x 0.874 x 0.708 (33.70 x 22.20 x 18.00 mm)
inch
case material
UL94V-0
weight
20
g
units: mm [inches]
tolerance: ±0.5 [±0.02]
pin section tolerance: ±0.10 mm [±0.004]
3. efficiency vs. input voltage
(load=100%)
PIN CONNECTIONS
PIN
FUNTION
1
AC(N)
2
AC(L)
3-Vo
4+Vo
Load (%)
85
120
220
240
264
305
Input Voltage (Vac)
80
75
70
65
60
55
50
45
40
10
20
30
40
50
60
70
80
90
100
80
75
70
65
60
55
50
45
100
80
60
40
20
Ambient Temperature (°C)
-40
-20
0
20
40
55
70 80
100
120


Similar Part No. - VSK-S2-3R3U

ManufacturerPart #DatasheetDescription
logo
CUI INC
VSK-S2-3R3U CUI-VSK-S2-3R3U Datasheet
173Kb / 4P
   AC-DC POWER SUPPLY
More results

Similar Description - VSK-S2-3R3U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com