Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

686KXM063MJP Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 686KXM063MJP
Description  105 C Low lmpedance Radial Lead Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

686KXM063MJP Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  686KXM063MJP Datasheet HTML 1Page - Illinois Capacitor, Inc. 686KXM063MJP Datasheet HTML 2Page - Illinois Capacitor, Inc. 686KXM063MJP Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KXM
+105°C, High Voltage Low
Impedance Long Life, 5000
hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Impedance
Ω +20°C/-
10°C
100kHz
Maximum
RMS
Ripple
Current
(mA)
100 kHz,
+105°C
Dims DxL
(mm)
0.47
100
474KXM100M
282.19
121.5
20
5x11
0.68
100
684KXM100M
195.043
67.5
24
5x11
1
100
105KXM100M
132.629
46
26
5x11
1.5
100
155KXM100M
88.419
27
33
5x11
2.2
100
225KXM100M
60.286
18.36
45
5x11
3.3
100
335KXM100M
40.191
11.205
55
5x11
4.7
50
475KXM050M
35.2737
5.096
80
5x11
4.7
100
475KXM100M
28.219
8.1
70
6.3x11
6.8
100
685KXM100M
19.504
5.4
85
6.3x11
10
50
106KXM050M
16.579
3.992
110
5x11
10
63
106KXM063M
13.2629
2.16
137
5x11
10
100
106KXM100M
13.2629
3.375
106
6.3x11
12
63
126KXM063M
11.0524
1.9
148
5x11
12
100
126KXM100M
11.0524
2.7
115
6.3x11
15
63
156KXM063M
8.842
1.5
185
6.3x11
15
100
156KXM100M
8.842
2.214
132
6.3x15
18
63
186KXM063M
7.3683
1.28
198
6.3x11
18
100
186KXM100M
7.3683
1.863
155
6.3x15
22
50
226KXM050M
7.5357
1.18
238
5x11
22
63
226KXM063M
6.0286
1.06
220
6.3x11
22
100
226KXM100M
6.0286
1.54
230
8x11.5
27
63
276KXM063M
4.912
0.86
240
6.3x11
27
100
276KXM100M
4.912
1.4
270
10x12.5
27
100
276KXM100MJP
4.912
1.3
280
8x15
33
35
336KXM035M
6.0286
1
250
5x11
33
50
336KXM050M
5.0238
1.411
230
6.3x11
33
63
336KXM063M
4.019
0.72
308
6.3x15
33
100
336KXM100M
4.019
1.19
295
10x12.5
33
100
336KXM100MJP
4.019
1.08
300
8x15
39
63
396KXM063M
3.4007
0.62
325
6.3x15
39
100
396KXM100M
3.4007
1.03
340
10x15
39
100
396KXM100MJU
3.4007
0.92
350
8x20
47
25
476KXM025M
4.9383
1
250
5x11
47
50
476KXM050M
3.5274
1.132
270
6.3x11
47
63
476KXM063M
2.822
0.52
370
8x11.5
47
100
476KXM100M
2.822
0.81
420
10x20
47
100
476KXM100MNP
2.822
0.89
400
12.5x15
56
16
566KXM016M
4.7368
1
250
5x11
56
35
566KXM035M
3.5526
0.41
405
6.3x11
56
50
566KXM050M
2.9605
0.5
385
6.3x11
56
63
566KXM063MJP
2.3684
0.44
460
8x15
56
63
566KXM063M
2.3684
0.48
445
10x12.5
56
100
566KXM100MNP
2.3684
0.78
430
12.5x15
56
100
566KXM100M
2.3684
0.675
455
10x20
68
16
686KXM016M
3.9009
1.25
180
5x11
68
35
686KXM035M
2.9256
0.991
280
6.3x11
68
50
686KXM050M
2.438
0.88
380
8x11.5
68
63
686KXM063M
1.9504
0.4
500
10x12.5
68
63
686KXM063MJP
1.9504
0.36
510
8x15
68
100
686KXM100M
1.9504
0.594
530
10x25
68
100
686KXM100MNP
1.9504
0.675
465
12.5x15
82
63
826KXM063M
1.6174
0.32
580
10x15
82
63
826KXM063MJU
1.6174
0.34
600
8x20
82
100
826KXM100M
1.6174
0.54
610
10x31.5
82
100
826KXM100MQP
1.6174
0.567
680
16x15
100
10
107KXM010M
3.1499
1
250
5x11
100
25
107KXM025M
2.321
0.41
405
6.3x11
100
50
107KXM050M
1.6579
0.24
724
8x11.5
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Impedance
Ω +20°C/-
10°C
100kHz
Maximum
RMS
Ripple
Current
(mA)
100 kHz,
+105°C
Dims DxL
(mm)
100
63
107KXM063M
1.3263
0.26
748
10x20
100
63
107KXM063MNP
1.3263
0.3
700
12.5x15
100
100
107KXM100M
1.3263
0.432
660
10x31.5
100
100
107KXM100MQP
1.3263
0.486
715
16x15
120
16
127KXM016M
2.2105
0.41
405
6.3x11
120
50
127KXM050M
1.3816
0.18
950
8x15
120
63
127KXM063M
1.105
0.22
820
10x20
120
63
127KXM063MNP
1.105
0.15
755
12.5x15
120
100
127KXM100M
1.105
0.351
770
12.5x25
120
100
127KXM100MQP
1.105
0.405
795
16x15
150
6.3
157KXM6R3M
2.4315
1
250
5x11
150
35
157KXM035M
1.3263
0.22
760
8x11.5
150
50
157KXM050M
1.1052
0.18
979
10x12.5
150
63
157KXM063M
0.8842
0.184
940
10x25
150
63
157KXM063MNP
0.8842
0.19
847
12.5x15
150
100
157KXM100M
0.8842
0.324
800
12.5x25
150
100
157KXM100MRP
0.8842
0.351
915
18x15
180
50
187KXM050M
0.921
0.14
1190
8x20
180
63
187KXM063M
0.7368
0.154
1100
10x31.5
180
63
187KXM063MQP
0.7368
0.164
1025
16x15
180
100
187KXM100M
0.7368
0.27
900
12.5x31.5
180
100
187KXM100MQU
0.7368
0.3
995
16x20
220
10
227KXM010M
1.4318
0.41
405
6.3x11
220
25
227KXM025M
1.055
0.22
760
8x11.5
220
35
227KXM035MLN
0.9043
0.319
630
10x12.5
220
35
227KXM035M
0.9043
0.17
995
8x15
220
50
227KXM050M
0.7536
0.12
1370
10x16
220
63
227KXM063M
0.0629
0.134
1145
12.5x20
220
63
227KXM063MQP
0.6029
0.144
1125
16x15
220
100
227KXM100M
0.6029
0.238
1000
12.5x35.5
220
100
227KXM100MQV
0.6029
0.254
1150
16x25
270
35
277KXM035M
0.7368
0.13
1250
8x20
270
50
277KXM050M
0.614
0.09
1580
10x20
270
63
277KXM063M
0.4912
0.112
1350
12.5x25
270
63
277KXM063MRP
0.4912
0.12
1300
18x15
270
100
277KXM100M
0.4912
0.2
1110
12.5x40
270
100
277KXM100MRU
0.4912
0.221
1225
18x20
330
6.3
337KXM6R3M
1.1052
0.41
405
6.3x11
330
16
337KXM016M
0.8038
0.22
760
8x11.5
330
25
337KXM025M
0.7033
0.17
995
8x15
330
25
337KXM025MLN
0.8038
0.27
700
10x12.5
330
35
337KXM035M
0.6029
0.12
1430
10x16
330
50
337KXM050M
0.5024
0.085
1870
10x25
330
63
337KXM063M
0.4019
0.1
1425
12.5x25
330
63
337KXM063MRP
0.4019
0.102
1400
18x15
330
100
337KXM100M
0.4019
0.176
1520
16x31.5
330
100
337KXM100MRV
0.4019
0.194
1425
18x25
390
63
397KXM063MQU
0.34
0.094
1500
16x20
390
63
397KXM063M
0.34
0.088
1625
12.5x31.5
390
100
397KXM100M
0.34
0.149
1725
16x35.5
390
100
397KXM100MRW
0.34
0.17
1600
18x31.5
470
10
477KXM010M
0.6702
0.22
760
8x11.5
470
16
477KXM016M
0.5644
0.17
995
8x15
470
16
477KXM016MLN
0.5644
0.233
660
10x12.5
470
25
477KXM025MLQ
0.4938
0.221
920
10x16
470
25
477KXM025M
0.4938
0.13
1250
8x20
470
35
477KXM035M
0.4233
0.069
1820
10x20
470
50
477KXM050M
0.3527
0.068
2050
12.5x20


Similar Part No. - 686KXM063MJP

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
686KXM063MJP ILLINOISCAPACITOR-686KXM063MJP Datasheet
240Kb / 3P
   Standardized case sizes - High ripple current ??Multiplecase sizes
686KXM063MJP ILLINOISCAPACITOR-686KXM063MJP Datasheet
398Kb / 3P
   Standardized Case Sizes - High Ripple Current ??Multiple Case Sizes
686KXM063MJP ILLINOISCAPACITOR-686KXM063MJP Datasheet
137Kb / 1P
   Radial Lead High Frequency / Low Impedance
More results

Similar Description - 686KXM063MJP

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SEK101M6R3ST CDE-SEK101M6R3ST Datasheet
446Kb / 6P
   105 ?C Radial Leaded Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
672D VISHAY-672D Datasheet
116Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 22-May-13
678D VISHAY-678D Datasheet
105Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 23-May-13
672D VISHAY-672D_V01 Datasheet
121Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
678D VISHAY-678D_V01 Datasheet
109Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
U673D VISHAY-U673D Datasheet
384Kb / 13P
   Aluminum Capacitors 105 °C, Tubular Radial Lead
Revision: 16-Jul-08
logo
List of Unclassifed Man...
350GE162U6R3C ETC2-350GE162U6R3C Datasheet
182Kb / 4P
   105 ?C, Low Inductance, Radial, Aluminum Electrolytic
logo
Illinois Capacitor, Inc...
104CKH050M ILLINOISCAPACITOR-104CKH050M_13 Datasheet
541Kb / 4P
   105 General Purpose Radial Lead Aluminum Electrolytic Capacitors
logo
RFE international
RA220M1CBK050110 RFE-RA220M1CBK050110_V01 Datasheet
987Kb / 4P
   Aluminum Electrolytic Capacitors RA Series: Radial, Very Low Leakage, 105°C
31-AUG-2023
logo
Vishay Siliconix
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com