Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

335TMA450M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 335TMA450M
Description  105C General Purpose Axial Lead Aluminum
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

335TMA450M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  335TMA450M Datasheet HTML 1Page - Illinois Capacitor, Inc. 335TMA450M Datasheet HTML 2Page - Illinois Capacitor, Inc. 335TMA450M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, Il 60712
● (847)675-1760● Fax (847) 675-2850 ● www.illcap.com
TMA
+105°C General Purpose
Axial Lead Aluminum
Electrolytic Capacitors
Features
Standard case sizes
Multiple case sizes
Lead free leads
Applications
Bypass
Filtering
Coupling
De-coupling
Specifications
Operating Temperature
Range
-40°C to +105°C (6.3 to 400 WVDC)
-25°C to +105°C (450 WVDC)
Capacitance Tolerance
+20% at 120 Hz, 20°C
WVDC
6.3
10
16
25
35
50
63
100
160
200
250
350
400
450
Surge
voltage
SVDC
7.9
13
20
32
44
63
79
125
200
250
300
400
450
500
WVDC
6.3
10
16
25
35
50
63
100
160
200
250
350
400
450
Tan
δ
.28
.24
.2
.18
.14
.12
.1
.09
.2
.2
.2
.2
.25
.25
Dissipation
Factor
Add .02 for every 1000uF above 1000uF
6.3 to 100 WVDC
160 to 450 WVDC
1 Minutes
1 Minute
1 Minute
Leakage current
.03CV or 4uA,
Whichever is greater
CV<1000
.01CV+40uA
CV>1000
.04CV+100uA
WVDC
6.3
10
16
25
35
50
63
100
160
200
250
350
400
450
-25°C to
+20°C
5
4
3
2
2
2
2
2
3
3
3
3
3
5
Low
temperature
stability
Impedance ratio
(120 Hz)
-40°C to
+20°C
12
10
8
6
5
4
4
4
8
6
6
6
6
-
2000 hours at 105°C with rated WVDC and ripple current applied
Capacitance change
<20% of initial measured value
Dissipation factor
<200% of maximum specified value
Load Life
Leakage current
>100% of maximum specified value
1000 hours at 105°C with no voltage applied
Capacitance change
<20% initial measured value
Dissipation factor
<200% of maximum specified value
Shelf Life
Leakage current
>100% of maximum specified value
Capacitance
Frequency (Hz)
Temperature (°C)
uF
50
120
400
1k
10k
50k
+105
+85
+70
C<47
.75
1.0
1.35
1.57
2.0
2.0
1.0
1.4
1.62
47<C<470
.8
1.0
1.23
1.34
1.5
1.5
1.0
1.4
1.62
Ripple Current
Multipliers
C>470
.85
1.0
1.1
1.13
1.15
1.15
1.0
1.4
1.62
D
5
6.3
8
10
12.5
16
18
22
25
d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
0.8
0.8
B
0.5
0.5
0.5
0.5
0.8
0.5
0.5
1.0
1.0
D< 10mm, L1=L+1.5mm Max.
mm
D> 10mm, L1=L+2mm Max.
D1=D+B Max.


Similar Part No. - 335TMA450M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
335TMA450M ILLINOISCAPACITOR-335TMA450M Datasheet
104Kb / 4P
   105째C Standard Axial Lead Aluminum Electrolytic Capacitors
335TMA450M ILLINOISCAPACITOR-335TMA450M Datasheet
267Kb / 3P
   Extended Life, 2000 hours
335TMA450M ILLINOISCAPACITOR-335TMA450M Datasheet
261Kb / 3P
   Extended Life - High voltage
335TMA450M ILLINOISCAPACITOR-335TMA450M Datasheet
113Kb / 1P
   AXIAL LEAD
More results

Similar Description - 335TMA450M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474TTA100M ILLINOISCAPACITOR-474TTA100M_13 Datasheet
352Kb / 3P
   85C General Purpose Axial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
30D VISHAY-30D_13 Datasheet
76Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 16-Apr-13
53D VISHAY-53D Datasheet
170Kb / 4P
   Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
Revision: 22-Jul-08
30D VISHAY-30D Datasheet
174Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 22-Jul-08
53D VISHAY-53D_13 Datasheet
77Kb / 4P
   Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
Revision: 24-Apr-13
logo
Continental Device Indi...
CT282 CDIL-CT282 Datasheet
146Kb / 3P
   SILICON GENERAL PURPOSE DIODE AXIAL LEAD
logo
Weitron Technology
SR120 WEITRON-SR120 Datasheet
238Kb / 3P
   Axial Lead General Purpose Plastic Rectifier
logo
Illinois Capacitor, Inc...
104SMH050M ILLINOISCAPACITOR-104SMH050M_13 Datasheet
200Kb / 2P
   105C General Purpose Surface Mount Aluminum Electrolytic Capacitors
logo
Sensitron
1N5819-1 SENSITRON-1N5819-1 Datasheet
88Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
logo
Continental Device Indi...
CS1553 CDIL-CS1553 Datasheet
90Kb / 3P
   SILICON GENERAL PURPOSE SWITCHING DIODES AXIAL LEAD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com