Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

107KBM025M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 107KBM025M
Description  Radial Lead Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

107KBM025M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  107KBM025M Datasheet HTML 1Page - Illinois Capacitor, Inc. 107KBM025M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Long Life - High temperature RoHS Compliant
APPLICATIONS
Switching power supplies Power Adaptors Electronic Ballasts
Operating Temperature Range
-40°C to +105°C
Capacitance Tolerance
+20% at 120 Hz, 20°C
WVDC
6.3
10
16
25
35
50
63
100
Surge voltage
SVDC
7.9
13
20
32
44
63
79
125
WVDC
6.3
10
16
25
35
50
63
100
tan
δ
.22
.19
.16
.14
.12
.1
.09
.08
Dissipation Factor
120 Hz, 20°C
Add .02 for every 1000uF above 1000uF
.01CV or 3uA, Whichever is greater
Leakage current
2 Minutes
Rated WVDC
6.3
10
16
25 to 100
-25°C to +20°C
4
3
2
2
Low temperature stability
Impedance ratio
(120 Hz)
-40°C to +20°C
8
6
4
3
After application of rated voltage applied at 105°C
WVDC
6.3 to 10
16 to 100
D<6.3mm 4000 Hrs.
D=8 to 10mm 5000 Hrs.
D> 12mm 8000 Hrs.
D<6.3mm 5000 Hrs.
D=8 to 10mm 7000 Hrs.
D> 12mm 10000 Hrs.
Capacitance change
<25% of initial measured value
Dissipation factor
<200% of maximum specified value
Load Life
Leakage current
>100% of maximum specified value
1000 hours at 105°C with no voltage applied
Capacitance change
<25% of initial measured value
Dissipation factor
<200% of maximum specified value
Shelf Life
Insulation resistance
>100% of maximum specified value
Frequency (Hz)
Temperature (°C)
Capacitance (uF)
120
1k
10k
100k
<65
75
85
.47 to 10
.42
.6
.8
1.0
2.12
1.69
1.0
22 to 33
.55
.75
.9
1.0
2.12
1.69
1.0
47 to 330
.7
.85
.95
1.0
2.12
1.69
1.0
470 to 1000
.75
.9
.98
1.0
2.12
1.69
1.0
Ripple Current Multipliers
2200 to 15000
.8
.95
1.0
1.0
2.12
1.69
1.0
Lead spacing VS. Case diameter
D
5
6.3
8
10
12.5
16
18
S
2.0
2.5
3.5
5.0
5.0
7.5
7.5
d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
B
1.5
1.5
1.5
1.5
1.5
1.5
1.5
L1=L+1.5mm Max.
D1=D+0.5mm Max.
S1=S+0.5 mm


Similar Part No. - 107KBM025M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107KBM025M ILLINOISCAPACITOR-107KBM025M Datasheet
412Kb / 3P
   10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
107KBM025M ILLINOISCAPACITOR-107KBM025M Datasheet
185Kb / 2P
   High Frequency Low Impedance/ESR,8000 to 10000 hours
107KBM025M ILLINOISCAPACITOR-107KBM025M Datasheet
179Kb / 2P
   Long Life - High temperature ??RoHS Compliant
107KBM025M ILLINOISCAPACITOR-107KBM025M Datasheet
134Kb / 1P
   Radial Lead High Frequency / Low Impedance
More results

Similar Description - 107KBM025M

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH220MEFC6.3X11 RUBYCON-16ZLH220MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH680MEFC8X16 RUBYCON-16ZLH680MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
25YXG220MEFC8X11.5 RUBYCON-25YXG220MEFC8X11.5 Datasheet
190Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXF470MEFC10X20 RUBYCON-35YXF470MEFC10X20 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXM47MEFC6.3X11 RUBYCON-35YXM47MEFC6.3X11 Datasheet
172Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLH270MEFC8X16 RUBYCON-35ZLH270MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLJ100M6.3X11 RUBYCON-35ZLJ100M6.3X11 Datasheet
198Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
63YXF47MEFC8X11.5 RUBYCON-63YXF47MEFC8X11.5 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com