Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

106KXM063M Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 106KXM063M
Description  105 C Low lmpedance Radial Lead Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

106KXM063M Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  106KXM063M Datasheet HTML 1Page - Illinois Capacitor, Inc. 106KXM063M Datasheet HTML 2Page - Illinois Capacitor, Inc. 106KXM063M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
KXM
+105°C, High Voltage Low
Impedance Long Life, 5000
hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Impedance
Ω +20°C/-
10°C
100kHz
Maximum
RMS
Ripple
Current
(mA)
100 kHz,
+105°C
Dims DxL
(mm)
470
63
477KXM063M
0.2822
0.08
1785
12.5x35.5
470
63
477KXM063MQV
0.2822
0.084
1700
16x25
470
100
477KXM100M
0.2822
0.132
1920
16x40
470
100
477KXM100MRY
0.2822
0.157
1775
18x35.5
560
6.3
567KXM6R3M
0.6513
0.22
760
8x11.5
560
35
567KXM035M
0.3553
0.066
2150
10x25
560
50
567KXM050M
0.296
0.059
2410
12.5x25
560
63
567KXM063M
0.2368
0.072
1950
12.5x40
560
63
567KXM063MRU
0.2368
0.08
1725
18x20
560
100
567KXM100M
0.2368
0.116
2050
18x35.5
680
10
687KXM010M
0.4632
0.17
995
8x15
680
10
687KXM010MLN
0.4632
0.194
760
10x12.5
680
16
687KXM016MLQ
0.3901
0.184
880
10x16
680
16
687KXM016M
0.3901
0.13
1250
8x20
680
25
687KXM025M
0.3413
0.069
1820
10x20
680
35
687KXM035M
0.2926
0.053
2360
12.5x20
680
50
687KXM050M
0.2438
0.052
2860
12.5x31.5
680
63
687KXM063M
0.195
0.066
2050
16x31.5
680
63
687KXM063MRV
0.195
0.072
1950
18x25
680
100
687KXM100M
0.195
0.103
2300
18x40
820
6.3
827KXM6R3M
0.4448
0.17
995
8x15
820
25
827KXM025M
0.283
0.066
2150
10x25
820
50
827KXM050M
0.2022
0.051
3960
12.5x35.5
820
63
827KXM063M
1.6174
0.06
2225
16x35.5
820
63
827KXM063MRW
1.6174
0.064
2100
18x31.5
1000
6.3
108KXM6R3M
0.3647
0.16
1030
10x12.5
1000
10
108KXM010M
0.315
0.13
1250
8x20
1000
10
108KXM010MLQ
0.315
0.158
1030
10x16
1000
16
108KXM016M
0.2653
0.069
1820
10x20
1000
25
108KXM025M
0.199
0.053
2360
12.5x20
1000
35
108KXM035M
0.1989
0.045
2770
12.5x25
1000
50
108KXM050M
0.1658
0.056
3010
16x25
1000
63
108KXM063M
0.1326
0.056
2375
16x40
1000
63
108KXM063MRY
0.1326
0.06
2280
18x35.5
1200
6.3
128KXM6R3MLQ
0.3316
0.144
1090
10x16
1200
6.3
128KXM6R3M
0.3316
0.13
1250
8x20
1200
10
128KXM010M
0.2901
0.069
1820
10x20
1200
16
128KXM016M
0.2487
0.066
2150
10x25
1200
25
128KXM025M
0.221
0.124
1730
12.5x20
1200
35
128KXM035M
0.1934
0.041
3290
12.5x31.5
1200
50
128KXM050M
0.138
0.083
2710
16x31.5
1200
63
128KXM063M
0.138
0.052
2500
18x40
1500
6.3
158KXM6R3M
0.2653
0.069
1820
10x20
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Impedance
Ω +20°C/-
10°C
100kHz
Maximum
RMS
Ripple
Current
(mA)
100 kHz,
+105°C
Dims DxL
(mm)
1500
10
158KXM010M
0.2321
0.066
2150
10x25
1500
16
158KXM016M
0.1989
0.053
2360
12.5x20
1500
25
158KXM025M
0.1989
0.045
2770
12.5x25
1500
35
158KXM035MQV
0.1547
0.079
2250
16x25
1500
35
158KXM035M
0.1547
0.039
3400
12.5x35.5
1500
50
158KXM050M
0.1326
0.071
3010
16x35.5
1800
25
188KXM025M
0.1474
0.041
3290
12.5x31.5
1800
35
188KXM035M
0.1289
0.043
3460
16x25
2200
6.3
228KXM6R3M
0.1959
0.066
2150
10x25
2200
10
228KXM010M
0.1733
0.053
2360
12.5x20
2200
16
228KXM016M
0.1507
0.045
2770
12.5x25
2200
25
228KXM025M
0.1356
0.039
3400
12.5x35.5
2200
25
228KXM025MQV
0.1356
0.065
2390
16x25
2200
35
228KXM035M
0.1206
0.077
2880
16x31.5
2200
50
228KXM050M
0.1055
0.055
3690
18x35.5
2700
16
278KXM016M
0.1228
0.041
3290
12.5x31.5
2700
25
278KXM025M
0.1105
0.043
3460
16x25
3300
6.3
338KXM6R3M
0.1407
0.053
2360
12.5x20
3300
10
338KXM010M
0.126
0.045
2770
12.5x25
3300
16
338KXM016MQV
0.1105
0.057
2200
16x25
3300
16
338KXM016M
0.1105
0.039
3400
12.5x35.5
3300
25
338KXM025M
0.1005
0.054
3020
16x31.5
3300
35
338KXM035M
0.0904
0.064
3650
18x35.5
3300
50
338KXM050M
0.0804
0.046
4350
18x40
3900
6.3
398KXM6R3M
0.119
0.045
2770
12.5x25
3900
10
398KXM010M
0.1256
0.041
3290
12.5x31.5
3900
16
398KXM016M
0.0935
0.043
3460
16x25
4700
6.3
478KXM6R3M
0.1058
0.041
3290
12.5x31.5
4700
10
478KXM010M
0.1063
0.039
3400
12.5x35.5
4700
10
478KXM010MQV
0.1063
0.051
2350
16x25
4700
16
478KXM016M
0.0847
0.048
2670
16x31.5
4700
25
478KXM025M
0.0776
0.046
3700
18x35.5
5600
6.3
568KXM6R3M
0.0947
0.039
3400
12.5x35.5
5600
10
568KXM010M
0.0952
0.043
3460
16x25
6800
6.3
688KXM6R3M
0.0829
0.043
3460
16x25
6800
10
688KXM010M
0.0756
0.045
2850
16x31.5
6800
16
688KXM016M
0.0683
0.043
3280
18x35.5
10000
6.3
109KXM6R3M
0.0547
0.043
3000
16x31.5
10000
10
109KXM010M
0.0613
0.041
3430
18x35.5
10000
16
109KXM016M
0.0597
0.039
3670
18x40
15000
6.3
159KXM6R3M
0.0475
0.041
3610
18x35.5
15000
10
159KXM010M
0.0519
0.039
3850
18x40


Similar Part No. - 106KXM063M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
106KXM063M ILLINOISCAPACITOR-106KXM063M Datasheet
130Kb / 5P
   105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
106KXM063M ILLINOISCAPACITOR-106KXM063M Datasheet
240Kb / 3P
   Standardized case sizes - High ripple current ??Multiplecase sizes
106KXM063M ILLINOISCAPACITOR-106KXM063M Datasheet
398Kb / 3P
   Standardized Case Sizes - High Ripple Current ??Multiple Case Sizes
106KXM063M ILLINOISCAPACITOR-106KXM063M Datasheet
137Kb / 1P
   Radial Lead High Frequency / Low Impedance
More results

Similar Description - 106KXM063M

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SEK101M6R3ST CDE-SEK101M6R3ST Datasheet
446Kb / 6P
   105 ?C Radial Leaded Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
672D VISHAY-672D Datasheet
116Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 22-May-13
678D VISHAY-678D Datasheet
105Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 23-May-13
672D VISHAY-672D_V01 Datasheet
121Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
678D VISHAY-678D_V01 Datasheet
109Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
U673D VISHAY-U673D Datasheet
384Kb / 13P
   Aluminum Capacitors 105 °C, Tubular Radial Lead
Revision: 16-Jul-08
logo
List of Unclassifed Man...
350GE162U6R3C ETC2-350GE162U6R3C Datasheet
182Kb / 4P
   105 ?C, Low Inductance, Radial, Aluminum Electrolytic
logo
Illinois Capacitor, Inc...
104CKH050M ILLINOISCAPACITOR-104CKH050M_13 Datasheet
541Kb / 4P
   105 General Purpose Radial Lead Aluminum Electrolytic Capacitors
logo
RFE international
RA220M1CBK050110 RFE-RA220M1CBK050110_V01 Datasheet
987Kb / 4P
   Aluminum Electrolytic Capacitors RA Series: Radial, Very Low Leakage, 105°C
31-AUG-2023
logo
Vishay Siliconix
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com