Part Name
         Description
MUR8100E

 8A, 1000V Ultrafast Diodes ( 5 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
   
 3 page
background image
©2002 Fairchild Semiconductor Corporation
MUR8100E, RURP8100 Rev. B1
FIGURE 3. trr, ta AND tb CURVES vs FORWARD CURRENT
FIGURE 4. trr, ta AND tb CURVES vs FORWARD CURRENT
FIGURE 5. trr, ta AND tb CURVES vs FORWARD CURRENT
FIGURE 6. CURRENT DERATING CURVE
FIGURE 7. JUNCTION CAPACITANCE vs REVERSE VOLTAGE
Typical Performance Curves (Continued)
IF, FORWARD CURRENT (A)
0.5
0
80
20
8
1
40
60
4
tb
100
trr
ta
TC = 25
oC, dI
F/dt = 200A/µs
ta
trr
tb
25
50
75
IF, FORWARD CURRENT (A)
0
100
125
0.5
8
1
4
TC = 100
oC, dI
F/dt = 200A/µs
125
75
IF, FORWARD CURRENT (A)
0
ta
50
150
trr
tb
25
100
0.5
8
14
TC = 175
oC, dI
F/dt = 200A/µs
2
0
140
150
160
175
165
4
6
8
TC, CASE TEMPERATURE (
oC)
155
DC
SQ. WAVE
170
145
VR, REVERSE VOLTAGE (V)
40
20
0
80
0
50
100
150
200
100
60
MUR8100E, RURP8100



Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MUR8100E8A 1000V Ultrafast Diodes 1 2 3 4 Intersil Corporation
RURG3070CC30A 700V - 1000V Ultrafast Dual Diodes 1 2 3 Intersil Corporation
RURU15070150A 700V - 1000V Ultrafast Diodes 1 2 3 4 Intersil Corporation
RHRU757075A 700V - 1000V Hyperfast Diodes 1 2 3 4 Intersil Corporation
BYV72EFRectifier diodes ultrafast rugged 1 2 3 4 5 MoreNXP Semiconductors
APT2X100D120JULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES 1 2 Advanced Power Technology
APT2X60D60JULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES 1 2 3 4 Advanced Power Technology
APT60D20LCTULTRAFAST SOFT RECOVERY RECTIFIER DIODES 1 2 3 4 Advanced Power Technology
RURG3040CC30A 400V - 600V Ultrafast Dual Diodes 1 2 3 Intersil Corporation
RURG15100CC15A 1000V Ultrafast Dual Diode 1 2 3 Intersil Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl