Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

683MKP275KD Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 683MKP275KD
Description  Small size ??Safety Agency approved ??Metalized Polypropylene
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

683MKP275KD Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  683MKP275KD Datasheet HTML 1Page - Illinois Capacitor, Inc. 683MKP275KD Datasheet HTML 2Page - Illinois Capacitor, Inc. 683MKP275KD Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
All dimensions in (mm)
* 17mm lead length available upon request
X capacitors are used to suppress electrical noise by reducing the input impedance of
the device incorporating the capacitor.
X capacitors are connected across the supply line where failure of the capacitor will
not result in personal exposure to electrical shock.
X2 capacitors are to be used in applications where the peak voltage is <1200V.
Safety
agency
Standard
Voltage
Class
Certificate
number
UL 1414(.0047 to 1uF)
310
FOWX2*
FOWX8*
E317135
UL
UL 1283 (.0047 to 10uF)
310
FOKY2^
FOKY8^
E317132
Class 2221 02 (.0047 to 10uF)
310
EMI
CSA
Class 2221 51 (.0047 to 1.0uF)
250
Audio/video equipment
241565
ENEC
(SEMKO)
IEC 60384-14/ SE/0252-3
305
X2
SE/07119
CQC
GB/T14472-1998
275
X2
CQC07001021654
CQC07001021577
*Antenna coupling, Line bypass, across the line
^Electromagnetic interference filter


Similar Part No. - 683MKP275KD

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
683MKP275KD ILLINOISCAPACITOR-683MKP275KD Datasheet
399Kb / 3P
   Class X2 Radial Lead Metallized Polypropylene Capacitors
683MKP275KD ILLINOISCAPACITOR-683MKP275KD Datasheet
336Kb / 3P
   Small size ??Safety Agency approved ??Metalized Polypropylene
More results

Similar Description - 683MKP275KD

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
MKP ILLINOISCAPACITOR-MKP Datasheet
336Kb / 3P
   Small size ??Safety Agency approved ??Metalized Polypropylene
logo
Cherry Semiconductor Co...
PRK22J5DBBNN CHERRY-PRK22J5DBBNN Datasheet
261Kb / 2P
   Smallest agency approved rocker switch
logo
ZF Friedrichshafen AG
K22J5FBBNN ZFSWITCHES-K22J5FBBNN Datasheet
261Kb / 2P
   Smallest agency approved rocker switch
logo
Bel Fuse Inc.
ABC450 BEL-ABC450 Datasheet
2Mb / 9P
   ITE Safety Agency Approvals
ABC300 BEL-ABC300 Datasheet
1Mb / 6P
   ITE Safety Agency Approvals
logo
List of Unclassifed Man...
BL600 ETC2-BL600 Datasheet
123Kb / 2P
   Meets Safety Agency Requirements
logo
Pulse A Technitrol Comp...
PE-63387 PULSE-PE-63387 Datasheet
58Kb / 1P
   International safety construction, VDE approved
logo
Vishay Siliconix
MKP1847H VISHAY-MKP1847H Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
logo
Pulse A Technitrol Comp...
PE-63387NL PULSE-PE-63387NL Datasheet
58Kb / 1P
   International safety construction, VDE approved
logo
Vishay Siliconix
732P VISHAY-732P Datasheet
40Kb / 1P
   Film Capacitors Metalized Polypropylene, Wrap-and-Fill
Revision 17-Nov-03
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com