Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ51T1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMSZ51T1G
Description  Zener Voltage Regulators 500 mW SOD??23 Surface Mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSZ51T1G Datasheet(HTML) 2 Page - ON Semiconductor

  MMSZ51T1G Datasheet HTML 1Page - ON Semiconductor MMSZ51T1G Datasheet HTML 2Page - ON Semiconductor MMSZ51T1G Datasheet HTML 3Page - ON Semiconductor MMSZ51T1G Datasheet HTML 4Page - ON Semiconductor MMSZ51T1G Datasheet HTML 5Page - ON Semiconductor MMSZ51T1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMSZxxxT1G Series, SZMMSZxxxT1G Series
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25C unless
otherwise noted, VF = 0.95 V Max. @ IF = 10 mA)
Symbol
Parameter
VZ
Reverse Zener Voltage @ IZT
IZT
Reverse Current
ZZT
Maximum Zener Impedance @ IZT
IR
Reverse Leakage Current @ VR
VR
Reverse Voltage
IF
Forward Current
VF
Forward Voltage @ IF
Zener Voltage Regulator
IF
V
I
IR
IZT
VR
VZ
VF
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA)
Device*
Device
Marking
VZ1 (Volts)
(Notes 3 and 4)
ZZT1
(Note 5)
VZ2 (Volts)
(Notes 3 and 4)
ZZT2
(Note 5)
Max Reverse
Leakage Current
@ IZT1 = 5 mA
@ IZT2 = 1 mA
IR @ VR
Min
Nom
Max
W
Min
Max
W
mA
Volts
MMSZ2V4T1G
T1
2.28
2.4
2.52
100
1.7
2.1
600
50
1
MMSZ2V7T1G
T2
2.57
2.7
2.84
100
1.9
2.4
600
20
1
MMSZ3V0T1G
T3
2.85
3.0
3.15
95
2.1
2.7
600
10
1
MMSZ3V3T1G
T4
3.14
3.3
3.47
95
2.3
2.9
600
5
1
MMSZ3V6T1G
T5
3.42
3.6
3.78
90
2.7
3.3
600
5
1
MMSZ3V9T1G
U1
3.71
3.9
4.10
90
2.9
3.5
600
3
1
MMSZ4V3T1G
U2
4.09
4.3
4.52
90
3.3
4.0
600
3
1
MMSZ4V7T1G
U3
4.47
4.7
4.94
80
3.7
4.7
500
3
2
MMSZ5V1T1G
U4
4.85
5.1
5.36
60
4.2
5.3
480
2
2
MMSZ5V6T1G/T3G
U5
5.32
5.6
5.88
40
4.8
6.0
400
1
2
MMSZ6V2T1G
V1
5.89
6.2
6.51
10
5.6
6.6
150
3
4
MMSZ6V8T1G
V2
6.46
6.8
7.14
15
6.3
7.2
80
2
4
MMSZ7V5T1G
V3
7.13
7.5
7.88
15
6.9
7.9
80
1
5
MMSZ8V2T1G
V4
7.79
8.2
8.61
15
7.6
8.7
80
0.7
5
MMSZ9V1T1G
V5
8.65
9.1
9.56
15
8.4
9.6
100
0.5
6
MMSZ10T1G
A1
9.50
10
10.50
20
9.3
10.6
150
0.2
7
MMSZ11T1G
A2
10.45
11
11.55
20
10.2
11.6
150
0.1
8
MMSZ12T1G
A3
11.40
12
12.60
25
11.2
12.7
150
0.1
8
MMSZ13T1G
A4
12.35
13
13.65
30
12.3
14.0
170
0.1
8
MMSZ15T1G
A5
14.25
15
15.75
30
13.7
15.5
200
0.05
10.5
MMSZ16T1G
X1
15.20
16
16.80
40
15.2
17.0
200
0.05
11.2
MMSZ18T1G/T3G
X2
17.10
18
18.90
45
16.7
19.0
225
0.05
12.6
MMSZ20T1G
X3
19.00
20
21.00
55
18.7
21.1
225
0.05
14
MMSZ22T1G
X4
20.90
22
23.10
55
20.7
23.2
250
0.05
15.4
MMSZ24T1G
X5
22.80
24
25.20
70
22.7
25.5
250
0.05
16.8
3. The type numbers shown have a standard tolerance of 5% on the nominal Zener Voltage.
4. Tolerance and Voltage Designation: Zener Voltage (VZ) is measured with the Zener Current applied for PW = 1 ms.
5. ZZT and ZZK are measured by dividing the AC voltage drop across the device by the AC current applied.
The specified limits are for IZ(AC) = 0.1 IZ(DC), with the AC frequency = 1 kHz.
*Include SZ-prefix devices where applicable.


Similar Part No. - MMSZ51T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ51T1G ONSEMI-MMSZ51T1G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMSZ51T1G ONSEMI-MMSZ51T1G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMSZ51T1G ONSEMI-MMSZ51T1G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
More results

Similar Description - MMSZ51T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ4678T1 ONSEMI-MMSZ4678T1_05 Datasheet
74Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
August, 2005 ??Rev. 7
MMSZ8V2ET1G ONSEMI-MMSZ8V2ET1G Datasheet
159Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 7
MMSZ5221ET1 ONSEMI-MMSZ5221ET1 Datasheet
79Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
March, 2006 ??Rev. 6
MMSZ4690T3G ONSEMI-MMSZ4690T3G Datasheet
150Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2012 ??Rev. 9
MMSZ2V4T1 ONSEMI-MMSZ2V4T1_06 Datasheet
77Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
Juanuary, 2006 ??Rev. 9
SZMMSZ5238BT1G ONSEMI-SZMMSZ5238BT1G Datasheet
130Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
October, 2012 ??Rev. 12
MMSZ4678ET1 ONSEMI-MMSZ4678ET1 Datasheet
73Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2005 ??Rev. 3
MMSZ5248ET1G ONSEMI-MMSZ5248ET1G Datasheet
154Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2012 ??Rev. 8
MMSZ2V4ET1 ONSEMI-MMSZ2V4ET1_06 Datasheet
81Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2006 ??Rev. 5
MMSZ4678ET1_0508 ONSEMI-MMSZ4678ET1_0508 Datasheet
72Kb / 5P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
August, 2005 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com