Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

224THB305KG Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 224THB305KG
Description  Boxed Metallized Polypropylene film capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

224THB305KG Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  224THB305KG Datasheet HTML 1Page - Illinois Capacitor, Inc. 224THB305KG Datasheet HTML 2Page - Illinois Capacitor, Inc. 224THB305KG Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
All dimensions in (mm)
* 17mm lead length available upon request
X capacitors are used to suppress electrical noise by reducing the input impedance of
the device incorporating the capacitor.
X capacitors are connected across the supply line where failure of the capacitor will
not result in personal exposure to electrical shock.
X2 capacitors are to be used in applications where the peak voltage is <1200V.
Safety agency
Standard
Voltage
Class
Certificate number
UL 1414(.0047 to 1uF)
310
FOWX2*
FOWX8*
E317135
UL
UL 1283 (.0047 to 10uF)
310
FOKY2^
FOKY8^
E317132
Class 2221 02 (.0047 to 10uF)
310
EMI
CSA
Class 2221 51 (.0047 to 1.0uF)
250
Audio/video equipment
241565
ENEC
(SEMKO)
IEC 60384-14/ SE/0252-3
305
X2
SE/07119
CQC
GB/T14472-1998
275
X2
CQC07001021654
CQC07001021577
*Antenna coupling, Line bypass, across the line
^Electromagnetic interference filter


Similar Part No. - 224THB305KG

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
224TLS050M ILLINOISCAPACITOR-224TLS050M Datasheet
89Kb / 3P
   85째C Low Leakage Axial Lead Aluminum Electrolytic Capacitors
More results

Similar Description - 224THB305KG

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
684MHBS70K2H ILLINOISCAPACITOR-684MHBS70K2H Datasheet
1Mb / 11P
   Boxed Metallized Polypropylene Film
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com