Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

337FSB330XGBF Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 337FSB330XGBF
Description  55C Photoflash Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

337FSB330XGBF Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  337FSB330XGBF Datasheet HTML 1Page - Illinois Capacitor, Inc. 337FSB330XGBF Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
22
0.5
D±a
L+3
5.0
10
2.6
25
1.0
D±a
L+3
5.5
10
3.0
30
1.0
D±a
L+3
5.5
10
3.0
35
1.0
D±a
L+3
5.5
10
3.0
35
1.0
D±a
L+3
5.5
10
3.0
0.07
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
I Signal Lights
I JIS 2365 Compliant
I Snap Mount
I Emergency and Security Lights
I Long Life
I Low Leakage Current
FSB
+55°C Photoflash
Aluminum Electrolytic
Capacitors
Operating Temperature Range
-10 to +20% at 120Hz, 25°C
Leakage Current
@25°C, Rated
WVDC applied
-20°C to +55°C
Shelf Life
Test
Charge/Discharge
Test
5000 flashes at rated voltage applied at 5-35°C repeating every 30 seconds thru a Xe flash tube
having a discharge resistance of 0.7-1.0
500 hours at 70°C with no voltage applied
Dissipation Factor
330
350
360
390
Surge Voltage
tan
δ
Cap
WVDC
SVDC
Time
5 minutes
1*C
≤ 10% of initial measured value
≤ 150% of maximum specified value
≤ 150%of maximum specified value
≤ 10% of initial measured value
≤ 150% of maximum specified value
≤ 150%of maximum specified value
Capacitance change
Dissipation factor
Leakage current
Capacitance change
Dissipation factor
Leakage current
Capacitance Tolerance
D
a
D1
L1
LL+/-2mm
S+/-2mm
W
0.1
C
≤600µF C>600µF
Cathode
D1
L1
Case Vent
Sleeve
LL
S
W


Similar Part No. - 337FSB330XGBF

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
337FSB330XGBF ILLINOISCAPACITOR-337FSB330XGBF Datasheet
222Kb / 2P
   High voltage ??Low Leakage ??low dissipation Factor
337FSB330XGBF ILLINOISCAPACITOR-337FSB330XGBF Datasheet
106Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 337FSB330XGBF

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
306FSR300XZ2BW ILLINOISCAPACITOR-306FSR300XZ2BW Datasheet
615Kb / 4P
   55C Radial lead Photoflash aluminum electrolytic Capacitors
157FSL360XDE ILLINOISCAPACITOR-157FSL360XDE Datasheet
135Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
337FSL450XEJ ILLINOISCAPACITOR-337FSL450XEJ Datasheet
135Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
337FSB330XGBF ILLINOISCAPACITOR-337FSB330XGBF Datasheet
106Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
337FSB360XGBG ILLINOISCAPACITOR-337FSB360XGBG Datasheet
106Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
337FSL360XDP ILLINOISCAPACITOR-337FSL360XDP Datasheet
109Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
687FSB360XBJ ILLINOISCAPACITOR-687FSB360XBJ Datasheet
106Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
687FSB360XEH ILLINOISCAPACITOR-687FSB360XEH Datasheet
106Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
687FSB360XGEH ILLINOISCAPACITOR-687FSB360XGEH Datasheet
106Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
107FSL360XCE ILLINOISCAPACITOR-107FSL360XCE Datasheet
135Kb / 1P
   PHOTOFLASH ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com