Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL15T1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # SL15T1
Description  300 Watt SOT-23 Low Capacitance TVS for High Speed Line Protections
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SL15T1 Datasheet(HTML) 2 Page - ON Semiconductor

  SL15T1 Datasheet HTML 1Page - ON Semiconductor SL15T1 Datasheet HTML 2Page - ON Semiconductor SL15T1 Datasheet HTML 3Page - ON Semiconductor SL15T1 Datasheet HTML 4Page - ON Semiconductor SL15T1 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SL05T1 Series
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Power Dissipation @ 8x20 usec (Note 1)
@ TL ≤ 25°C
Ppk
300
W
IEC 61000−4−2
Level 4
Contact Discharge
Air Discharge
IEC 61000−4−4
EFT
IEC 61000−4−5
Lightning
Vpp
±8
±16
40
12
kV
kV
A
A
Total Power Dissipation on FR−5 Board (Note 2) @ TA = 25°C
Derate above 25°C
°PD°
225
1.8
°mW°
mW/°C
Thermal Resistance Junction to Ambient
RqJA
556
°C/W
Total Power Dissipation on Alumina Substrate (Note 3) @ TA = 25°C
Derate above 25°C
°PD°
300
2.4
°mW
mW/°C
Thermal Resistance Junction−to−Ambient
RqJA
417
°C/W
Junction and Storage Temperature Range
TJ, Tstg
− 55 to +150
°C
Lead Solder Temperature − Maximum (10 Second Duration)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Non−repetitive current pulse per Figure 2
2. FR−5 = 1.0 x 0.75 x 0.62 in.
3. Alumina = 0.4 x 0.3 x 0.024 in., 99.5% alumina
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
UNIDIRECTIONAL
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
QVBR
Maximum Temperature Coefficient of VBR
IF
Forward Current
VF
Forward Voltage @ IF
ZZT
Maximum Zener Impedance @ IZT
IZK
Reverse Current
ZZK
Maximum Zener Impedance @ IZK
Uni−Directional TVS
IPP
IF
V
I
IR
IT
VRWM
VC VBR
VF


Similar Part No. - SL15T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SL15T1 ONSEMI-SL15T1 Datasheet
53Kb / 8P
   300 Watt, SOT-23 Low Capacitance TVS for High Speed Line Protections
May, 2002 ??Rev. 3
SL15T1 ONSEMI-SL15T1 Datasheet
60Kb / 5P
   300 Watt, SOT-23 Low Capacitance TVS for High Speed Line Protections
December, 2006 ??Rev. 5
logo
Zibo Seno Electronic En...
SL15T100 ZSELEC-SL15T100 Datasheet
190Kb / 2P
   15.0 A SUPER BARRIER RECTIFIER
SL15T100L ZSELEC-SL15T100L Datasheet
190Kb / 2P
   15.0 A SUPER BARRIER RECTIFIER
SL15T120 ZSELEC-SL15T120 Datasheet
190Kb / 2P
   15.0 A SUPER BARRIER RECTIFIER
More results

Similar Description - SL15T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SL05T1 ONSEMI-SL05T1 Datasheet
53Kb / 8P
   300 Watt, SOT-23 Low Capacitance TVS for High Speed Line Protections
May, 2002 ??Rev. 3
SL05T1 ONSEMI-SL05T1_06 Datasheet
60Kb / 5P
   300 Watt, SOT-23 Low Capacitance TVS for High Speed Line Protections
December, 2006 ??Rev. 5
logo
Semtech Corporation
RCLAMP0534N SEMTECH-RCLAMP0534N Datasheet
142Kb / 7P
   Low Capacitance TVS for High-Speed Interfaces
logo
Protek Devices
SMDA03-6 PROTEC-SMDA03-6_11 Datasheet
512Kb / 6P
   300 WATT MULTI-LINE TVS ARRAY
DFN6-36 PROTEC-DFN6-36_11 Datasheet
511Kb / 6P
   300 watt Multi-line TVS ARRAY
SMDA03-6 PROTEC-SMDA03-6_12 Datasheet
513Kb / 6P
   300 WATT MULTI-LINE TVS ARRAY
SM16LC03 PROTEC-SM16LC03_11 Datasheet
887Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRY
PLCDA03 PROTEC-PLCDA03_12 Datasheet
886Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLCDA03C-6 PROTEC-PLCDA03C-6_12 Datasheet
917Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
SMDA03LC PROTEC-SMDA03LC_11 Datasheet
795Kb / 10P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com