Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBRS8340T3G Datasheet(PDF) 1 Page - ON Semiconductor

Part # SBRS8340T3G
Description  Surface Mount Schottky Power Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SBRS8340T3G Datasheet(HTML) 1 Page - ON Semiconductor

  SBRS8340T3G Datasheet HTML 1Page - ON Semiconductor SBRS8340T3G Datasheet HTML 2Page - ON Semiconductor SBRS8340T3G Datasheet HTML 3Page - ON Semiconductor SBRS8340T3G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2013
April, 2013 − Rev. 11
1
Publication Order Number:
MBRS340T3/D
MBRS320T3G, SBRS8320T3G,
MBRS330T3G, NRVBS330T3G,
MBRS340T3G, SBRS8340T3G
Surface Mount
Schottky Power Rectifier
These devices employ the Schottky Barrier principle in a large area
metal-to-silicon power diode. State-of-the-art geometry features
epitaxial construction with oxide passivation and metal overlay
contact. Ideally suited for low voltage, high frequency rectification, or
as free wheeling and polarity protection diodes, in surface mount
applications where compact size and weight are critical to the system.
Features
Small Compact Surface Mountable Package with J-Bend Leads
Rectangular Package for Automated Handling
Highly Stable Oxide Passivated Junction
Very Low Forward Voltage Drop
(0.5 V Max @ 3.0 A, TJ = 25°C)
Excellent Ability to Withstand Reverse Avalanche Energy Transients
Guard-Ring for Stress Protection
Device Passes ISO 7637 Pulse #1
SBRS8 and NRVB Prefix for Automotive and Other Applications
Requiring Unique Site and Control Change Requirements;
AEC−Q101 Qualified and PPAP Capable
These are Pb-Free Packages*
Mechanical Characteristics
Case: Epoxy, Molded, Epoxy Meets UL 94 V−0
Weight: 217 mg (Approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
Polarity: Notch in Plastic Body Indicates Cathode Lead
Device Meets MSL 1 Requirements
ESD Ratings:
Machine Model = C (> 400 V)
Human Body Model = 3B (> 8000 V)
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
SMC
CASE 403
PLASTIC
SCHOTTKY BARRIER
RECTIFIERS
3.0 AMPERES
20, 30, 40 VOLTS
MBRS320T3G
SMC
(Pb−Free)
2,500 /
Tape & Reel
MARKING DIAGRAM
B3x
= Device Code
x
= 2, 3 or 4
A
= Assembly Location
Y
= Year
WW = Work Week
G
= Pb−Free Package
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
MBRS330T3G
SMC
(Pb−Free)
2,500 /
Tape & Reel
MBRS340T3G
SMC
(Pb−Free)
2,500 /
Tape & Reel
AYWW
B3xG
G
(Note: Microdot may be in either location)
SBRS8320T3G
SMC
(Pb−Free)
2,500 /
Tape & Reel
NRVBS330T3G
SMC
(Pb−Free)
2,500 /
Tape & Reel
SBRS8340T3G
SMC
(Pb−Free)
2,500 /
Tape & Reel


Similar Part No. - SBRS8340T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SBRS81100T3G ONSEMI-SBRS81100T3G Datasheet
132Kb / 4P
   Schottky Power Rectifier
January, 2012 ??Rev. 10
SBRS81100T3G ONSEMI-SBRS81100T3G Datasheet
135Kb / 4P
   Schottky Power Rectifier
June, 2015 ??Rev. 11
SBRS8120T3G ONSEMI-SBRS8120T3G Datasheet
135Kb / 4P
   Surface Mount Schottky Power Rectifier
January, 2012 ??Rev. 7
SBRS8130LN ONSEMI-SBRS8130LN Datasheet
278Kb / 6P
   Schottky Power Rectifier Surface Mount Power Package
December, 2019 - Rev. 11
SBRS8130LNT3G ONSEMI-SBRS8130LNT3G Datasheet
278Kb / 6P
   Schottky Power Rectifier Surface Mount Power Package
December, 2019 - Rev. 11
More results

Similar Description - SBRS8340T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
   Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
SS24 ONSEMI-SS24 Datasheet
64Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
   Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
   Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBR120ESFT1 ONSEMI-MBR120ESFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBR120LSFT1 ONSEMI-MBR120LSFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRS540T3 ONSEMI-MBRS540T3_05 Datasheet
65Kb / 5P
   Surface Mount Schottky Power Rectifier
November, 2005 ??Rev. 5
logo
Motorola, Inc
MBRA140T3 MOTOROLA-MBRA140T3 Datasheet
135Kb / 4P
   Surface Mount Schottky Power Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com