Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSV45090JD Datasheet(PDF) 6 Page - ON Semiconductor

Part # NSV45090JD
Description  Adjustable Constant Current Regulator & LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSV45090JD Datasheet(HTML) 6 Page - ON Semiconductor

  NSV45090JD Datasheet HTML 1Page - ON Semiconductor NSV45090JD Datasheet HTML 2Page - ON Semiconductor NSV45090JD Datasheet HTML 3Page - ON Semiconductor NSV45090JD Datasheet HTML 4Page - ON Semiconductor NSV45090JD Datasheet HTML 5Page - ON Semiconductor NSV45090JD Datasheet HTML 6Page - ON Semiconductor NSV45090JD Datasheet HTML 7Page - ON Semiconductor NSV45090JD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NSI45090JD, NSV45090JD
http://onsemi.com
6
Other Currents
The adjustable CCR can be placed in parallel with any
other CCR to obtain a desired current. The adjustable CCR
provides the ability to adjust the current as LED efficiency
increases to obtain the same light output (Figure 11).
Figure 11.
Dimming using PWM
The dimming of an LED string can be easily achieved by
placing a BJT in series with the CCR (Figure 12).
Figure 12.
The method of pulsing the current through the LEDs is
known as Pulse Width Modulation (PWM) and has become
the preferred method of changing the light level. LEDs being
a silicon device, turn on and off rapidly in response to the
current through them being turned on and off. The switching
time is in the order of 100 nanoseconds, this equates to a
maximum frequency of 10 Mhz, and applications will
typically operate from a 100 Hz to 100 kHz. Below 100 Hz
the human eye will detect a flicker from the light emitted
from the LEDs. Between 500 Hz and 20 kHz the circuit may
generate audible sound. Dimming is achieved by turning the
LEDs on and off for a portion of a single cycle. This on/off
cycle is called the Duty cycle (D) and is expressed by the
amount of time the LEDs are on (Ton) divided by the total
time of an on/off cycle (Ts) (Figure 13).
Figure 13.
The current through the LEDs is constant during the period
they are turned on resulting in the light being consistent with
no shift in chromaticity (color). The brightness is in proportion
to the percentage of time that the LEDs are turned on.
Figure 14 is a typical response of Luminance vs Duty Cycle.
Figure 14. Luminous Emmitance vs. Duty Cycle
DUTY CYCLE (%)
100
90
80
70
60
50
40
0
1000
3000
2000
30
4000
6000
20
10
0
5000
Lux
Linear
Reducing EMI
Designers creating circuits switching medium to high
currents need to be concerned about Electromagnetic
Interference (EMI). The LEDs and the CCR switch
extremely fast, less than 100 nanoseconds. To help eliminate
EMI, a capacitor can be added to the circuit across R2.
(Figure 12) This will cause the slope on the rising and falling
edge on the current through the circuit to be extended. The
slope of the CCR on/off current can be controlled by the
values of R1 and C1.
The selected delay / slope will impact the frequency that
is selected to operate the dimming circuit. The longer the
delay, the lower the frequency will be. The delay time should
not be less than a 10:1 ratio of the minimum on time. The
frequency is also impacted by the resolution and dimming
steps that are required. With a delay of 1.5 microseconds on
the rise and the fall edges, the minimum on time would be
30 microseconds. If the design called for a resolution of 100
dimming steps, then a total duty cycle time (Ts) of 3
milliseconds or a frequency of 333 Hz will be required.


Similar Part No. - NSV45090JD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSV45090JDT4G ONSEMI-NSV45090JDT4G Datasheet
164Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
April, 2014 ??Rev. 3
More results

Similar Description - NSV45090JD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSI45020JZ ONSEMI-NSI45020JZ_13 Datasheet
177Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
NSI45020JZT1G ONSEMI-NSI45020JZT1G Datasheet
125Kb / 6P
   Adjustable Constant Current Regulator & LED Driver
June, 2010 ??Rev. 0
NSI45060DDT4G ONSEMI-NSI45060DDT4G Datasheet
143Kb / 6P
   Adjustable Constant Current Regulator & LED Driver
February, 2010 ??Rev. 0
NSI50150ADT4G ONSEMI-NSI50150ADT4G Datasheet
177Kb / 9P
   Adjustable Constant Current Regulator & LED Driver
August, 2012 ??Rev. 0
NSI45035JZ ONSEMI-NSI45035JZ_13 Datasheet
178Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
NSI45090JDT4G ONSEMI-NSI45090JDT4G_14 Datasheet
164Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
April, 2014 ??Rev. 3
NSI50150ADT4G ONSEMI-NSI50150ADT4G_15 Datasheet
165Kb / 10P
   Adjustable Constant Current Regulator & LED Driver
March, 2015 ??Rev. 1
NSI45060JDT4G ONSEMI-NSI45060JDT4G_14 Datasheet
164Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
April, 2014 ??Rev. 3
NSI45035JZT1G ONSEMI-NSI45035JZT1G Datasheet
126Kb / 6P
   Adjustable Constant Current Regulator & LED Driver
June, 2010 ??Rev. 0
NSI45090DDT4G ONSEMI-NSI45090DDT4G Datasheet
143Kb / 6P
   Adjustable Constant Current Regulator & LED Driver
February, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com