Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5258ET1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMSZ5258ET1G
Description  Zener Voltage Regulators 500 mW SOD??23 Surface Mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSZ5258ET1G Datasheet(HTML) 2 Page - ON Semiconductor

  MMSZ5258ET1G Datasheet HTML 1Page - ON Semiconductor MMSZ5258ET1G Datasheet HTML 2Page - ON Semiconductor MMSZ5258ET1G Datasheet HTML 3Page - ON Semiconductor MMSZ5258ET1G Datasheet HTML 4Page - ON Semiconductor MMSZ5258ET1G Datasheet HTML 5Page - ON Semiconductor MMSZ5258ET1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMSZ52xxET1G Series, SZMMSZ52xxET1G Series
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25C unless
otherwise noted, VF = 0.95 V Max. @ IF = 10 mA)
Symbol
Parameter
VZ
Reverse Zener Voltage @ IZT
IZT
Reverse Current
ZZT
Maximum Zener Impedance @ IZT
IZK
Reverse Current
ZZK
Maximum Zener Impedance @ IZK
IR
Reverse Leakage Current @ VR
VR
Reverse Voltage
IF
Forward Current
VF
Forward Voltage @ IF
Zener Voltage Regulator
IF
V
I
IR
IZT
VR
VZ
VF
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA)
Device*
Device
Marking
Zener Voltage (Notes 4 and 5)
Zener Impedance (Note 6)
Leakage Current
VZ (V)
@ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Min
Nom
Max
mA
W
W
mA
mA
V
MMSZ5221ET1G
CA1
2.28
2.4
2.52
20
30
1200
0.25
100
1
MMSZ5223ET1G
CA3
2.57
2.7
2.84
20
30
1300
0.25
75
1
MMSZ5226ET1G
CA6
3.14
3.3
3.47
20
28
1600
0.25
25
1
MMSZ5228ET1G
CA8
3.71
3.9
4.10
20
23
1900
0.25
10
1
MMSZ5229ET1G
CA9
4.09
4.3
4.52
20
22
2000
0.25
5
1
MMSZ5231ET1G
CB2
4.85
5.1
5.36
20
17
1600
0.25
5
2
MMSZ5232ET1G
CB3
5.32
5.6
5.88
20
11
1600
0.25
5
3
MMSZ5234ET1G
CB5
5.89
6.2
6.51
20
7
1000
0.25
5
4
MMSZ5235ET1G
CB6
6.46
6.8
7.14
20
5
750
0.25
3
5
MMSZ5236ET1G
CB7
7.13
7.5
7.88
20
6
500
0.25
3
6
MMSZ5237ET1G
CB8
7.79
8.2
8.61
20
8
500
0.25
3
6.5
MMSZ5240ET1G
CC2
9.50
10
10.50
20
17
600
0.25
3
8
MMSZ5242ET1G
CC4
11.40
12
12.60
20
30
600
0.25
1
9.1
MMSZ5243ET1G
CC5
12.35
13
13.65
9.5
13
600
0.25
0.5
9.9
MMSZ5244ET1G
CC6
13.30
14
14.70
9.0
15
600
0.25
0.1
10
MMSZ5245ET1G
CC7
14.25
15
15.75
8.5
16
600
0.25
0.1
11
MMSZ5246ET1G
CC8
15.20
16
16.80
7.8
17
600
0.25
0.1
12
MMSZ5248ET1G
CD1
17.10
18
18.90
7.0
21
600
0.25
0.1
14
MMSZ5250ET1G
CD3
19.00
20
21.00
6.2
25
600
0.25
0.1
15
MMSZ5252ET1G
CD5
22.80
24
25.20
5.2
33
600
0.25
0.1
18
4. The type numbers shown have a standard tolerance of 5% on the nominal Zener voltage.
5. Nominal Zener voltage is measured with the device junction in thermal equilibrium at TL = 30C 1C.
6. ZZT and ZZK are measured by dividing the AC voltage drop across the device by the ac current applied.
The specified limits are for IZ(AC) = 0.1 IZ(dc) with the AC frequency = 1 kHz.
*Include SZ-prefix devices where applicable


Similar Part No. - MMSZ5258ET1G

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MMSZ5258 GE-MMSZ5258 Datasheet
41Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
MMSZ5258 VISHAY-MMSZ5258 Datasheet
136Kb / 5P
   Small Signal Zener Diodes
Rev. 1.5, 20-Mar-06
logo
Micro Commercial Compon...
MMSZ5258 MCC-MMSZ5258 Datasheet
250Kb / 5P
   500 mW Zener Diodes 2.4 to 39 Volts
logo
Vishay Siliconix
MMSZ5258 VISHAY-MMSZ5258 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
MMSZ5258 VISHAY-MMSZ5258 Datasheet
100Kb / 5P
   Small Signal Zener Diodes
Rev. 1.8, 23-Mar-12
More results

Similar Description - MMSZ5258ET1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SZMMSZ3V0T1G ONSEMI-SZMMSZ3V0T1G Datasheet
157Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 11
MMSZ4678T1 ONSEMI-MMSZ4678T1_05 Datasheet
74Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
August, 2005 ??Rev. 7
MMSZ8V2ET1G ONSEMI-MMSZ8V2ET1G Datasheet
159Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 7
MMSZ5221ET1 ONSEMI-MMSZ5221ET1 Datasheet
79Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
March, 2006 ??Rev. 6
MMSZ4690T3G ONSEMI-MMSZ4690T3G Datasheet
150Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2012 ??Rev. 9
MMSZ2V4T1 ONSEMI-MMSZ2V4T1_06 Datasheet
77Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
Juanuary, 2006 ??Rev. 9
SZMMSZ5238BT1G ONSEMI-SZMMSZ5238BT1G Datasheet
130Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
October, 2012 ??Rev. 12
MMSZ4678ET1 ONSEMI-MMSZ4678ET1 Datasheet
73Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2005 ??Rev. 3
MMSZ2V4ET1 ONSEMI-MMSZ2V4ET1_06 Datasheet
81Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2006 ??Rev. 5
MMSZ4678ET1_0508 ONSEMI-MMSZ4678ET1_0508 Datasheet
72Kb / 5P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
August, 2005 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com