Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP382LMN20A-ATXG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP382LMN20A-ATXG
Description  Fixed Current-Limiting Power-Distribution Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP382LMN20A-ATXG Datasheet(HTML) 2 Page - ON Semiconductor

  NCP382LMN20A-ATXG Datasheet HTML 1Page - ON Semiconductor NCP382LMN20A-ATXG Datasheet HTML 2Page - ON Semiconductor NCP382LMN20A-ATXG Datasheet HTML 3Page - ON Semiconductor NCP382LMN20A-ATXG Datasheet HTML 4Page - ON Semiconductor NCP382LMN20A-ATXG Datasheet HTML 5Page - ON Semiconductor NCP382LMN20A-ATXG Datasheet HTML 6Page - ON Semiconductor NCP382LMN20A-ATXG Datasheet HTML 7Page - ON Semiconductor NCP382LMN20A-ATXG Datasheet HTML 8Page - ON Semiconductor NCP382LMN20A-ATXG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NCP382
http://onsemi.com
2
IN
OUT1
EN1
GND
NCP382
USB
Port
GND
D+
D−
VBUS
120 mF
USB INPUT
5V
EN1
FLAG1
USB
DATA
EN2
EN2
FLAG2
OUT2
USB
Port
GND
D+
D−
VBUS
120 mF
USB
DATA
Rfault
Figure 1. Typical Application Circuit
1 mF
100 kW
FLAG1
FLAG2
Figure 2. Pin Connections
GND
IN
EN1
EN2
OUT1
OUT2
FLAG1
FLAG2
GND
IN
EN1
EN2
OUT1
OUT2
FLAG1
FLAG2
DFN8
SOIC−8
1
2
3
4
8
7
6
5
8
7
6
5
1
2
3
4
(Top View)
PIN FUNCTION DESCRIPTION
Pin Name
Type
Description
EN1
I
Enable 1 input, logic low/high (i.e. EN or EN) turns on power switch.
EN2
I
Enable 2 input, logic low/high (i.e. EN or EN) turns on power switch.
GND
P
Ground connection.
IN
P
Power−switch input voltage; connect a 1 mF or greater ceramic capacitor from IN to GND as close as possible to
the IC.
FLAG1
O
Active−low open−drain output 1, asserted during overcurrent or overtemperature conditions. Connect a 10 kW or
greater resistor pull−up, otherwise leave unconnected.
FLAG2
O
Active−low open−drain output 2, asserted during overcurrent or overtemperature conditions. Connect a 10 kW or
greater resistor pull−up, otherwise leave unconnected.
OUT1
O
Power−switch output1; connect a 1 mF ceramic capacitor from OUT1 to GND, as close as possible to the IC.
This minimum value is recommended for USB requirement in terms of load transient response and strong short
circuits.
OUT2
O
Power−switch output2; connect a 1 mF ceramic capacitor from OUT2 to GND, as close as possible to the IC.
This minimum value is recommended for USB requirement in terms of load transient response and strong short
circuits.


Similar Part No. - NCP382LMN20A-ATXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP382LMN20A-ATXG ONSEMI-NCP382LMN20A-ATXG Datasheet
172Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
July, 2016 ??Rev. 9
More results

Similar Description - NCP382LMN20A-ATXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP382 ONSEMI-NCP382_16 Datasheet
172Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
July, 2016 ??Rev. 9
NCP380HMUAJAATBG ONSEMI-NCP380HMUAJAATBG Datasheet
599Kb / 24P
   Fixed / Adjustable Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 10
logo
Micrel Semiconductor
MIC2005A MICREL-MIC2005A Datasheet
415Kb / 25P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2005A-1YM5TR MICREL-MIC2005A-1YM5TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2009YM6-TR MICREL-MIC2009YM6-TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
Microchip Technology
MIC20XX MICROCHIP-MIC20XX Datasheet
3Mb / 38P
   Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
logo
Micrel Semiconductor
MIC20XX_1108 MICREL-MIC20XX_1108 Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC20XX MICREL-MIC20XX Datasheet
1Mb / 29P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2095 MICREL-MIC2095_11 Datasheet
1Mb / 25P
   Current-Limiting Power Distribution Switches
MIC2090 MICREL-MIC2090_11 Datasheet
1Mb / 23P
   Current Limiting Power Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com