Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP777AR Datasheet(PDF) 10 Page - Analog Devices

Part # OP777AR
Description  Precision Micropower Single-Supply Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP777AR Datasheet(HTML) 10 Page - Analog Devices

Back Button OP777AR Datasheet HTML 6Page - Analog Devices OP777AR Datasheet HTML 7Page - Analog Devices OP777AR Datasheet HTML 8Page - Analog Devices OP777AR Datasheet HTML 9Page - Analog Devices OP777AR Datasheet HTML 10Page - Analog Devices OP777AR Datasheet HTML 11Page - Analog Devices OP777AR Datasheet HTML 12Page - Analog Devices OP777AR Datasheet HTML 13Page - Analog Devices OP777AR Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. C
OP777/OP727/OP747
–10–
TEMPERATURE – C
14.944
60
40
140
20 0
20 40
60
80 100 120
14.946
14.948
14.950
14.954
14.956
14.958
14.960
14.962
14.964
VSY = 15V
IL = 1mA
14.952
TPC 46. Output Voltage High vs.
Temperature
TEMPERATURE – C
14.960
60
40
140
VSY = 15V
IL = 1mA
20
0
20 40
60
80 100 120
14.955
14.950
14.945
14.935
14.930
14.940
TPC 47. Output Voltage Low vs.
Temperature
TIME – Minutes
1.5
0
1.5
0
0.5
5.0
1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5
1.0
0.5
0.5
1.0
VSY = 15V
VCM = 0V
TA = 25 C
TPC 48. Warm-Up Drift
BASIC OPERATION
The OP777/OP727/OP747 amplifier uses a precision Bipolar
PNP input stage coupled with a high-voltage CMOS output
stage. This enables this amplifier to feature an input voltage
range which includes the negative supply voltage (often ground-
in single-supply applications) and also swing to within 1 mV of the
output rails. Additionally, the input voltage range extends to within
1 V of the positive supply rail. The epitaxial PNP input structure
provides high breakdown voltage, high gain, and an input bias cur-
rent figure comparable to that obtained with a “Darlington” input
stage amplifier but without the drawbacks (i.e., severe penalties for
input voltage range, offset, drift and noise). The PNP input structure
also greatly lowers the noise and reduces the dc input error terms.
Supply Voltage
The amplifiers are fully specified with a single 5 V supply and, due
to design and process innovations, can also operate with a supply
voltage from 2.7 V up to 30 V. This allows operation from most
split supplies used in current industry practice, with the advantage
of substantially increased input and output voltage ranges over
conventional split-supply amplifiers. The OP777/OP727/OP747
series is specified with (VSY = 5 V, V– = 0 V and VCM = 2.5 V
which is most suitable for single-supply application. With PSRR of
130 dB (0.3
µV/V) and CMRR of 110 dB (3 µV/V) offset is mini-
mally affected by power supply or common-mode voltages. Dual
supply,
±15 V operation is also fully specified.
Input Common-Mode Voltage Range
The OP777/OP727/OP747 is rated with an input common-mode
voltage which extends from the minus supply to within 1 V of the
positive supply. However, the amplifier can still operate with input
voltages slightly below VEE. In Figure 2, OP777/OP727/OP747 is
configured as a difference amplifier with a single supply of 2.7 V
and negative dc common-mode voltages applied at the inputs
terminals. A 400 mV p-p input is then applied to the noninverting
input. It can be seen from the graph below that the output does not
show any distortion. Micropower operation is maintained by using
large input and feedback resistors.
TIME – 0.2ms/DIV
VIN
VOUT
0V
Figure 1. Input and Output Signals with VCM < 0 V
+3V
OP777/
OP727/
OP747
100k
100k
100k
100k
0.1V
VIN = 1kHz at 400mV p-p
0.27V
Figure 2. OP777/OP727/OP747 Configured as a Differ-
ence Amplifier Operating at VCM < 0 V


Similar Part No. - OP777AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP777AR AD-OP777AR Datasheet
162Kb / 12P
   Precision Micropower Single Supply Operational Amplifier
REV. 0
OP777AR AD-OP777AR Datasheet
194Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. C
OP777ARM AD-OP777ARM Datasheet
162Kb / 12P
   Precision Micropower Single Supply Operational Amplifier
REV. 0
OP777ARM AD-OP777ARM Datasheet
194Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. C
OP777ARMZ AD-OP777ARMZ Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. D
More results

Similar Description - OP777AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP727 AD-OP727_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
OP777 AD-OP777_V01 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
OP777 AD-OP777_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
OP747ARZ AD-OP747ARZ Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP727 AD-OP727 Datasheet
194Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. C
OP727ARUZ AD-OP727ARUZ Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP747 AD-OP747_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
logo
Burr-Brown (TI)
OPA241 BURR-BROWN-OPA241 Datasheet
268Kb / 10P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA244 TI1-OPA244 Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
OPA2241PAG4 TI-OPA2241PAG4 Datasheet
985Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com