Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MST4940C Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MST4940C
Description  10mm (0.400 inch) Three Digit NUMERIC STICK DISPLAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MST4940C Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MST4940C Datasheet HTML 1Page - Fairchild Semiconductor MST4940C Datasheet HTML 2Page - Fairchild Semiconductor MST4940C Datasheet HTML 3Page - Fairchild Semiconductor MST4940C Datasheet HTML 4Page - Fairchild Semiconductor MST4940C Datasheet HTML 5Page - Fairchild Semiconductor MST4940C Datasheet HTML 6Page - Fairchild Semiconductor MST4940C Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
GRAPHICAL DATA Bright Red (T
A = 25
oC, unless otherwise specified)
10mm (0.400 inch) Three Digit
NUMERIC STICK DISPLAY


Similar Part No. - MST4940C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MST4941C FAIRCHILD-MST4941C Datasheet
280Kb / 7P
   0.4 INCH (10.2MM) THREE DIGIT STICK DISPLAY
More results

Similar Description - MST4940C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MST4111C FAIRCHILD-MST4111C Datasheet
280Kb / 7P
   0.4 INCH (10.2MM) THREE DIGIT STICK DISPLAY
MST5150C FAIRCHILD-MST5150C Datasheet
283Kb / 7P
   0.52 INCH (13.2MM) THREE DIGIT STICK DISPLAY
MSD4H13C FAIRCHILD-MSD4H13C Datasheet
343Kb / 6P
   10.0mm (0.39 inch) Two Digit NUMERIC STICK DISPLAY
MST6110C FAIRCHILD-MST6110C Datasheet
277Kb / 7P
   0.56 INCH (14.2 MM) THREE DIGIT STICK DISPLAY
MST6111C FAIRCHILD-MST6111C Datasheet
278Kb / 7P
   0.56 INCH (14.2 MM) THREE DIGIT STICK DISPLAY
logo
Kingbright Corporation
DA04-11SYKWA KINGBRIGHT-DA04-11SYKWA Datasheet
354Kb / 6P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DC04-11SYKWA KINGBRIGHT-DC04-11SYKWA Datasheet
367Kb / 6P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DA04-11CGKWA KINGBRIGHT-DA04-11CGKWA Datasheet
355Kb / 6P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DC04-11PBWA-A KINGBRIGHT-DC04-11PBWA-A Datasheet
159Kb / 4P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DC04-11YWA KINGBRIGHT-DC04-11YWA Datasheet
154Kb / 4P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com