Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7170KSUZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADV7170KSUZ
Description  Digital PAL/NTSC Video Encoder
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7170KSUZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADV7170KSUZ Datasheet HTML 2Page - Analog Devices ADV7170KSUZ Datasheet HTML 3Page - Analog Devices ADV7170KSUZ Datasheet HTML 4Page - Analog Devices ADV7170KSUZ Datasheet HTML 5Page - Analog Devices ADV7170KSUZ Datasheet HTML 6Page - Analog Devices ADV7170KSUZ Datasheet HTML 7Page - Analog Devices ADV7170KSUZ Datasheet HTML 8Page - Analog Devices ADV7170KSUZ Datasheet HTML 9Page - Analog Devices ADV7170KSUZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
ADV7170/ADV7171
Rev. C | Page 6 of 64
DYNAMIC SPECIFICATIONS
VAA = 5 V ± 5%1, VREF = 1.235 V, RSET = 150 Ω. All specifications TMIN to TMAX2, unless otherwise noted.
Table 3.
Parameter
Conditions1
Min
Typ
Max
Unit
Differential Gain3, 4
Normal power mode
0.3
0.7
%
Differential Phase3, 4
Normal power mode
0.4
0.7
Degrees
Differential Gain3, 4
Lower power mode
1.0
2.0
%
Differential Phase3, 4
Lower power mode
1.0
2.0
Degrees
SNR3, 4(Pedestal)
RMS
80
dB rms
SNR3, 4(Pedestal)
Peak periodic
70
dB p-p
SNR3, 4(Ramp)
RMS
60
dB rms
SNR3, 4(Ramp)
Peak periodic
58
dB p-p
Hue Accuracy3, 4
0.7
1.2
Degrees
Color Saturation Accuracy3, 4
0.9
1.4
%
Chroma Nonlinear Gain3, 4
Referenced to 40 IRE
0.6
±%
Chroma Nonlinear Phase3 4
0.3
0.5
±Degrees
Chroma/Luma Intermod3, 4
0.2
0.4
±%
Chroma/Luma Gain Inequality3, 4
1.0
1.4
±%
Chroma/Luma Delay Inequality3, 4
0.5
2.0
ns
Luminance Nonlinearity3, 4
0.8
1.4
±%
Chroma AM Noise3, 4
82
85
dB
Chroma PM Noise3, 4
79
81
dB
1 The min/max specifications are guaranteed over this range. The min/max values are typical over 4.75 V to 5.25 V.
2 Ambient temperature range TMIN to TMAX: −40°C to +85°C. The die temperature, TJ, must always be kept below 110°C.
3 Guaranteed by characterization.
4 These specifications are for the low-pass filter only and are guaranteed by design.
VAA = 3.0 V to 3.6 V1, VREF = 1.235 V, RSET = 150 Ω. All specifications TMIN to TMAX2, unless otherwise noted.
Table 4.
Parameter
Conditions1
Min
Typ
Max
Unit
Differential Gain3
Normal power mode
1.0
%
Differential Phase3
Normal power mode
0.5
Degrees
Differential Gain3
Lower power mode
0.6
%
Differential Phase3
Lower power mode
0.5
Degrees
SNR3 (Pedestal)
RMS
78
dB rms
SNR3 (Pedestal)
Peak periodic
70
dB p-p
SNR3 (Ramp)
RMS
60
dB rms
SNR3 (Ramp)
Peak periodic
58
dB p-p
Hue Accuracy3
1.0
Degrees
Color Saturation Accuracy3
1.0
%
Luminance Nonlinearity3, 4
1.4
±%
Chroma AM Noise3, 4
80
dB
Chroma PM Noise3, 4
79
dB
Chroma Nonlinear Gain3, 4
Referenced to 40 IRE
0.6
±%
Chroma Nonlinear Phase3, 4
0.3
0.5
±Degrees
Chroma/Luma Intermod3, 4
0.2
0.4
±%
1 The min/max specifications are guaranteed over this range. The min/max values are typical over 4.75 V to 5.25 V.
2 Ambient temperature range TMIN to TMAX: −40°C to +85°C. The die temperature, TJ, must always be kept below 110°C.
3 Guaranteed by characterization.
4 These specifications are for the low-pass filter only and are guaranteed by design. For other internal filters, see Table 10.


Similar Part No. - ADV7170KSUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7170KS AD-ADV7170KS Datasheet
754Kb / 55P
   Digital PAL/NTSC Video Encoder with 10-Bit SSAF??and Advanced Power Management
REV. 0
More results

Similar Description - ADV7170KSUZ

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811_12 Datasheet
382Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8817 AKM-AK8817 Datasheet
800Kb / 43P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com