Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-21367BBPZ-2A Datasheet(PDF) 9 Page - Analog Devices

Part # ADSP-21367BBPZ-2A
Description  SHARC Processors
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21367BBPZ-2A Datasheet(HTML) 9 Page - Analog Devices

Back Button ADSP-21367BBPZ-2A Datasheet HTML 5Page - Analog Devices ADSP-21367BBPZ-2A Datasheet HTML 6Page - Analog Devices ADSP-21367BBPZ-2A Datasheet HTML 7Page - Analog Devices ADSP-21367BBPZ-2A Datasheet HTML 8Page - Analog Devices ADSP-21367BBPZ-2A Datasheet HTML 9Page - Analog Devices ADSP-21367BBPZ-2A Datasheet HTML 10Page - Analog Devices ADSP-21367BBPZ-2A Datasheet HTML 11Page - Analog Devices ADSP-21367BBPZ-2A Datasheet HTML 12Page - Analog Devices ADSP-21367BBPZ-2A Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
ADSP-21367/ADSP-21368/ADSP-21369
Rev. E
|
Page 9 of 60
|
July 2009
The serial ports also contain frame sync error detection logic
where the serial ports detect frame syncs that arrive early (for
example, frame syncs that arrive while the transmission/recep-
tion of the previous word is occurring). All the serial ports also
share one dedicated error interrupt.
S/PDIF-Compatible Digital Audio Receiver/Transmitter
The S/PDIF receiver/transmitter has no separate DMA chan-
nels. It receives audio data in serial format and converts it into a
biphase encoded signal. The serial data input to the
receiver/transmitter can be formatted as left-justified, I2S, or
right-justified with word widths of 16, 18, 20, or 24 bits.
The serial data, clock, and frame sync inputs to the S/PDIF
receiver/transmitter are routed through the signal routing unit
(SRU). They can come from a variety of sources such as the
SPORTs, external pins, the precision clock generators (PCGs),
or the sample rate converters (SRC) and are controlled by the
SRU control registers.
Synchronous/Asynchronous Sample Rate Converter
The sample rate converter (SRC) contains four SRC blocks and
is the same core as that used in the AD1896 192 kHz stereo
asynchronous sample rate converter and provides up to 128 dB
SNR. The SRC block is used to perform synchronous or asyn-
chronous sample rate conversion across independent stereo
channels, without using internal processor resources. The four
SRC blocks can also be configured to operate together to con-
vert multichannel audio data without phase mismatches.
Finally, the SRC can be used to clean up audio data from jittery
clock sources such as the S/PDIF receiver.
Input Data Port
The IDP provides up to eight serial input channels—each with
its own clock, frame sync, and data inputs. The eight channels
are automatically multiplexed into a single 32-bit by eight-deep
FIFO. Data is always formatted as a 64-bit frame and divided
into two 32-bit words. The serial protocol is designed to receive
audio channels in I2S, left-justified sample pair, or right-justi-
fied mode. One frame sync cycle indicates one 64-bit left/right
pair, but data is sent to the FIFO as 32-bit words (that is, one-
half of a frame at a time). The processor supports 24- and 32-bit
I2S, 24- and 32-bit left-justified, and 24-, 20-, 18- and 16-bit
right-justified formats.
Precision Clock Generators
The precision clock generators (PCG) consist of four units, each
of which generates a pair of signals (clock and frame sync)
derived from a clock input signal. The units, A B, C, and D, are
identical in functionality and operate independently of each
other. The two signals generated by each unit are normally used
as a serial bit clock/frame sync pair.
Digital Peripheral Interface (DPI)
The digital peripheral interface provides connections to two
serial peripheral interface ports (SPI), two universal asynchro-
nous receiver-transmitters (UARTs), a 2-wire interface (TWI),
12 flags, and three general-purpose timers.
Serial Peripheral (Compatible) Interface
The processors contain two serial peripheral interface ports
(SPIs). The SPI is an industry-standard synchronous serial link,
enabling the SPI-compatible port to communicate with other
SPI-compatible devices. The SPI consists of two data pins, one
device select pin, and one clock pin. It is a full-duplex
synchronous serial interface, supporting both master and slave
modes. The SPI port can operate in a multimaster environment
by interfacing with up to four other SPI-compatible devices,
either acting as a master or slave device. The ADSP-21367/
ADSP-21368/ADSP-21369 SPI-compatible peripheral imple-
mentation also features programmable baud rate and clock
phase and polarities. The SPI-compatible port uses open-drain
drivers to support a multimaster configuration and to avoid
data contention.
UART Port
The processors provide a full-duplex universal asynchronous
receiver/transmitter (UART) port, which is fully compatible
with PC-standard UARTs. The UART port provides a simpli-
fied UART interface to other peripherals or hosts, supporting
full-duplex, DMA-supported, asynchronous transfers of serial
data. The UART also has multiprocessor communication capa-
bility using 9-bit address detection. This allows it to be used in
multidrop networks through the RS-485 data interface
standard. The UART port also includes support for five data bits
to eight data bits, one stop bit or two stop bits, and none, even,
or odd parity. The UART port supports two modes of
operation:
• PIO (programmed I/O) – The processor sends or receives
data by writing or reading I/O-mapped UART registers.
The data is double-buffered on both transmit and receive.
• DMA (direct memory access) – The DMA controller trans-
fers both transmit and receive data. This reduces the
number and frequency of interrupts required to transfer
data to and from memory. The UART has two dedicated
DMA channels, one for transmit and one for receive. These
DMA channels have lower default priority than most DMA
channels because of their relatively low service rates.
The UART port’s baud rate, serial data format, error code gen-
eration and status, and interrupts are programmable:
• Supporting bit rates ranging from (f
SCLK/1,048,576) to
(f
SCLK/16) bits per second.
• Supporting data formats from 7 bits to 12 bits per frame.
• Both transmit and receive operations can be configured to
generate maskable interrupts to the processor.
Where the 16-bit UART_Divisor comes from the DLH register
(most significant eight bits) and DLL register (least significant
eight bits).
In conjunction with the general-purpose timer functions, auto-
baud detection is supported.


Similar Part No. - ADSP-21367BBPZ-2A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21367BBPZ-2A AD-ADSP-21367BBPZ-2A Datasheet
1Mb / 56P
   SHARC Processors
REV. A
More results

Similar Description - ADSP-21367BBPZ-2A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21367 AD-ADSP-21367_06 Datasheet
1Mb / 56P
   SHARC Processors
REV. A
ADSP-21367 AD-ADSP-21367_08 Datasheet
760Kb / 56P
   SHARC Processors
REV. C
ADSP-21364BSWZ-1AA AD-ADSP-21364BSWZ-1AA Datasheet
1Mb / 56P
   SHARC Processors
Rev. G
ADSP-21262 AD-ADSP-21262 Datasheet
1Mb / 44P
   SHARC Processor
REV. A
ADSP-21362 AD-ADSP-21362 Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
949Kb / 64P
   SHARC Processor
Rev. F
ADSP-21489BSWZ-4B AD-ADSP-21489BSWZ-4B Datasheet
1Mb / 68P
   SHARC Processor
REV. B
ADSP-21477KCPZ-1A AD-ADSP-21477KCPZ-1A Datasheet
1Mb / 76P
   SHARC Processor
REV. C
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21062LCSZ-160 AD-ADSP-21062LCSZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com