Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADR293GRUZ-REEL Datasheet(PDF) 2 Page - Analog Devices

Part # ADR293GRUZ-REEL
Description  Low Noise, Micropower 5.0 V Precision Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR293GRUZ-REEL Datasheet(HTML) 2 Page - Analog Devices

  ADR293GRUZ-REEL Datasheet HTML 1Page - Analog Devices ADR293GRUZ-REEL Datasheet HTML 2Page - Analog Devices ADR293GRUZ-REEL Datasheet HTML 3Page - Analog Devices ADR293GRUZ-REEL Datasheet HTML 4Page - Analog Devices ADR293GRUZ-REEL Datasheet HTML 5Page - Analog Devices ADR293GRUZ-REEL Datasheet HTML 6Page - Analog Devices ADR293GRUZ-REEL Datasheet HTML 7Page - Analog Devices ADR293GRUZ-REEL Datasheet HTML 8Page - Analog Devices ADR293GRUZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ADR293
Rev. D | Page 2 of 12
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Pin Configurations ........................................................................... 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Specifications............................................................... 3
Absolute Maximum Ratings............................................................ 5
Thermal Resistance ...................................................................... 5
ESD Caution.................................................................................. 5
Typical Performance Characteristics ............................................. 6
Terminology .......................................................................................9
Theory of Operation ...................................................................... 10
Device Power Dissipation Considerations.............................. 10
Basic Voltage Reference Connections ..................................... 10
Noise Performance ..................................................................... 10
Turn-On Time ............................................................................ 10
Applications..................................................................................... 11
Kelvin Connections.................................................................... 11
Voltage Regulator for Portable Equipment ............................. 11
Outline Dimensions ....................................................................... 12
Ordering Guide .......................................................................... 12
REVISION HISTORY
5/11—Rev. C to Rev. D
Delete Negative Precision Reference Without Precision
Resistors Section ............................................................................. 11
Delete Figure 23 and Figure 24, Renumbered Sequentially...... 11
9/10—Rev. B to Rev. C
Changes to Table 2 and Table 3....................................................... 3
Changes to Table 4............................................................................ 4
Changes to Figure 10, Figure 11, Figure 13................................... 7
Changes to Captions for Figure 17 to Figure 19........................... 8
6/07—Rev. A to Rev. B
Updated Format..................................................................Universal
Changes to Table 1.............................................................................1
Updated Outline Dimensions....................................................... 13
Changes to Ordering Guide .......................................................... 13
3/01—Rev. 0 to Rev. A


Similar Part No. - ADR293GRUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR293GRU-REEL AD-ADR293GRU-REEL Datasheet
159Kb / 11P
   Low Noise Micropower Precision Voltage Reference
REV. 0
ADR293GRU-REEL7 AD-ADR293GRU-REEL7 Datasheet
159Kb / 11P
   Low Noise Micropower Precision Voltage Reference
REV. 0
More results

Similar Description - ADR293GRUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR293-EP AD-ADR293-EP Datasheet
182Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. 0
ADR293 AD-ADR293_15 Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293GRZ AD-ADR293GRZ Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293 AD-ADR293 Datasheet
159Kb / 11P
   Low Noise Micropower Precision Voltage Reference
REV. 0
logo
Zetex Semiconductors
ZRB500 ZETEX-ZRB500 Datasheet
143Kb / 5P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZREF50 DIODES-ZREF50 Datasheet
78Kb / 4P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
ZR4040_5.0 DIODES-ZR4040_5.0 Datasheet
98Kb / 5P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZREF50 ZETEX-ZREF50 Datasheet
67Kb / 4P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com