Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSQC4411C Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MSQC4411C
Description  0.4 inch (10.2mm) 4 Digit CLOCK STICK DISPLAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MSQC4411C Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MSQC4411C Datasheet HTML 1Page - Fairchild Semiconductor MSQC4411C Datasheet HTML 2Page - Fairchild Semiconductor MSQC4411C Datasheet HTML 3Page - Fairchild Semiconductor MSQC4411C Datasheet HTML 4Page - Fairchild Semiconductor MSQC4411C Datasheet HTML 5Page - Fairchild Semiconductor MSQC4411C Datasheet HTML 6Page - Fairchild Semiconductor MSQC4411C Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
7/22/02
Page 4 of 7
© 2002 Fairchild Semiconductor Corporation
0.4 inch (10.2mm) 4 Digit
CLOCK STICK DISPLAY
Bright Red MSQC4111C
High Efficiency MSQC4911C
Green MSQC4411C
GRAPHICAL DATA Bright Red (TA = 25°C, unless otherwise specified)
50
1.2
1.6
FORWARD VOLTAGE (VF) - VOLTS
WAVELENGTH (
λ) - nm
Fig. 1 FORWARD CURRENT VS. FORWARD VOLTAGE
Fig. 2 SPECTRAL RESPONSE
2.0
2.4
2.8
40
30
20
10
0
1.5
2.0
2.25
2.5
010
IF - FORWARD CURRENT - mA
Fig. 3 RELATIVE LUMINOUS INTENSITY
VS. FORWARD CURRENT
20
30
40
50
1.25
1.0
0.5
0.25
0
2
10
DUTY CYCLE % PER SEGMENT
(AVERAGE IF = 10mA)
Fig. 5 LUMINOUS INTENSITY VS. DUTY CYCLE
20
40
DC
1.5
1
25
30
35
-40
-20
0
TA - AMBIENT TEMPERATURE °C
Fig. 4 MAXIMUM ALLOWABLE DC CURRENT PER
SEGMENT VS. A FUNCTION OF AMBIENT
TEMPERATURE
20
30
60
80 100
20
15
10
5
0
1000
1
DUTY CYCLE %
Fig. 6 MAX PEAK CURRENT VS. DUTY CYCLE %
(REFRESH RATE f = 1 KHz)
3
5
10
20 50
100
500
200
100
75
50
25
10
100
120
600
640
680
720
760
800
80
60
40
20
0


Similar Part No. - MSQC4411C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MSQC4H11C FAIRCHILD-MSQC4H11C Datasheet
148Kb / 4P
   0.4 Inch (10.2mm) 4 Digit CLOCK STICK DISPLAY
MSQC4R11C FAIRCHILD-MSQC4R11C Datasheet
148Kb / 4P
   0.4 Inch (10.2mm) 4 Digit CLOCK STICK DISPLAY
MSQC4Y11C FAIRCHILD-MSQC4Y11C Datasheet
148Kb / 4P
   0.4 Inch (10.2mm) 4 Digit CLOCK STICK DISPLAY
More results

Similar Description - MSQC4411C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MSQC4H11C FAIRCHILD-MSQC4H11C Datasheet
148Kb / 4P
   0.4 Inch (10.2mm) 4 Digit CLOCK STICK DISPLAY
MST4111C FAIRCHILD-MST4111C Datasheet
280Kb / 7P
   0.4 INCH (10.2MM) THREE DIGIT STICK DISPLAY
MSD4110C FAIRCHILD-MSD4110C Datasheet
272Kb / 7P
   0.4 INCH (10.1MM) TWO DIGIT STICK DISPLAY
logo
SunLED Corporation
DMR10A3-A SUNLED-DMR10A3-A Datasheet
191Kb / 4P
   10.2mm (0.4) THREE DIGIT NUMERIC DISPLAY
DUR10C3-A SUNLED-DUR10C3-A Datasheet
193Kb / 4P
   10.2mm (0.4?? THREE DIGIT NUMERIC DISPLAY
DUY10A3 SUNLED-DUY10A3 Datasheet
192Kb / 4P
   10.2mm (0.4?? THREE DIGIT NUMERIC DISPLAY
DUG10C3-A SUNLED-DUG10C3-A Datasheet
193Kb / 4P
   10.2mm (0.4) THREE DIGIT NUMERIC DISPLAY
DUY10C3-A SUNLED-DUY10C3-A Datasheet
195Kb / 4P
   10.2mm (0.4?? THREE DIGIT NUMERIC DISPLAY
DUY10A3-A SUNLED-DUY10A3-A Datasheet
194Kb / 4P
   10.2mm (0.4?? THREE DIGIT NUMERIC DISPLAY
DUG10A3 SUNLED-DUG10A3 Datasheet
190Kb / 4P
   10.2mm (0.4?? THREE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com