Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9600BCPZ-150 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9600BCPZ-150
Description  10-Bit, 105 MSPS/125 MSPS/150 MSPS
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9600BCPZ-150 Datasheet(HTML) 1 Page - Analog Devices

  AD9600BCPZ-150 Datasheet HTML 1Page - Analog Devices AD9600BCPZ-150 Datasheet HTML 2Page - Analog Devices AD9600BCPZ-150 Datasheet HTML 3Page - Analog Devices AD9600BCPZ-150 Datasheet HTML 4Page - Analog Devices AD9600BCPZ-150 Datasheet HTML 5Page - Analog Devices AD9600BCPZ-150 Datasheet HTML 6Page - Analog Devices AD9600BCPZ-150 Datasheet HTML 7Page - Analog Devices AD9600BCPZ-150 Datasheet HTML 8Page - Analog Devices AD9600BCPZ-150 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
10-Bit, 105 MSPS/125 MSPS/150 MSPS,
1.8 V Dual Analog-to-Digital Converter
AD9600
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007–2009 Analog Devices, Inc. All rights reserved.
FEATURES
SNR = 60.6 dBc (61.6 dBFS) to 70 MHz at 150 MSPS
SFDR = 81 dBc to 70 MHz at 150 MSPS
Low power: 825 mW at 150 MSPS
1.8 V analog supply operation
1.8 V to 3.3 V CMOS output supply or 1.8 V LVDS supply
Integer 1 to 8 input clock divider
Intermediate frequency (IF) sampling frequencies up to 450 MHz
Internal analog-to-digital converter (ADC) voltage reference
Integrated ADC sample-and-hold inputs
Flexible analog input: 1 V p-p to 2 V p-p range
Differential analog inputs with 650 MHz bandwidth
ADC clock duty cycle stabilizer
95 dB channel isolation/crosstalk
Serial port control
User-configurable built-in self-test (BIST) capability
Energy-saving power-down modes
Integrated receive features
Fast detect/threshold bits
Composite signal monitor
APPLICATIONS
Point-to-point radio receivers (GPSK, QAM)
Diversity radio systems
I/Q demodulation systems
Smart antenna systems
Digital predistortion
General-purpose software radios
Broadband data applications
Data acquisition
Nondestructive testing
PRODUCT HIGHLIGHTS
1.
Integrated dual, 10-bit, 150 MSPS/125 MSPS/105 MSPS ADC.
2.
Fast overrange detect and signal monitor with serial output.
3.
Signal monitor block with dedicated serial output mode.
4.
Proprietary differential input maintains excellent SNR
performance for input frequencies up to 450 MHz.
5.
The AD9600 operates from a single 1.8 V supply and
features a separate digital output driver supply to
accommodate 1.8 V to 3.3 V logic families.
6.
A standard serial port interface supports various product
features and functions, such as data formatting (offset
binary, twos complement, or gray coding), enabling the
clock DCS, power-down mode, and voltage reference mode.
7.
The AD9600 is pin compatible with the AD9627-11, AD9627,
and AD9640, allowing a simple migration from 10 bits to
11 bits, 12 bits, or 14 bits.
FUNCTIONAL BLOCK DIAGRAM
SIGNAL
MONITOR
SHA
ADC
D9A
D0A
VIN + A
VIN – A
DRVDD
DVDD
AVDD
CSB
SCLK/
DFS
SPI
PROGRAMMING DATA
SDIO/
DCS
FD[0:3]A
FD BITS/THRESHOLD
DETECT
SHA
ADC
D0B
D9B
VIN + B
VIN – B
DCOA
DCOB
CLK+
CLK–
DCO
GENERATION
DUTY CYCLE
STABLIZER
DIVIDE 1
TO 8
DRGND
SYNC
AGND
SMI
SDO/
OEB
SMI
SCLK/
PDWN
SERIAL MONITOR
DATA
SMI
SDFS
SERIAL MONITOR
INTERFACE
FD[0:3]B
FD BITS/THRESHOLD
DETECT
MULTICHIP
SYNC
VREF
SENSE
CML
–+
REFERENCE
SELECT
AD9600
NOTES
1. PIN NAMES ARE FOR THE CMOS PIN CONFIGURATION ONLY;
SEE FIGURE 7 FOR LVDS PIN NAMES.
Figure 1.


Similar Part No. - AD9600BCPZ-150

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9600BCPZ-150 AD-AD9600BCPZ-150 Datasheet
2Mb / 73P
   1.8 V Dual Analog-to-Digital Converter
More results

Similar Description - AD9600BCPZ-150

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9627 AD-AD9627_15 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS
REV. B
AD9255BCPZRL7-80 AD-AD9255BCPZRL7-80 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS/80 MSPS
REV. C
AD9253 AD-AD9253 Datasheet
1Mb / 40P
   Quad, 14-Bit, 80 MSPS/105 MSPS/125 MSPS
REV. 0
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
logo
Analog Devices
AD9433 AD-AD9433_15 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSQZ-125 AD-AD9433BSQZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSVZ-125 AD-AD9433BSVZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9760 AD-AD9760_15 Datasheet
413Kb / 23P
   10-Bit, 125 MSPS
REV. B
logo
Integrated Device Techn...
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com