Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9229ABCPZRL7-50 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9229ABCPZRL7-50
Description  Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9229ABCPZRL7-50 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9229ABCPZRL7-50 Datasheet HTML 7Page - Analog Devices AD9229ABCPZRL7-50 Datasheet HTML 8Page - Analog Devices AD9229ABCPZRL7-50 Datasheet HTML 9Page - Analog Devices AD9229ABCPZRL7-50 Datasheet HTML 10Page - Analog Devices AD9229ABCPZRL7-50 Datasheet HTML 11Page - Analog Devices AD9229ABCPZRL7-50 Datasheet HTML 12Page - Analog Devices AD9229ABCPZRL7-50 Datasheet HTML 13Page - Analog Devices AD9229ABCPZRL7-50 Datasheet HTML 14Page - Analog Devices AD9229ABCPZRL7-50 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
AD9229
Rev. B | Page 11 of 40
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
0
–20
–40
–60
–80
–120
–100
0
8.1
4.1
12.2
16.3
20.3
24.4
28.4
32.5
AIN = –0.5dBFS
SNR = 70.4dB
ENOB = 11.4 BITS
SFDR = 85.8dBC
Figure 9. Single-Tone 32k FFT with fIN = 2.4 MHz, fSAMPLE = 65 MSPS
FREQUENCY (MHz)
0
–20
–40
–60
–80
–120
–100
0
8.1
4.1
12.2
16.3
20.3
24.4
28.4
32.5
AIN = –0.5dBFS
SNR = 69.6dB
ENOB = 11.3 BITS
SFDR = 82.4dBC
Figure 10. Single-Tone 32k FFT with fIN = 30 MHz, fSAMPLE = 65 MSPS
FREQUENCY (MHz)
0
–20
–40
–60
–80
–120
–100
0
8.1
4.1
12.2
16.3
20.3
24.4
28.4
32.5
AIN = –0.5dBFS
SNR = 68.5dB
ENOB = 11.1 BITS
SFDR = 81.3dBC
Figure 11. Single-Tone 32k FFT with fIN = 70 MHz, fSAMPLE = 65 MSPS
FREQUENCY (MHz)
0
–20
–40
–60
–80
–120
–100
0
8.1
4.1
12.2
16.3
20.3
24.4
28.4
32.5
AIN = –0.5dBFS
SNR = 68.1dB
ENOB = 11.0 BITS
SFDR = 77.0dBC
Figure 12. Single-Tone 32k FFT with fIN = 120 MHz, fSAMPLE = 65 MSPS
ENCODE (MSPS)
90
85
80
75
70
60
65
10
20
15
25
30
35
40
45
50
2V p-p, SNR (dB)
1V p-p, SFDR (dBc)
1V p-p, SNR (dB)
2V p-p, SFDR (dBc)
AIN = –0.5dBFS
Figure 13. SNR/SFDR vs. fSAMPLE, fIN = 10.3 MHz, fSAMPLE = 50 MSPS
ENCODE (MSPS)
90
85
80
75
70
60
65
10
20
15
25
30
35
40
45
50
2V p-p, SNR (dB)
1V p-p, SFDR (dBc)
1V p-p, SNR (dB)
2V p-p, SFDR (dBc)
AIN = –0.5dBFS
Figure 14. SNR/SFDR vs. fSAMPLE, fIN = 25 MHz, fSAMPLE = 50 MSPS


Similar Part No. - AD9229ABCPZRL7-50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9229ABCPZRL7-50 AD-AD9229ABCPZRL7-50 Datasheet
785Kb / 41P
   Serial, LVDS, 3 V A/D Converter
More results

Similar Description - AD9229ABCPZRL7-50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9229 AD-AD9229_15 Datasheet
789Kb / 40P
   Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9229 AD-AD9229 Datasheet
471Kb / 15P
   Quad 12-Bit, 50/65 MSPS Serial LVDS 3V A/D Converter
Rev. PrF 10/06/2003
AD9289 AD-AD9289_15 Datasheet
1Mb / 32P
   Quad 8-Bit, 65 MSPS, Serial LVDS 3 V A/D Converter
REV. 0
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9228 AD-AD9228 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
AD9222-65EBZ AD-AD9222-65EBZ Datasheet
2Mb / 60P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. F
AD9222 AD-AD9222_17 Datasheet
2Mb / 61P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
AD9289 AD-AD9289 Datasheet
1Mb / 16P
   Quad 8-Bit, 65 MSPS Serial LVDS 3V A/D Converter
Rev. PrJ 6/25/2004
AD9219 AD-AD9219 Datasheet
1Mb / 52P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com