Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8538ARZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD8538ARZ
Description  Low Power, Precision, Auto-Zero Op Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8538ARZ Datasheet(HTML) 1 Page - Analog Devices

  AD8538ARZ Datasheet HTML 1Page - Analog Devices AD8538ARZ Datasheet HTML 2Page - Analog Devices AD8538ARZ Datasheet HTML 3Page - Analog Devices AD8538ARZ Datasheet HTML 4Page - Analog Devices AD8538ARZ Datasheet HTML 5Page - Analog Devices AD8538ARZ Datasheet HTML 6Page - Analog Devices AD8538ARZ Datasheet HTML 7Page - Analog Devices AD8538ARZ Datasheet HTML 8Page - Analog Devices AD8538ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Low Power, Precision, Auto-Zero Op Amps
Data Sheet
AD8538/AD8539
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2005–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low offset voltage: 13 µV maximum
Input offset drift: 0.03 µV/°C
Single-supply operation: 2.7 V to 5.5 V
High gain, CMRR, and PSRR
Low input bias current: 25 pA
Low supply current: 180 µA
Qualified for automotive applications
APPLICATIONS
Mobile communications
Portable instrumentation
Battery-powered devices
Sensor interfaces
Temperature measurement
Electronic scales
GENERAL DESCRIPTION
The AD8538/AD8539 are very high precision amplifiers featuring
extremely low offset voltage, low input bias current, and low power
consumption. The supply current is less than 215 μA maximum
per amplifier at 5.0 V. Operation is fully specified from 2.7 V to
5.0 V single supply (±1.35 V to ±2.5 V dual supply).
The AD8538/AD8539 operate at very low power making these
amplifiers ideal for battery-powered devices and portable
equipment.
The AD8538/AD8539 are specified over the extended industrial
temperature range (−40°C to +125°C). The AD8538 amplifier is
available in 5-lead TSOT-23, and 8-lead, narrow body SOIC
packages, and the AD8539 amplifier is available in 8-lead, narrow
body SOIC and 8-lead MSOP. See the Ordering Guide for the
automotive part.
PIN CONFIGURATIONS
OUT
1
V–
2
+IN
3
V+
5
–IN
4
AD8538
TOP VIEW
(Not to Scale)
Figure 1. 5-Lead TSOT-23 (UJ-5)
NC
1
−IN 2
+IN
3
V− 4
NC
8
V+
7
OUT
6
NC
5
NC = NO CONNECT
AD8538
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead SOIC_N (R-8)
OUT A 1
–IN A 2
+IN A 3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8539
TOP VIEW
(Not to Scale)
Figure 3. 8-Lead SOIC_N (R-8)
OUT A 1
–IN A 2
+IN A 3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8539
TOP VIEW
(Not to Scale)
Figure 4. 8-Lead MSOP (RM-8)


Similar Part No. - AD8538ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8538ARZ AD-AD8538ARZ Datasheet
268Kb / 12P
   Low Power, Precision Auto-Zero Op Amp
REV. 0
AD8538ARZ-REEL AD-AD8538ARZ-REEL Datasheet
268Kb / 12P
   Low Power, Precision Auto-Zero Op Amp
REV. 0
AD8538ARZ-REEL7 AD-AD8538ARZ-REEL7 Datasheet
268Kb / 12P
   Low Power, Precision Auto-Zero Op Amp
REV. 0
More results

Similar Description - AD8538ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8538 AD-AD8538_07 Datasheet
982Kb / 24P
   Low Power, Precision, Auto-Zero Op Amps
REV. A
AD8538 AD-AD8538_15 Datasheet
797Kb / 24P
   Low Power, Precision, Auto-Zero Op Amps
Rev. B
AD8539 AD-AD8539_15 Datasheet
797Kb / 24P
   Low Power, Precision, Auto-Zero Op Amps
Rev. B
AD8538 AD-AD8538 Datasheet
268Kb / 12P
   Low Power, Precision Auto-Zero Op Amp
REV. 0
logo
Maxim Integrated Produc...
MAX9943 MAXIM-MAX9943 Datasheet
275Kb / 15P
   High-Voltage, Precision, Low-Power Op Amps
Rev 2; 6/09
MAX9943 MAXIM-MAX9943_V01 Datasheet
1Mb / 11P
   High-Voltage, Precision, Low-Power Op Amps
2017
logo
Texas Instruments
TLV387 TI-TLV387_V01 Datasheet
2Mb / 27P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2021
TLV387 TI-TLV387_V02 Datasheet
1Mb / 31P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
REVISED NOVEMBER 2023
TLV387 TI-TLV387 Datasheet
1Mb / 20P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2021
TLV387 TI1-TLV387_V03 Datasheet
1Mb / 33P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
REVISED NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com