Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOC3023SR2VM Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # MOC3023SR2VM
Description  6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC3023SR2VM Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button MOC3023SR2VM Datasheet HTML 2Page - Fairchild Semiconductor MOC3023SR2VM Datasheet HTML 3Page - Fairchild Semiconductor MOC3023SR2VM Datasheet HTML 4Page - Fairchild Semiconductor MOC3023SR2VM Datasheet HTML 5Page - Fairchild Semiconductor MOC3023SR2VM Datasheet HTML 6Page - Fairchild Semiconductor MOC3023SR2VM Datasheet HTML 7Page - Fairchild Semiconductor MOC3023SR2VM Datasheet HTML 8Page - Fairchild Semiconductor MOC3023SR2VM Datasheet HTML 9Page - Fairchild Semiconductor MOC3023SR2VM Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
4/30/03
Page 8 of 10
© 2003 Fairchild Semiconductor Corporation
6-PIN DIP RANDOM-PHASE
OPTOISOLATORS TRIAC DRIVER OUTPUT
(250/400 VOLT PEAK)
MOC3010M MOC3011M
MOC3012M
MOC3020M
MOC3021M
MOC3022M
MOC3023M
ORDERING INFORMATION
MARKING INFORMATION
Option
Order Entry Identifier
Description
S
S
Surface Mount Lead Bend
SR2
SR2
Surface Mount; Tape and reel
T
T
0.4" Lead Spacing
V
V
VDE 0884
TV
TV
VDE 0884, 0.4" Lead Spacing
SV
SV
VDE 0884, Surface Mount
SR2V
SR2V
VDE 0884, Surface Mount, Tape & Reel
MOC3010
V
X YY Q
1
2
6
4
3
5
*Note – Parts that do not have the ‘V’ option (see definition 3 above) that are marked with
date code ‘325’ or earlier are marked in portrait format.
Definitions
1
Fairchild logo
2
Device number
3
VDE mark (Note: Only appears on parts ordered with VDE
option – See order entry table)
4
One digit year code, e.g., ‘3’
5
Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code


Similar Part No. - MOC3023SR2VM

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
MOC3023S LITEON-MOC3023S Datasheet
266Kb / 8P
   6pin DIP photocoupler, triac driver output
logo
Shenzhen Tenand Technol...
MOC3023S TENAND-MOC3023S Datasheet
193Kb / 9P
   Property of Lite-on Only
logo
Lite-On Technology Corp...
MOC3023S-TA1 LITEON-MOC3023S-TA1 Datasheet
266Kb / 8P
   6pin DIP photocoupler, triac driver output
logo
Shenzhen Tenand Technol...
MOC3023S-TA1 TENAND-MOC3023S-TA1 Datasheet
193Kb / 9P
   Property of Lite-on Only
logo
Guangdong Youtai Semico...
MOC3023SM UMW-MOC3023SM Datasheet
1Mb / 6P
   Random Phase Triac Driven Optocoupler
More results

Similar Description - MOC3023SR2VM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3010M FAIRCHILD-MOC3010M_05 Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010M FAIRCHILD-MOC3010M_09 Datasheet
275Kb / 11P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3010-M FAIRCHILD-MOC3010-M Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3022-M FAIRCHILD-MOC3022-M Datasheet
527Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3041T-M FAIRCHILD-MOC3041T-M Datasheet
278Kb / 12P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3031M FAIRCHILD-MOC3031M Datasheet
520Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010 FAIRCHILD-MOC3010 Datasheet
185Kb / 7P
   6-Pin DIP Random-Phoase Optoisolators Triac Driver Output (250 Volts Peak)
2000
logo
ON Semiconductor
MOC3010M ONSEMI-MOC3010M_V01 Datasheet
333Kb / 12P
   6-Pin DIP Random-Phase Triac Driver Output Optocoupler (250/400 V Peak)
June, 2023 - Rev. 3
logo
Fairchild Semiconductor
MOC3021 FAIRCHILD-MOC3021 Datasheet
176Kb / 7P
   6-Pin DIP Random-phase Optoisolators Triac Driver Output
MOC3052M FAIRCHILD-MOC3052M Datasheet
553Kb / 11P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com